Part Number Hot Search : 
MG200 MG200 SNC12060 MBR164 DG413DY HWD82 SC413 S1M8831A
Product Description
Full Text Search
 

To Download PIC0401H2R2MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (a) (d) (b) (e) 1. part no. expression : (b) dimension code (c) type code (a) series code 2. configuration & dimensions : a superworld electronics (s) pte ltd 3. schematic : (d) inductance code : 100 = 10.0uh (e) tolerance code : m = 20%,y = 30% pg. 1 4.060.25 b c 0.80.2 d 1.50.20 e 4.450.25 0.760.30 (c) (f) (f) f : rohs compliant 100 a b c d e 4. materials : p i c 0 4 0 1 h 1 0 0 m f - 09.11.2015 smd power choke coil pic0401h series note : specifications subject to change without notice. please check our website for latest information. unit:m/m (a) core (b) wire (c) terminal (e) paint l h g g h l 2.2 1.8 5.2 recommend pc board pattern (d) ink (g) (g) 11~99 : internal controlled number
superworld electronics (s) pte ltd pg. 2 6. electrical characteristics : inductance l part no. pic0401h1r0mf 0 1.0 ( h ) @ 0 a 50 dcr typ. @ 25c ( m ) irms ( a ) 3.6 5.5 ( a ) isat typ. typ. dcr ( m ) max. @ 25c 58 pic0401h1r2mf 1.2 53 3.4 5.0 62 pic0401h1r5mf 1.5 67 2.6 3.7 78 PIC0401H2R2MF 2.2 95 2.3 3.4 112 pic0401h3r3mf 3.3 156 2.1 2.8 188 pic0401h4r7mf 4.7 262 1.7 2.2 315 pic0401h6r8mf 6.8 386 1.3 1.7 463 pic0401h8r2mf 8.2 500 1.2 1.6 585 pic0401h100mf 10.0 550 1.1 1.4 650 smd power choke coil note : specifications subject to change without notice. please check our website for latest information. pic0401h5r6mf 5.6 306 1.5 2.0 368 09.11.2015 pic0401h series tolerance code : m = 20%, y = 30% 5. general specification : g) part temperature (ambient+temp. rise) : should not exceed 125c under worst case operating conditions. e) heat rated current (irms) will cause the coil temperature rise approximately t of 40c (keep 1min) f ) saturation current (isat) will cause l0 to drop 30%. c) storage temp. : -40c to +125c b) operating temp. : -40c to +125c a) test freq. : l : 100khz/1.0v h) storage condition (component in its packaging) i) temperature: -10 to 40c ii) humidity : 50~60% rh d) humidity range : 85 3% rh
superworld electronics (s) pte ltd pg. 3 7. characteristics curves : smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 09.11.2015 pic0401h series
superworld electronics (s) pte ltd pg. 4 smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 09.11.2015 pic0401h series
superworld electronics (s) pte ltd pg. 5 8. soldering c) never contact the ceramic with the iron tip e) use a 20 watt soldering iron with tip diameter of 1.0mm d) 1.0mm tip diameter (max) f) limit soldering time to 4~5 secs. 8-1.2 soldering iron (figure 2) : in the event that a soldering iron must be employed the following precautions are recommended. products attachment with soldering iron is discouraged due to the inherent process control limitations. recommended temperature profiles for re-flow soldering in figure 1. mildly activated rosin fluxes are preferred. the minimum amount of solder can lead to damage from the stresses caused by the difference in coefficients of expansion between solder, chip and substrate. our terminations are suitable for all re-flow soldering systems. if hand soldering cannot be avoided, the preferred technique is the utilization of hot air a) preheat circuit and products to 150c. soldering tools. 8-1.1 solder re-flow : note : b) 355c tip temperature (max) temperature c over 1min. gradual cooling within 4-5s 350 150 preheating soldering cooling natural time(sec.) 60~150s 20~40s soldering temperature c 480s max. 60~180s 150 25 tp(260c/40s max.) 217 200 preheating cooling natural figure 1. re-flow soldering: 3 times max. figure 2. hand soldering: 1 times max. smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 09.11.2015 pic0401h series
superworld electronics (s) pte ltd pg. 6 9. packaging information : bo(mm) 5.00.1 9-3. packaging quantity pic0401 series ao(mm) 4.400.1 7.50.1 f(mm) p(mm) 8.00.1 ko(mm) 1.10.1 w(mm) 12.00.3 0.350.05 t(mm) 9-2 tape dimension 12.4+2.0/-0 a(mm) 13" x 12mm type 1002.0 b(mm) d d(mm) 13.50.5 330 c(mm) embossed carrier b a cover tape 9-1. reel dimension pic0401 40000 10000 carton chip / reel inner box size 5000 2.00.5 ?c bo ko t 4.0 1.5 2.0 1.75 ao p f w 3 100 smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 100 100 100 100 100 100 100 100 09.11.2015 pic0401h series
superworld electronics (s) pte ltd pg. 7 smd power choke coil note : specifications subject to change without notice. please check our website for latest information. 09.11.2015 pic0401h series 9-4. tearing off force the force for tearing off cover tape is 10 to 130 grams in the arrow direction under the following conditions. a) products should be handled with care to avoid damage or contamination from perspiration and skin oils. 1. storage conditions : to maintain the solderabililty of terminal electrodes : a) recommended products should be used within 12 months from the time of delivery. b) the packaging material should be kept where no chlorine or sulfur exists in the air. b) vacuum pick up is strongly recommended for individual components. c) bulk handling should ensure that abrasion and mechanical shock are minimized. 2. transportation : application notice top cover tape f base tape 165 to 180 room temp. (c) 5~35 room humidity (%) 45~85 tearing speed (mm/min) 300 room atm (hpa) 860~1060 (referenced ansi/eia-481-c-2003 of 4.11 standard)


▲Up To Search▲   

 
Price & Availability of PIC0401H2R2MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X