Part Number Hot Search : 
PA85A 0M25X45 NJL5121 TS272IAP 1N475 BT440 OX9162 TS7011AM
Product Description
Full Text Search
 

To Download LM317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jia n gsu changjiang electronics technology co., ltd t o -2 52-2l plastic-encapsulate voltage regulator s LM317 three-term inal positive volt age regulator description this monolithic integrated circui t is an adjustable 3-terminal positive voltage regulator designed to supply more than 1.5a of load current with an output voltage adjustable over a 1.2 to 37v. it employs internal curr ent limiting , thermal shut-down and safe area compensation. feature z internal ther mal overlo ad protection z internal short circuit current limiting z output transistor safe oper ating are a compensation t o -2 52-2l 1. adj 2. output 3. input inte r nal block diagram rl i mit 3 vin vo 1 vo lt age reference va d j 2 p r otection circuitry + - i npu t output typical application c i is required when regulator is located an ap preciable distance from power supply filter. c o is not needed for stability , however, it does improve transient response. since i adj is controlled to less than 100a, the error associated with this term is negligible in most applications. www.cj-elec.com 1 d , mar ,201 6
absolute maximum ratings sy mbol para meter value units v i -v o input-output v oltag e differential 40 v t lead lea d temperature 230 p d po w er dissipation internally limited w t j operatin g junction te mperature range 0~125 t stg s t orage temperature range - 5 5~125 v o / t t emperature coefficient of output voltage 0.02 %/ electrical chara ct eristics (v o -v i =5 v,i o =0. 5 a,0 t j + 125 ,i max =1 .5a,p dmax = 20w ,unless otherwise specified) pa rame ter symbol test conditions min typ max unit t a =2 5 3v v i -v o 40 v 0.01 0.04 line r e gulation(note1) r lin e 3v v i -v o 40 v 0.02 0.07 %/v t a =2 5 , 10m a i o i ma x v o <5 v v o 5v 18 0.4 25 0.5 loa d reg ulation(note1) r l oad 10ma i o i ma x v o <5 v v o 5v 40 0.8 70 1.5 adjusta b le pin current l ad j - 46 100 adjusta b le pin current change l ad j 3v v i -v o 40 v 10ma i o i ma x , p d p ma x 2.0 5 a refere nce volt age v re f 3v v in -v o 40v 10ma i o i ma x , p d p ma x 1.20 1.25 1.30 v t e mperature stability st t - 0.7 %/ v o minimum load current to maintain regu lati on i l (mi n) v i -v o = 40v 3.5 12 ma maximum output current i o (ma x) v i -v o 15v, p d p ma x v i -v o 40v, p d p ma x t a =2 5 1.0 2.2 0.3 a rms noise,% of v out e n t a =2 5 ,10 hz f 10k hz 0.003 0.01 %/ v o ripp le re jection rr v o =10v, f =12 0 hz without c ad j c ad j = 10f (note2) 66 60 75 db lon g-t erm stability,t j =t hi gh st t a =2 5 for end poi nt mesasurements,1000hr 0.3 1 % t hermal resistance ju nction to case r jc - 5 /w notes : 1. load a nd l ine regulation are specified at constant junction temperature. change in v d d ue to heati ng effects must be taken into account separately. pulse testing with low duty is used.(p ma x = 20w ) 2.c ad j . w hen used, is connected between the adjustment pin and ground. www.cj-elec.com 2 ' , 0du ,201  mv v o %
min . ma x . min . ma x . a 2. 200 2.380 0.087 0.094 a1 0.000 0.100 0.000 0.004 b 0.800 1.400 0.031 0.055 b 0.710 0.810 0.028 0.032 c 0.460 0.560 0.018 0.022 c1 0.460 0.560 0.018 0.022 d 6.500 6.700 0.256 0.264 d1 5.130 5.460 0.202 0.215 e 6.000 6.200 0.236 0.244 e e1 4.327 4.727 0.170 0.186 m n l 9.800 10.400 0.386 0.409 l1 l2 1.400 1.700 0.055 0.067 v -     0.190 ref. 1.778ref. 0.762ref. 0.070ref. 0.018ref. 4.830 ref. 2.9ref. 0.114ref. symbol dimensions in millimeters dimensions in inches 2.286 typ. 0.090 typ. www.cj-elec.com    ' , 0du ,201 
to-252(4r)-2l tape and reel www.cj-elec.com    ' , 0du ,201 


▲Up To Search▲   

 
Price & Availability of LM317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X