Part Number Hot Search : 
VCH1622 R2060 GL34A TS32GSSD 284943 KVX2122 40011 OP05Z
Product Description
Full Text Search
 

To Download LCWCRDPEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2013-06-15 1 2013-06-15 oslon ssl ? 150 datasheet version 1.3 lcw crdp.ec highest flux. highest efficacy. this oslon ssl family next generation led provides a wide radiation pattern allowing perfect interaction and various designs including color mixing led clusters. its low thermal resistance allows this device to be highly efficient even at high driving currents. applications demanding long lifetimes are perfectly addressed with this highly reliable led. h?chster lichtstrom. h?chste lichtausbeute. als mitglied der jngsten generation der oslon-ssl-familie erlaubt diese led eine perfekte interaktion in einer vielzahl von designs ? einschlie?lich der farbmischung in led-clustern. der geringe w?rmewiderstand sorgt selbst bei hohen str?men fr h?chste lichtausbeute. diese zuverl?ssige led eignet sich besonders fr applikationen, die eine hohe lebenserwartung erfordern. features: besondere merkmale: ? package: smt ceramic package with silicone resin and silicone lens ? geh?usetyp: smt-keramikgeh?use mit silikonverguss und -linse ? viewing angle at 50 % i v : 150 ? abstrahlwinkel bei 50 % i v : 150 ? color: 2700 k - 5000 k ( warm and neutral white ) ? farbe: 2700 k - 5000 k ( warm- und neutralwei? ) ? cri: min. 80 ( typ. 83 ) ? cri: min. 80 ( typ. 83 ) ? luminous flux: typ. 111 lm @ 3000 k ? lichtstrom: typ. 111 lm @ 3000 k ? luminous efficacy: typ. 108 lm/w @ 3000 k ? lichtausbeute: typ. 108 lm/w @ 3000 k ? corrosion robustness: superior corrosion robustness ? korrosionsstabilit?t: h?chste korrosionsbest?ndigkeit ? lumen maintenance: test results according to iesna lm-80 available ? lichtstromerhaltung: testergebnisse nach iesna lm-80 verfgbar applications anwendungen ? accent and effect lighting ? akzent- und effektbeleuchtung ? museum lighting ? museumsbeleuchtung ? shop lighting ? ladenbeleuchtung ? spot lights ? spot-leuchten ? stage lighting ? bhnenbeleuchtung ? retrofits and fixtures ? retrofits
2013-06-15 2 version 1.3 lcw crdp.ec ordering information bestellinformation type: color temperature luminous flux 1) page 27 ordering code typ: farbtemperatur lichtstrom 1) seite 27 bestellnummer i f = 350 ma [k]  v [lm] lcw crdp.ec-lplr-5h7i-1 5000 112 ... 140 q65111a2588 lcw crdp.ec-lplr-5j7k-1 4500 112 ... 140 q65111a2703 lcw crdp.ec-kulq-5j7k-1 4500 104.2 ... 130 q65111a2704 lcw crdp.ec-lplr-5l7n-1 4000 112 ... 140 q65111a3115 lcw crdp.ec-kulq-5l7n-1 4000 104.2 ... 130 q65111a2553 lcw crdp.ec-kulq-5o8q-1 3500 104.2 ... 130 q65111a2723 lcw crdp.ec-kulq-5r8t-1 3000 104.2 ... 130 q65111a2531 lcw crdp.ec-ktlp-5r8t-1 3000 97 ... 121 q65111a2250 lcw crdp.ec-ktlp-5u8x-1 2700 97 ... 121 q65111a2532 lcw crdp.ec-ksku-5yc8-1 2400 89.2 ... 112 q65111a4341 note: the above type numbers represent the order groups which include only a few brightness groups (see page 5). only one group will be shipped on each packing unit (there will be no mixing of two groups on each packing unit). e. g. lcw crdp.ec-kulq-5j7k-1 means that only one gr oup ku, lp, lq will be shippable for any packing unit. in order to ensure availability, single brightness groups will not be orderable. in a similar manner for colors where color chromaticity coordinate groups are measured and binned, single groups will be shippe d on any one packing unit. lcw crdp.ec-kulq-5j7k-1 means that the device will be shipped within the specified limits. in order to ensure availabilit y, single color chromaticity groups groups will not be orderable (see page 7). in a similar manner for colors where forward voltage groups are measured and binned, single forward voltage groups will be ship ped on any packing unit. e. g. lcw crdp.ec-kulq-5j7k-1 means that only one forward voltage group l1,l2,m1,mx will be shippable. in order to ensure availability, single forward voltage groups will not be orderable (see page 5). anm.: die oben genannten typbezeichnungen umfassen die bestellbaren selektionen. diese bestehen aus wenigen helligkeitsgruppen (siehe seite 5). es wird nur eine einzige helligkeitsgruppe pro verpackungseinheit geliefert. z. b. lcw crdp.ec-kulq-5j7k-1 bedeutet, dass in einer verpackungseinheit nur eine der helligkeitsgruppen ku, lp, lq enhalten ist. um die liefersicherheit zu gew?hrleisten, k?nnen ei nzelne helligkeitsgruppen nicht bestellt werden. gleiches gilt fr die farben, bei denen farbortgruppen gemessen und gruppiert werden. pro verpackungseinheit wird nur eine farb ortgruppe geliefert. z.b. lcw crdp.ec-kulq-5j7k-1 bedeutet, dass in einer verpackungseinheit nur eine der farbortgruppen enthalten ist (siehe seite 7). lcw crdp.ec-kulq-5j7k-1 bedeutet, dass das bauteil innerhalb der spezifizierten grenzen geliefert wird. um die liefersicherheit zu gew?hrleisten, k?nnen einzelne farbortgruppen nicht bestellt werden. gleiches gilt fr die leds, bei denen die durchlassspannungsgruppen gemessen und gruppiert werden. pro verpackungseinheit wird nur eine durchlassspannungsgruppe geliefert. z. b. lcw crdp.ec-kulq-5j7k-1 bedeutet, dass nach durchlassspannungsgruppen gruppiert wird. in einer verpackungseinheit ist nur eine der durchlassspannungsgruppen l1,l2,m1,mx enthalten (siehe seite 5). um die liefersicherheit zu gew?hrleisten, k?nnen einzelne durchlassspannungsgruppen nicht direkt bestellt werden.
version 1.3 lcw crdp.ec 2013-06-15 3 maximum ratings grenzwerte parameter symbol values unit bezeichnung symbol werte einheit operating temperature range betriebstemperatur t op -40 ... 120 c storage temperature range lagertemperatur t stg -40 ... 120 c junction temperature absolute * sperrschichttemperatur absolut * t j, abs 160 c junction temperature sperrschichttemperatur t j 135 c forward current durchlassstrom (t s = 25 c) i f 100 ... 800 ma surge current sto?strom i fm 2000 ma reverse current 2) page 27 sperrstrom 2) seite 27 i r 200 ma esd withstand voltage esd festigkeit (acc. to ansi/esda/jedec js-001 - hbm, class 3b) v esd 8kv note : * this is verified by testing 30 pieces. pass criteria: no catastrophic failures allowed, luminous flux must be better than l70b50 after 1000 h. anm : * dieser wert wird durch den test von 30 bauteilen abgesichert. dabei drfen keine totalausf?lle auftreten und der lichtstrom mu? nach 1000 h ber l70b50 liegen.
2013-06-15 4 version 1.3 lcw crdp.ec characteristics (t s = 25 c; i f = 350 ma) kennwerte parameter symbol values unit bezeichnung symbol werte einheit viewing angle at 50 % i v abstrahlwinkel bei 50 % i v (typ.) 2  150 forward voltage 3) page 27 durchlassspannung 3) seite 27 (min.) (typ.) (max.) v f v f v f 2.80 2.95 3.25 v v v reverse voltage sperrspannung (i r = 20 ma) (max.) v r 1.2 v color reproduction index 4) page 27 farbwiedergabe index 4) seite 27 (2700 k - 5000 k) (typ.) (min.) r a r a 83 80 - - real thermal resistance junction / solder point 5) page 27 realer w?rmewiderstand sperrschicht / l?tpad 5) seite 27 (typ.) (max.) r th js real r th js real 9.6 10.8 k/w k/w "electrical" thermal resistance junction / solder point 5) page 27 "elektrischer" w?rmewiderstand sperrschicht / l?tpad 5) seite 27 (with efficiency  e = 35 %) (typ.) (max.) r th js el r th js el 6.2 7.0 k/w k/w note: individual forward voltage groups see next page anm.: durchlassspannungsgruppen siehe n?chste seite
version 1.3 lcw crdp.ec 2013-06-15 5 brightness groups helligkeitsgruppen forward voltage groups 3) page 27 durchlassspannungsgruppen 3) seite 27 group luminous flux 1) page 27 luminous flux 1) page 27 luminous intensity 6) page 27 gruppe lichtstrom 1) seite 27 lichtstrom 1) seite 27 lichtst?rke 6) seite 27 (min.)  v [lm] (max.)  v [lm] (typ.) i v [cd] ks 89.2 97 21 kt 97 104.2 23 ku 104.2 112 25 lp 112 121 27 lq 121 130 29 lr 130 140 31 note: the standard shipping format for serial types includes either a lower family group, an upper family group or a grouping of all individual brightness groups of only a few brightness groups. individual brightness groups cannot be ordered. anm.: die standardlieferform von serientypen beinhaltet entweder eine untere familiengruppe, eine obere familiengruppe oder eine sammelgruppe, die aus nur wenigen helligkeitsgruppen besteht. einzelne helligkeitsgruppen sind nicht bestellbar. group gruppe (min.) v f [v] (max.) v f [v] l1 2.80 2.90 l2 2.90 3.00 m1 3.00 3.10 mx 3.10 3.25
2013-06-15 6 version 1.3 lcw crdp.ec chromaticity coordinate groups 7) page 27 farbortgruppen 7) seite 27 5h 5i 6h 6i 7h 7i 5j 5k 6j 6k 7j 7k 5l 5m 5n 6l 6m 6n 7l 7m 7n 5o 5p 5q 6o 6p 6q 7o 7p 7q 8o 8p 8q 5r 5s 5t 6r 6s 6t 7r 7s 7t 8r 8s 8t 5u 5v 5w 5x 6u 6v 6w 6x 7u 7v 7w 7x 8u 8v 8w 8x 5y 5z 6y 6z 7y 7z 8y 8z a5 a6 a7 a8 b5 b6 b7 b8 c5 c6 c7 c8 5 0 0 0 k 4 5 0 0 k 4 0 0 0 k 3 50 0 k 3 0 0 0 k 2 7 0 0 k 2500 k 3000 k 3500 k 4000 k 4500 k 5000 k 0.330 0.350 0.370 0.390 0.410 0.430 0.450 0.330 0.350 0.370 0.390 0.410 0.430 0.450 0.470 0.490 0.510 cx cy coordinates in reference to cie 1931 (cx cy) warm white neutral white 450 460 470 475 480 485 490 495 500 505 510 515 520 525 530 540 550 560 570 580 590 600 610 630 700 0.000 0.100 0.200 0.300 0.400 0.500 0.600 0.700 0.800 0.000 0.100 0.200 0.300 0.400 0.500 0.600 0.700 cx cy coordinates in reference to cie 1931 (cx cy)
version 1.3 lcw crdp.ec 2013-06-15 7 color chromaticity groups 7) page 27 farbortgruppen 7) seite 27 group gruppe cx cy group gruppe cx cy group gruppe cx cy a5 0.4689 0.3953 5m 0.3746 0.3624 6t 0.4342 0.3957 0.4740 0.3957 0.3773 0.3726 0.4386 0.4048 0.4747 0.4047 0.3822 0.3670 0.4420 0.3985 0.4800 0.4052 0.3853 0.3776 0.4468 0.4077 a6 0.4747 0.4047 6m 0.3773 0.3726 7t 0.4386 0.4048 0.4800 0.4052 0.3799 0.3828 0.4430 0.4138 0.4805 0.4141 0.3853 0.3776 0.4468 0.4077 0.4860 0.4146 0.3885 0.3882 0.4515 0.4168 a7 0.4805 0.4141 7m 0.3799 0.3828 8t 0.4430 0.4138 0.4860 0.4146 0.3826 0.3931 0.4474 0.4228 0.4863 0.4234 0.3885 0.3882 0.4515 0.4168 0.4920 0.4239 0.3916 0.3987 0.4562 0.4260 a8 0.4863 0.4234 5n 0.3822 0.3670 5u 0.4373 0.3893 0.4920 0.4239 0.3853 0.3776 0.4420 0.3985 0.4922 0.4329 0.3898 0.3716 0.4428 0.3906 0.4980 0.4334 0.3934 0.3825 0.4477 0.3998 b5 0.4740 0.3957 6n 0.3853 0.3776 6u 0.4420 0.3985 0.4800 0.4052 0.3885 0.3882 0.4468 0.4077 0.4804 0.3963 0.3934 0.3825 0.4477 0.3998 0.4866 0.4057 0.3970 0.3935 0.4526 0.4090 b6 0.4800 0.4052 7n 0.3885 0.3882 7u 0.4468 0.4077 0.4860 0.4146 0.3916 0.3987 0.4515 0.4168 0.4866 0.4057 0.3970 0.3935 0.4526 0.4090 0.4928 0.4152 0.4006 0.4044 0.4576 0.4183 b7 0.4860 0.4146 5o 0.3890 0.3690 8u 0.4515 0.4168 0.4920 0.4239 0.3916 0.3772 0.4562 0.4260 0.4928 0.4152 0.3975 0.3731 0.4576 0.4183 0.4989 0.4246 0.4006 0.3815 0.4625 0.4275
2013-06-15 8 version 1.3 lcw crdp.ec b8 0.4920 0.4239 6o 0.3916 0.3772 5v 0.4428 0.3906 0.4980 0.4334 0.3943 0.3853 0.4477 0.3998 0.4989 0.4246 0.4006 0.3815 0.4483 0.3919 0.5051 0.4340 0.4036 0.3898 0.4534 0.4011 c5 0.4804 0.3963 7o 0.3943 0.3853 6v 0.4477 0.3998 0.4866 0.4057 0.3970 0.3934 0.4526 0.4090 0.4872 0.3969 0.4036 0.3898 0.4534 0.4011 0.4935 0.4064 0.4067 0.3982 0.4585 0.4104 c6 0.4866 0.4057 8o 0.3970 0.3934 7v 0.4526 0.4090 0.4928 0.4152 0.3997 0.4015 0.4576 0.4183 0.4935 0.4064 0.4067 0.3982 0.4585 0.4104 0.4999 0.4158 0.4097 0.4065 0.4636 0.4197 c7 0.4928 0.4152 5p 0.3975 0.3731 8v 0.4576 0.4183 0.4989 0.4246 0.4006 0.3815 0.4625 0.4275 0.4999 0.4158 0.4061 0.3773 0.4636 0.4197 0.5063 0.4252 0.4095 0.3858 0.4688 0.4290 c8 0.4989 0.4246 6p 0.4006 0.3815 5w 0.4483 0.3919 0.5051 0.4340 0.4036 0.3898 0.4534 0.4011 0.5063 0.4252 0.4095 0.3858 0.4538 0.3931 0.5126 0.4347 0.4130 0.3944 0.4591 0.4025 5h 0.3366 0.3369 7p 0.4036 0.3898 6w 0.4534 0.4011 0.3369 0.3451 0.4067 0.3982 0.4585 0.4104 0.3441 0.3428 0.4130 0.3944 0.4591 0.4025 0.3448 0.3515 0.4164 0.4029 0.4644 0.4118 6h 0.3369 0.3451 8p 0.4067 0.3982 7w 0.4585 0.4104 0.3373 0.3534 0.4097 0.4065 0.4636 0.4197 0.3448 0.3515 0.4164 0.4029 0.4644 0.4118 0.3456 0.3601 0.4198 0.4115 0.4697 0.4211 7h 0.3373 0.3534 5q 0.4061 0.3773 8w 0.4636 0.4197 0.3376 0.3616 0.4095 0.3858 0.4688 0.4290 0.3456 0.3601 0.4147 0.3814 0.4697 0.4211 0.3464 0.3688 0.4185 0.3902 0.4750 0.4304 group gruppe cx cy group gruppe cx cy group gruppe cx cy
version 1.3 lcw crdp.ec 2013-06-15 9 5i 0.3441 0.3428 6q 0.4095 0.3858 5x 0.4538 0.3931 0.3448 0.3515 0.4130 0.3944 0.4591 0.4025 0.3515 0.3487 0.4185 0.3902 0.4593 0.3944 0.3527 0.3578 0.4223 0.3990 0.4648 0.4038 6i 0.3448 0.3515 7q 0.4130 0.3944 6x 0.4591 0.4025 0.3456 0.3601 0.4164 0.4029 0.4644 0.4118 0.3527 0.3578 0.4223 0.3990 0.4648 0.4038 0.3539 0.3669 0.4261 0.4077 0.4703 0.4132 7i 0.3456 0.3601 8q 0.4164 0.4029 7x 0.4644 0.4118 0.3464 0.3688 0.4198 0.4115 0.4697 0.4211 0.3539 0.3669 0.4261 0.4077 0.4703 0.4132 0.3551 0.3760 0.4299 0.4165 0.4758 0.4225 5j 0.3512 0.3465 5r 0.4147 0.3814 8x 0.4697 0.4211 0.3524 0.3555 0.4185 0.3902 0.4750 0.4304 0.3591 0.3522 0.4222 0.3840 0.4758 0.4225 0.3608 0.3616 0.4263 0.3929 0.4813 0.4319 6j 0.3524 0.3555 6r 0.4185 0.3902 5y 0.4593 0.3944 0.3536 0.3646 0.4223 0.3990 0.4639 0.3948 0.3608 0.3616 0.4263 0.3929 0.4648 0.4038 0.3625 0.3711 0.4305 0.4019 0.4696 0.4042 7j 0.3536 0.3646 7r 0.4223 0.3990 6y 0.4648 0.4038 0.3548 0.3736 0.4261 0.4077 0.4696 0.4042 0.3625 0.3711 0.4305 0.4019 0.4703 0.4132 0.3642 0.3805 0.4346 0.4108 0.4753 0.4136 5k 0.3591 0.3522 8r 0.4261 0.4077 7y 0.4703 0.4132 0.3608 0.3616 0.4299 0.4165 0.4753 0.4136 0.3670 0.3578 0.4346 0.4108 0.4758 0.4225 0.3692 0.3677 0.4387 0.4197 0.4809 0.4230 6k 0.3608 0.3616 5s 0.4222 0.3840 8y 0.4758 0.4225 0.3625 0.3711 0.4263 0.3929 0.4809 0.4230 0.3692 0.3677 0.4298 0.3867 0.4813 0.4319 0.3714 0.3775 0.4342 0.3957 0.4866 0.4324 group gruppe cx cy group gruppe cx cy group gruppe cx cy
2013-06-15 10 version 1.3 lcw crdp.ec 7k 0.3625 0.3711 6s 0.4263 0.3929 5z 0.4639 0.3948 0.3642 0.3805 0.4305 0.4019 0.4689 0.3953 0.3714 0.3775 0.4342 0.3957 0.4696 0.4042 0.3736 0.3874 0.4386 0.4048 0.4747 0.4047 5l 0.3670 0.3578 7s 0.4305 0.4019 6z 0.4696 0.4042 0.3692 0.3677 0.4346 0.4108 0.4747 0.4047 0.3746 0.3624 0.4386 0.4048 0.4753 0.4136 0.3773 0.3726 0.4430 0.4138 0.4805 0.4141 6l 0.3692 0.3677 8s 0.4346 0.4108 7z 0.4753 0.4136 0.3714 0.3775 0.4387 0.4197 0.4805 0.4141 0.3773 0.3726 0.4430 0.4138 0.4809 0.4230 0.3799 0.3828 0.4474 0.4228 0.4863 0.4234 7l 0.3714 0.3775 5t 0.4298 0.3867 8z 0.4809 0.4230 0.3736 0.3874 0.4342 0.3957 0.4863 0.4234 0.3799 0.3828 0.4373 0.3893 0.4866 0.4324 0.3826 0.3931 0.4420 0.3985 0.4922 0.4329 group gruppe cx cy group gruppe cx cy group gruppe cx cy
version 1.3 lcw crdp.ec 2013-06-15 11 group name on label gruppenbezeichnung auf etikett example: ku-5j-l1 beispiel: ku-5j-l1 brightness helligkeit chromaticity coordinate farbort forward voltage durchlassspannung ku 5j l1 note: no packing unit / tape ever contains more than one group for each selection. anm.: in einer verpackungseinheit / gurt ist immer nur eine gruppe fr jede selektion enthalten.
2013-06-15 12 version 1.3 lcw crdp.ec relative spectral emission - v( ? ) = standard eye response curve 6) page 27 relative spektrale emission - v( ? ) = spektrale augenempfindlichkeit 6) seite 27  rel = f ( ? ); t s = 25 c; i f = 350 ma radiation characteristics 6) page 27 abstrahlcharakteristik 6) seite 27 i rel = f (  ); t s = 25 c ohl06124 350 400 450 500 550 600 650 700 750 800 0.0 0.2 0.4 0.6 0.8 1.0 (nm) : : v (white) rel rel ohl06001 -100 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 0.0 0.2 0.4 0.6 0.8 1.0 i rel : i rel ? = 0, 90 at
version 1.3 lcw crdp.ec 2013-06-15 13 forward current 6) page 27 durchlassstrom 6) seite 27 i f = f (v f ); t s = 25 c relative luminous flux 6) page 27 , 8) page 27 relativer lichtstrom 6) seite 27 , 8) seite 27  v /  v (350 ma) = f(i f ); t s = 25 c chromaticity coordinate shift 6) page 27 farbortverschiebung 6) seite 27 cx, cy = f(i f ); t s = 25 c ohl06021 2.4 2.6 2.8 3.0 3.2 3.4 3.6 3.8 100 200 300 400 500 600 700 800 i (ma) f v (v) f ohl06050 100 200 300 400 500 600 700 800 0.0 0.5 1.0 1.5 2.0 i (ma) f v v (350 ma) 200 400 600 800 f [ma] 0.30 0.35 0.40 0.45 0.50 cx; cy : cx : cy
2013-06-15 14 version 1.3 lcw crdp.ec relative forward voltage 6) page 27 relative vorw?rtsspannung 6) seite 27 ? v f = v f - v f (25c) = f(t j ); i f = 350 ma relative luminous flux 6) page 27 relative lichtstrom 6) seite 27  v /  v (25 c) = f(t j ); i f = 350 ma chromaticity coordinate shift 6) page 27 farbortverschiebung 6) seite 27 cx, cy = f(t j ); i f = 350 ma ohl06174 -40 -20 0 20 40 60 80 100 120 t j (c) -0.20 -0.15 -0.10 -0.05 0.00 0.05 0.10 0.15 0.20 v f (v) ohl06072 -40 -20 0 20 40 60 80 100 120 0.0 0.2 0.4 0.6 0.8 1.0 1.2 t ( c ) j v v ( 25 c) ohl06104 -40 -20 0 20 40 60 80 100 12 0 0.39 0.40 0.41 0.42 0.43 0.44 : cx : cy cx cy t ( c ) j cx cy
version 1.3 lcw crdp.ec 2013-06-15 15 max. permissible forward current max. zul?ssiger durchlassstrom i f = f (t) permissible pulse handling capability zul?ssige impulsbelastbarkeit i f = f(t p ) d: duty cycle, t s = 25 c permissible pulse handling capability zul?ssige impulsbelastbarkeit i f = f(t p ) d: duty cycle, t s = 110 c i (ma) f t ( c ) s ohl05425 0 20 40 60 80 100 120 0 100 200 300 400 500 600 700 800 do not use below 100 ma 10 10 0 -2 -3 -4 -5 10 10 10 f i a p t = d t 2 1 0 -1 10 t p 10 s 10 ohl04611 t t p i f 0.05 0.2 0.1 0.5 1 0.02 0.01 d 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.2 0.005 = 10 10 0 -2 -3 -4 -5 10 10 10 f i a p t = d t 2 1 0 -1 10 t p 10 s 10 ohl04611 t t p i f 0.05 0.2 0.1 0.5 1 0.02 0.01 d 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.2 0.005 =
2013-06-15 16 version 1.3 lcw crdp.ec package outline 9) page 27 ma?zeichnung 9) seite 27 approximate weight: 25 mg gewicht: 25 mg mark: cathode markierung: kathode esd information: led is protected by esd device which is connected in parallel to led-chip. esd information: die led enth?lt ein esd-bauteil, das parallel zum chip geschalten ist. corrosion robustness: test conditions: 40 c / 90 % rh / 15 ppm h 2 s / 336 h = stricter than iec 60068-2-43 (h 2 s) [25c / 75 % rh / 10 ppm h 2 s / 21 days] = regarding relevant gas (h 2 s) stricter than en 60068-2-60 (method 4) [25 c / 75 % rh / 200 ppb so 2 , 200 ppb no 2, 10 ppb cl 2 / 21 days]
version 1.3 lcw crdp.ec 2013-06-15 17 korrosionsfestigkeit: test kondition: 40c / 90 % rh / 15 ppm h 2 s / 336 h = besser als iec 60068-2-43 (h 2 s) [25c / 75 % rh / 10 ppm h 2 s / 21 tage] = bezogen auf das gas (h 2 s) besser als en 60068-2-60 (method 4) [25c / 75 % rh / 200ppb so 2 , 200ppb no 2, 10ppb cl 2 / 21 tage]
2013-06-15 18 version 1.3 lcw crdp.ec recommended solder pad 9) page 27 reflow soldering empfohlenes l?tpaddesign 9) seite 27 reflow-l?ten solder stencil solder resist cu area foot print
version 1.3 lcw crdp.ec 2013-06-15 19 note: for superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. for further information please refer to our application note ?handling and processing details for ceramic leds?. anm.: um eine verbesserte l?tstellenkontaktierung zu erreichen, empfehlen wir, unter standard- stickstoffatmosph?re zu l?ten. weitere informationen finden sie in der applikationsschrift ?handling and processing details for ceramic leds?.
2013-06-15 20 version 1.3 lcw crdp.ec reflow soldering profile reflow-l?tprofil preconditioning: jedec level 2 acc. to jedec j-std-020d.01 0 0 s oha04525 50 100 150 200 250 300 50 100 150 200 250 300 t t ?c s t t p t t p 240 ?c 217 ?c 245 ?c 25 ?c l oha04612 profile feature profil-charakteristik ramp-up rate to preheat* ) 25 c to 150 c 2 3 k/s time t s t smin to t smax t s t l t p t l t p 100 120 60 10 20 30 80 100 217 23 245 260 36 time 25 c to t p time within 5 c of the specified peak temperature t p - 5 k ramp-down rate* t p to 100 c all temperatures refer to the center of the package, measured on the top of the component * slope calculation d t/ d t: d t max. 5 s; fulfillment for the whole t-range ramp-up rate to peak* ) t smax to t p liquidus temperature peak temperature time above liquidus temperature symbol symbol unit einheit pb-free (snagcu) assembly minimum maximum recommendation k/s k/s s s s s c c 480
version 1.3 lcw crdp.ec 2013-06-15 21 method of taping 9) page 27 gurtung 9) seite 27
2013-06-15 22 version 1.3 lcw crdp.ec tape and reel gurtverpackung 12 mm tape with 600 pcs. on l 180 mm reel tape dimensions in mm (inch) tape dimensions in mm ( inch) reel dimensions in mm (inch) reel dimensions in mm (inch) w p 0 p 1 p 2 d 0 e f 12 +0.3/-0.1 4 0.1 (0.157 0.004) 4 0.1 (0.157 0.004) or 8 0.1 (0.315 0.004) 2 0.05 (0.079 0.002) 1.5 0.1 (0.059 + 0.004) 1.75 0.1 (0.069 0.004) 5.5 0.05 (0.217 0.002) a w n min w 1 w 2max 180 (7) 12 (0.472) 60 (2.362) 12.4 + 2 (0.488 + 0.079) 18.4 (0.724) d 0 2 p p 0 1 p w fe direction of unreeling n w 1 2 w a ohay0324 label leader: trailer: 13.0 direction of unreeling 0.25 min. 160 mm * min. 400 mm * *) dimensions acc. to iec 60286-3; eia 481-d
version 1.3 lcw crdp.ec 2013-06-15 23 barcode-product-label (bpl) barcode-produkt-etikett (bpl) dry packing process and materials trockenverpackung und materialien note: moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card. regarding dry pack you will find further information in the internet and in the short form catalog in chapter ?tape and reel? under the topic ?dry pack?. here you will also find the normative references like jedec. anm.: feuchteempfindliche produkte sind verpackt in einem trockenbeutel zusammen mit einem trockenmittel und einer feuchteindikatorkarte. bezglich trockenverpackung finden sie weitere hinweise im internet und in unserem short form catalog im kapitel ?gurtung und verpackung? unter dem punkt ?trockenverpackung?. hier sind normenbezge, unter anderem ein auszug der jedec-norm, enthalten. oha04563 (g) group: 1234567890 (1t) lot no: (9d) d/c: 1234 (x) prod no: 123456789 (6p) batch no: 1234567890 lx xxxx rohs compliant bin1: xx-xx-x-xxx-x ml 2 temp st 260 c r pack: r18 demy 022 b_r999_1880.1642 r 9999 (q)qty: semiconductors osram opto xx-xx-x-x oha00539 o s r a m moisture-sensitive label or print barcode label desiccant humidity indicator barcode label o s ra m please check the hic immidiately after bag opening. discard if circles overrun. avoid metal contact. wet do not eat. comparator check dot parts still adequately dry. examine units, if necessary examine units, if necessary 5% 15% 10% bake units bake units if wet, change desiccant if wet, humidity indicator mil-i-8835 if wet, m o i s t u r e l e v e l 3 f l o o r t i m e 1 6 8 h o u r s m o i s t u r e l e v e l 6 f l o o r t i m e 6 h o u r s a ) h u m i d i t y i n d i ca t o r c a r d i s > 1 0 % w h e n r e a d a t 2 3 ? c 5 ? c , o r r e f l o w , v a p o r - p h a s e r e f l o w , o r e q u i v a l e n t p r o c e s s i n g ( p e a k p a ck a g e 2 . a f t e r t h i s b a g i s o p e n e d , d e v i ce s t h a t w i l l b e s u b j e c t e d t o i n f r a r e d 1 . s h e l f l i f e i n s e a l e d b a g : 2 4 m o n t h s a t < 4 0 ? c a n d < 9 0 % r e l a t i v e h u m i d i t y ( r h ) . m o i s t u r e l e v e l 5 a a t f a c t o r y co n d i t i o n s o f ( i f b l a n k , s e a l d a t e i s i d e n t i c a l w i t h d a t e c o d e ) . a ) m o u n t e d w i t h i n b ) s t o r e d a t b o d y t e m p . 3 . d e v i c e s r e q u i r e b a k i n g , b e f o r e m o u n t i n g , i f : b a g s e a l d a t e m o i s t u r e l e v e l 1 m o i s t u r e l e ve l 2 m o i s t u r e l e v e l 2 a 4 . i f b a k i n g i s r e q u i r e d , b ) 2 a o r 2 b i s n o t m e t . d a t e a n d t i m e o p e n e d : r e f e r e n c e i p c / j e d e c j - s t d - 0 3 3 f o r b a k e p r o c e d u r e . f l o o r t i m e s e e b e l o w i f b l a n k , s e e b a r c o d e l a b e l f l o o r t i m e > 1 y e a r f l o o r t i m e 1 y e a r f l o o r t i m e 4 w e e k s 1 0 % r h . _ < m o i s t u r e l e v e l 4 m o i st u r e l e v e l 5 ? c ) . o p t o s e m i c o n d u c t o r s m o i s t u r e s e n s i t i v e t h i s b a g c o n t a i n s c a u t io n f l o o r t i m e 7 2 h o u r s f l o o r t i m e 4 8 h o u r s f l o o r t i m e 2 4 h o u r s 3 0 ? c / 6 0 % r h . _ < l e v e l i f b l a n k , s e e b a r c o d e l a b e l
2013-06-15 24 version 1.3 lcw crdp.ec transportation packing and materials kartonverpackung und materialien dimensions of transportation box in mm (inch): width / breite length / l?nge height / h?he 195 5 (7.677 0.1968) 195 5 (7.677 0.1968) 30 5 (1.181 0.196) oha02044 p ackvar: r 0 77 add ition a l t e xt p - 1 + q - 1 m u l t i t o p l e d muster o s ra m o p t o s e m i c o n d u c t o r s ( 6p) bat ch n o : (x) prod no: 1 0 (9d) d/c: 1 1 ( 1t) l o t no: 210021998 1 2 3 g h 1 2 3 4 0 2 45 (q)qty: 2 0 0 0 0 1 4 4 (g ) group: 2 60 c r t 240 c r 3 220 c r ml bin 3 : bin2: q - 1 - 2 0 bin 1: p-1-2 0 l s y t 6 7 6 2 2 a temp s t r 1 8 demy p a c k v a r : r 0 7 7 a d d i t i o n a l t e x t p-1+q -1 m u lt i t o pl e d muster o s r a m o p t o s e m i c o n du c t o r s ( 6 p ) b a t c h n o : ( x ) p r o d n o : 1 0 ( 9 d ) d / c : 1 1 ( 1 t ) l o t n o : 2 10 0 2 1 9 9 8 1 23g h1 23 4 0 2 45 ( q ) q t y : 20 0 0 01 44 ( g ) g r o u p : 2 6 0 c r t 2 4 0 c r 3 2 2 0 c r m l b i n 3 : b i n 2 : q - 1 - 2 0 b i n 1 : p - 1 - 2 0 l sy t 6 76 2 2 a t e m p s t r 1 8 d e m y o s r am packing sealing label barcode label m o i s t u r e l e v e l 3 f l o o r t i m e 1 6 8 h o u r s m o i s t u r e l e v e l 6 f l o o r t i m e 6 h o u r s a ) h u m i d i t y i n d i c a t o r c a r d i s > 1 0 % w h e n r e a d a t 2 3 ? c 5 ? c , o r r e f l o w , v a p o r - p h a s e r e f l o w , o r e q u i v a l e n t p r o c e s s i n g ( p e a k p a c k a g e 2 . a f t e r t h i s b a g i s o p e n e d , d e v i c e s t h a t w i l l b e s u b j e c t e d t o i n fr a r e d 1 . s h e l f l i f e i n s e a l e d b a g : 2 4 m o n th s a t < 4 0 ? c a n d < 9 0 % r e l a t i v e h u m i d i t y ( r h ) . m o i s t u r e l e v e l 5 a a t f a c t o r y c o n d i t i o n s o f ( i f b l a n k , s e a l d a t e i s i d e n t i c a l w i t h d a t e c o d e ) . a ) m o u n t e d w i t h i n b ) s t o r e d a t b o d y t e m p . 3 . d e v i c e s r e q u i r e b a k i n g , b e f o r e m o u n t i n g , i f : b a g s e a l d a t e m o i s t u r e l e v e l 1 m o i s t u r e l e v e l 2 m o i s t u r e l e v e l 2 a 4 . i f b a k i n g i s r e q u i r e d , b ) 2 a o r 2 b i s n o t m e t . d a t e a n d t i m e o p e n e d : r e f e r e n c e i p c / j e d e c j - s t d - 0 3 3 fo r b a k e p r o c e d u r e . f l o o r t i m e s e e b e l o w i f b l a n k , s e e b a r c o d e l a b e l f l o o r t i m e > 1 y e a r f l o o r t i m e 1 y e a r f l o o r t i m e 4 w e e k s 1 0 % r h . _ < m o i s t u r e l e v e l 4 m o i s t u r e l e v e l 5 ? c ) . o p t o s e m i c o n d u c t o r s m o i s t u r e s e n s it i v e t h i s b a g c o n t a i n s c a u t i o n f l o o r t i m e 7 2 h o u r s f l o o r t i m e 4 8 h o u r s f l o o r t i m e 2 4 h o u r s 3 0 ? c /6 0 % r h . _ < l e v e l i f b l a n k , s e e b a r c o d e l a b e l barcode label
version 1.3 lcw crdp.ec 2013-06-15 25 notes hinweise the evaluation of eye safety occurs according to the standard iec 62471:2008 ("photobiological safety of lamps and lamp systems"). within the risk grouping system of this cie standard, the led specified in this data sheet fall into the class moderate risk (exposure time 0.25 s). under real circumstances (for exposure time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from these devices. as a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure potential due to their blinding effect. as is also true when viewing other bright light sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even accidents, depending on the situation. die bewertung der augensicherheit erfolgt nach dem standard iec 62471:2008 ("photobiological safety of lamps and lamp systems"). im risikogruppensystem dieser cie- norm erfllen die in diesem datenblatt angegebenen leds folgende gruppenanforderung - moderate risk (expositionsdauer 0,25 s). unter realen umst?nden (fr expositionsdauer, augenpupille, betrachtungsabstand) geht damit von diesen bauelementen keinerlei augengef?hrdung aus. grunds?tzlich sollte jedoch erw?hnt werden, dass intensive lichtquellen durch ihre blendwirkung ein hohes sekund?res gefahrenpotenzial besitzen. nach einem blick in eine helle lichtquelle (z.b. autoscheinwerfer), kann ein tempor?r eingeschr?nktes sehverm?gen oder auch nachbilder zu irritationen, bel?stigungen, beeintr?chtigungen oder sogar unf?llen fhren. subcomponents of this led are goldplated. in spite of the improved corrosion stability of this subcomponents, it can be affected by environments that contain very high concentrations of aggressive substances. therefore, we recommend avoiding aggressive atmospheres during storage, production and use. einzelkomponenten dieser led sind goldbeschichtet. trotz der dadurch vorhandenen verbesserten korrosionsstabilit?t k?nnen einzelkomponenten durch sehr hohe konzentration aggressiver substanzen angegriffen werden. aus diesem grund wird empfohlen, aggressive umgebungen w?hrend der lagerung, produktion und im betrieb zu vermeiden.
2013-06-15 26 version 1.3 lcw crdp.ec disclaimer disclaimer attention please! the information describes the type of component and shall not be considered as assured characteristics. terms of delivery and rights to change design reserved. due to technical requirements components may contain dangerous substances. for information on the types in question please contact our sales organization. if printed or downloaded, please find the latest version in the internet. packing please use the recycling operators known to you. we can also help you ? get in touch with your nearest sales office. by agreement we will take packing material back, if it is sorted. you must bear the costs of transport. for packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred. components used in life-support devices or systems must be expressly authorized for such purpose! critical components* may only be used in life-support devices** or systems with the express written approval of osram os. *) a critical component is a component used in a life-support device or system whose failure can reasonably be expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that device or system. **) life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or maintain and sustain human life. if they fail, it is reasonable to assume that the health and the life of the user may be endangered. bitte beachten! lieferbedingungen und ?nderungen im design vorbehalten. aufgrund technischer anforderungen k?nnen die bauteile gefahrstoffe enthalten. fr weitere informationen zu gewnschten bauteilen, wenden sie sich bitte an unseren vertrieb. falls sie dieses datenblatt ausgedruckt oder heruntergeladen haben, finden sie die aktuellste version im internet. verpackung benutzen sie bitte die ihnen bekannten recyclingwege. wenn diese nicht bekannt sein sollten, wenden sie sich bitte an das n?chstgelegene vertriebsbro. wir nehmen das verpackungsmaterial zurck, falls dies vereinbart wurde und das material sortiert ist. sie tragen die transportkosten. fr verpackungsmaterial, das unsortiert an uns zurckgeschickt wird oder das wir nicht annehmen mssen, stellen wir ihnen die anfallenden kosten in rechnung. bauteile, die in lebenserhaltenden apparaten und systemen eingesetzt werden, mssen fr diese zwecke ausdrcklich zugelassen sein! kritische bauteile* drfen in lebenserhaltenden apparaten und systemen** nur dann eingesetzt werden, wenn ein schriftliches einverst?ndnis von osram os vorliegt. *) ein kritisches bauteil ist ein bauteil, das in lebenserhaltenden apparaten oder systemen eingesetzt wird und dessen defekt voraussichtlich zu einer fehlfunktion dieses lebenserhaltenden apparates oder systems fhren wird oder die sicherheit oder effektivit?t dieses apparates oder systems beeintr?chtigt. **) lebenserhaltende apparate oder systeme sind fr (a) die implantierung in den menschlichen k?rper oder (b) fr die lebenserhaltung bestimmt. falls sie versagen, kann davon ausgegangen werden, dass die gesundheit und das leben des patienten in gefahr ist.
version 1.3 lcw crdp.ec 2013-06-15 27 glossary glossar 1) brightness: brightness values are measured during a current pulse of typically 25 ms, with an internal reproducibility of +/- 8 % and an expanded uncertainty of +/- 11 % (acc. to gum with a coverage factor of k = 3). 1) helligkeit: helligkeitswerte werden w?hrend eines strompulses einer typischen dauer von 25 ms, mit einer internen reproduzierbarkeit von +/- 8 % und einer erweiterten messunsicherheit von +/- 11 % gemessen (gem?? gum mit erweiterungsfaktor k = 3). 2) reverse operation: a minimum of 10 hours of reverse operation is permisable in total. 2) betrieb in sperrrichtung: eine gesamtbetriebszeit von wenigstens 10 stunden in sperrrichtung ist gew?hrleistet. 3) forward voltage: the forward voltage is measured during a current pulse of typically 8 ms, with an internal reproducibility of +/- 0,05 v and an expanded uncertainty of +/- 0,1 v (acc. to gum with a coverage factor of k=3). 3) durchlassspannung: vorw?rtsspannungen werden w?hrend eines strompulses einer typischen dauer von 8 ms, mit einer internen reproduzierbarkeit von +/- 0,05 v und einer erweiterten messunsicherheit von +/- 0,1 v gemessen (gem?? gum mit erweiterungsfaktor k=3). 4) color reproduction index: color reproduction index values (cri-ra) are measured during a current pulse of typically 25 ms, with an internal reproducibility of 2 and an expanded uncertainty of 3 (acc. to gum with a coverage factor of k = 3). 4) farbwiedergabe index: werte des farbwiedergabe index (cri-ra) werden w?hrend eines strompulses einer typischen dauer von 25 ms, mit einer internen reproduzierbarkeit von 2 und einer erweiterten messunsicherheit von 3 gemessen (gem?? gum mit erweiterungsfaktor k = 3). 5) thermal resistance: rth max is based on statistic values (6  ). 5) w?rmewiderstand: rth max basiert auf statistischen werten (6  ). 6) typical values: due to the special conditions of the manufacturing processes of led, the typical data or calculated correlations of technical parameters can only reflect statistical figures. these do not necessarily correspond to the actual parameters of each single product, which could differ from the typical data and calculated correlations or the typical characteristic line. if requested, e.g. because of technical improvements, these typ. data will be changed without any further notice. 6) typische werte: wegen der besonderen prozessbedingungen bei der herstellung von led k?nnen typische oder abgeleitete technische parameter nur aufgrund statistischer werte wiedergegeben werden. diese stimmen nicht notwendigerweise mit den werten jedes einzelnen produktes berein, dessen werte sich von typischen und abgeleiteten werten oder typischen kennlinien unterscheiden k?nnen. falls erforderlich, z.b. aufgrund technischer verbesserungen, werden diese typischen werte ohne weitere ankndigung ge?ndert. 7) chromaticity coordinate groups: chromaticity coordinates are measured during a current pulse of typically 25 ms, with an internal reproducibility of +/- 0,005 and an expanded uncertainty of +/- 0,01 (acc. to gum with a coverage factor of k = 3). 7) farbortgruppen: farbkoordinaten werden w?hrend eines strompulses einer typischen dauer von 25 ms, mit einer internen reproduzierbarkeit von +/- 0,005 und einer erweiterten messunsicherheit von +/- 0,01 gemessen (gem?? gum mit erweiterungsfaktor k = 3). 8) relative brightness curve: in the range where the line of the graph is broken, you must expect higher brightness differences between single leds within one packing unit. 8) relative helligkeitskurve: im gestrichelten bereich der kennlinien muss mit erh?hten helligkeitsunterschieden zwischen leuchtdioden innerhalb einer verpackungseinheit gerechnet werden. 9) tolerance of measure: dimensions are specified as follows: mm (inch). 9) ma?toleranz: ma?e werden wie folgt angegeben: mm (inch).
version 1.3 lcw crdp.ec 2013-06-15 28 published by osram opto semiconductors gmbh leibnizstra?e 4, d-93055 regensburg www.osram-os.com ? all rights reserved.


▲Up To Search▲   

 
Price & Availability of LCWCRDPEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X