Part Number Hot Search : 
MAX452 CS3001 XVT9012 URR80 313600 L3383 FSL126MR SFH4045N
Product Description
Full Text Search
 

To Download KTC200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KTC200 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92 ?? npn ?? silicon npn transistor in a to-92 plastic package. ??? kta200  excellent h fe linearity, complementary pair with kta200. ????? general amplifier and switching application. pin1 base pin 2 collector pin 3 emitter ?? / hfe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol o y h fe range 70~140 120~240 1 2 3
KTC200 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 60 v collector to emitter voltage v ceo 45 v emitter to base voltage v ebo 5.0 v collector current - continuous i c 500 ma emitter current - continuous i e -500 ma collector power dissipation p c 625 mw junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector cut-off current i cbo v cb =50v i e =0 0.1 a emitter cut-off current i ebo v eb =5.0v i c =0 0.1 a dc current gain h fe(1) v ce =2.0v i c =50ma 70 240 h fe(2) v ce =2.0v i c =200ma 25 collector to emitter saturation v oltage v ce(sat) i c =100ma i b =10ma 0.25 v base to emitter voltage v be v ce =2.0v i c =200ma 1.0 v transition frequency f t v ce =6.0v i c =20ma 300 mhz collector capacitance c ob v cb =6.0v i e =0 f=1.0mhz 7.0 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
KTC200 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
KTC200 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
KTC200 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? c200  ??? y:?h fe ? ****  ???? note: br: company code. c200: product type. y:    h fe classifications symbol ****: lot no. code,code change with lot no. br **** c200 y
KTC200 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of KTC200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X