Part Number Hot Search : 
ALVCB 82V26 100301FC MBR12040 C7WP08L8 TCXNL LC87F AN486
Product Description
Full Text Search
 

To Download KSMF27P06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KSMF27P06 60v p-channel mosfet general description these p-channel enhancement mode power field effect transistors are produced using kersemi proprietary, planar stripe, dmos technology. this advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. these devices are well suited for low voltage applications such as automotive, dc/dc converters, and high efficiency switching for power management in portable and battery operated products. features ? -17a, -60v, r ds(on) = 0.07 ? @v gs = -10 v ? low gate charge ( typical 33 nc) ? low crss ( typical 120 pf) ? fast switching ? 100% avalanche tested ? improved dv/dt capability ? 175 c maximum junction temperature rating absolute maximum ratings t c = 25c unless otherwise noted thermal characteristics symbol parameter KSMF27P06 units v dss drain-source voltage -60 v i d drain current - continuous (t c = 25c) -17 a - continuous (t c = 100c) -12 a i dm drain current - pulsed (note 1) -68 a v gss gate-source voltage 25 v e as single pulsed avalanche energy (note 2) 560 mj i ar avalanche current (note 1) -17 a e ar repetitive avalanche energy (note 1) 4.7 mj dv/dt peak diode recovery dv/dt (note 3) -7.0 v/ns p d power dissipation (t c = 25c) 47 w - derate above 25c 0.31 w/c t j , t stg operating and storage temperature range -55 to +175 c t l maximum lead temperature for soldering purposes, 1/8 " from case for 5 seconds 300 c symbol parameter typ max units r jc thermal resistance, junction-to-case -- 3.19 c / w r ja thermal resistance, junction-to-ambient -- 62.5 c / w to-220f ? ? ? ? ! ! ! ! ! ! ! ! ! ! ! ! ? ? ? ? ! ! ! ! ! ! ! ! ! ! ! ! s d g 2014-6-30 1 www.kersemi.com
t c = 25c unless otherwise noted notes: 1. repetitive rating : pulse width limited by maximum junction temperature 2. l = 2.25mh, i as = -17a, v dd = -25v, r g = 25 ?, starting t j = 25c 3. i sd -27a, di/dt 300a/ s, v dd bv dss, starting t j = 25c 4. pulse test : pulse width 300 s, duty cycle 2% 5. essentially independent of operating temperature symbol parameter test conditions min typ max units off characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = -250 a -60 -- -- v ? bv dss / ? t j breakdown voltage temperature coefficient i d = -250 a, referenced to 25c -- -0.06 -- v/c i dss zero gate voltage drain current v ds = -60 v, v gs = 0 v -- -- -1 a v ds = -48 v, t c = 150c -- -- -10 a i gssf gate-body leakage current, forward v gs = -25 v, v ds = 0 v -- -- -100 na i gssr gate-body leakage current, reverse v gs = 25 v, v ds = 0 v -- -- 100 na on characteristics v gs(th) gate threshold voltage v ds = v gs , i d = -250 a -2.0 -- -4.0 v r ds(on) static drain-source on-resistance v gs = -10 v, i d = -8.5 a -- 0.055 0.07 ? g fs forward transconductance v ds = -30 v, i d = -8.5 a -- 12 -- s dynamic characteristics c iss input capacitance v ds = -25 v, v gs = 0 v, f = 1.0 mhz -- 1100 1400 pf c oss output capacitance -- 510 660 pf c rss reverse transfer capacitance -- 120 155 pf switching characteristics t d(on) turn-on delay time v dd = -30 v, i d = -13.5 a, r g = 25 ? -- 18 45 ns t r turn-on rise time -- 185 380 ns t d(off) turn-off delay time -- 30 70 ns t f turn-off fall time -- 90 190 ns q g total gate charge v ds = -48 v, i d = -27 a, v gs = -10 v -- 33 43 nc q gs gate-source charge -- 6.8 -- nc q gd gate-drain charge -- 18 -- nc drain-source diode characteristics and maximum ratings i s maximum continuous drain-source diode forward current -- -- -17 a i sm maximum pulsed drain-source diode forward current -- -- -68 a v sd drain-source diode forward voltage v gs = 0 v, i s = -17 a -- -- -4.0 v t rr reverse recovery time v gs = 0 v, i s = -27 a, di f / dt = 100 a/ s -- 105 -- ns q rr reverse recovery charge -- 0.41 -- c (note 4) (note 4, 5) (note 4, 5) (note 4) elerical characteristics KSMF27P06 2014-6-30 2 www.kersemi.com
0 5 10 15 20 25 30 35 0 2 4 6 8 10 12 v ds = -30v v ds = -48v note : i d = -27 a -v gs , gate-source voltage [v] q g , total gate charge [nc] 10 -1 10 0 10 1 0 500 1000 1500 2000 2500 3000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd notes : 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitance [pf] v ds , drain-source voltage [v] 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 10 -1 10 0 10 1 175 notes : 1. v gs = 0v 2. 250 s pulse test 25 -i dr , reverse drain current [a] -v sd , source-drain voltage [v] 0 10 20 30 40 50 60 70 80 90 100 110 120 130 0.00 0.04 0.08 0.12 0.16 0.20 0.24 note : t j = 25 v gs = - 20v v gs = - 10v r ds(on) [ ? ], drain-source on-resistance -i d , drain current [a] 246810 10 -1 10 0 10 1 175 25 -55 notes : 1. v ds = -30v 2. 250 s pulse test -i d , drain current [a] -v gs , gate-source voltage [v] 10 -1 10 0 10 1 10 0 10 1 v gs top : - 15.0 v - 10.0 v - 8.0 v - 7.0 v - 6.0 v - 5.5 v - 5.0 v bottom : - 4.5 v notes : 1. 250 s pulse test 2. t c = 25 -i d , drain current [a] -v ds , drain-source voltage [v] typical characteristics figure 5. capacitance characteristics figure 6. gate charge characteristics figure 3. on-resistance variation vs. drain current and gate voltage figure 4. body diode forward voltage variation vs. source current and temperature figure 2. transfer characteristics figure 1. on-region characteristics KSMF27P06 2014-6-30 3 www.kersemi.com
10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 n ote s : 1. z jc (t) = 3.19 /w m ax. 2. d u ty f actor, d =t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), therm al response t 1 , s q u are w ave p u lse d ura tion [sec] 25 50 75 100 125 150 175 0 3 6 9 12 15 18 -i d , drain current [a] t c , case temperature [ ] 10 0 10 1 10 2 10 -1 10 0 10 1 10 2 100 ms dc 10 ms 1 ms operation in this area is limited by r ds(on) notes : 1. t c = 25 o c 2. t j = 175 o c 3. single pulse -i d , drain current [a] -v ds , drain-source voltage [v] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 notes : 1. v gs = -10 v 2. i d = -13.5 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 notes : 1. v gs = 0 v 2. i d = -250 a -bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] typical characteristics (continued) figure 9. maximum safe operating area figure 10. maximum drain current vs. case temperature figure 7. breakdown voltage variation vs. temperature figure 8. on-resistance variation vs. temperature figure 11. transient thermal response curve t 1 p dm t 2 KSMF27P06 2014-6-30 4 www.kersemi.com
charge v gs -10v q g q gs q gd -3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut charge v gs -10v q g q gs q gd -3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut v ds v gs 10% 90% t d(on) t r t on t off t d(off) t f v dd -10v v ds r l dut r g v gs v ds v gs 10% 90% t d(on) t r t on t off t d(off) t f v dd -10v v ds r l dut r g v gs e as =li as 2 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time -10v dut r g l i d t p e as =li as 2 ---- 2 1 e as =li as 2 ---- 2 1 ---- 2 1 -------------------- bv dss -v dd bv dss v dd v ds bv dss t p v dd i as v ds (t) i d (t) time -10v dut r g l l i d i d t p gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms KSMF27P06 2014-6-30 5 www.kersemi.com
peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g compliment of dut (n-channel) v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g compliment of dut (n-channel) v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period -------------------------- KSMF27P06 2014-6-30 6 www.kersemi.com
package dimensions (7.00) (0.70) max1.47 (30 ) #1 3.30 0.10 15.80 0.20 15.87 0.20 6.68 0.20 9.75 0.30 4.70 0.20 10.16 0.20 (1.00x45 ) 2.54 0.20 0.80 0.10 9.40 0.20 2.76 0.20 0.35 0.10 ?.18 0.10 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] 0.50 +0.10 ?.05 to-220f KSMF27P06 2014-6-30 7 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of KSMF27P06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X