Part Number Hot Search : 
Q6030LH5 STB6NC80 07197 SMBJ160A 2Y4NANV 17578 GF7NB SIA418DJ
Product Description
Full Text Search
 

To Download ISL8036ADUALEVAL1Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fn6853 rev 3.00 page 1 of 26 august 17, 2012 fn6853 rev 3.00 august 17, 2012 isl8036, isl8036a dual 3a 1mhz/2.5mhz high effic iency synchronous buck regulator datasheet isl8036, isl8036a are integrated power controllers rated for dual 3a output current or cu rrent sharing operation with a 1mhz (isl8036)/2.5mhz (isl8036a) step-down regulator, which is ideal for any low power low-voltage applications. the channels are 180 out-of-phase for input rms current and emi reduction. it is optimized for generating low output voltages down to 0.8v each. the supply voltage range is from 2.8v to 6v, allowing for the use of a single li+ cell, three nimh cells or a regulated 5v input. the two channels are 180 out-of-phase, and each one has a guaranteed minimum output current of 3a. they can be combined to form a single 6a output in the current sharing mode. while in current sharing, the interleaved pwm signals reduce input and output ripple. the isl8036, isl8036a includes a pair of low on-resistance p-channel and n-channel internal mosfets to maximize efficiency and minimize external component count. 100% duty-cycle operation allows less than 250mv dropout voltage at 3a each. the isl8036, isl8036a offers an independent 1ms power-good (pg) timer at powe r-up. when shutdown, isl8036, isl8036a discharges the output capacitor. other features include internal digital soft-start, enable for power sequence, overcurrent protection, and thermal shutdown. the isl8036, isl8036a is offere d in a 24 ld 4mmx4mm qfn package with 1mm maximum height. the complete converter occupies less than 1.5cm 2 area. features ? 3a high efficiency synchronous buck regulator with up to 95% efficiency ? 2% output accuracy over-temperature/load/line ? internal digital soft-start - 1.5ms ? 6a current sharing mode operation ? external synchronization up to 6mhz ? internal current mode compensation ? peak current limiting and hiccup mode short circuit protection ? reverse overcurrent protection applications ? dc/dc pol modules ?c/p, fpga and dsp power ? plug-in dc/dc modules for routers and switchers ? test and measurement systems ? li-ion battery power devices ? bar code reader related literature ? an1616 , ?isl8036crsheval1z current sharing 6a low quiescent current high efficiency synchronous buck regulator? ? an1617 , ?isl8036dualeval1z dual 3a low quiescent current high efficiency synchronous buck regulator? ? an1615 , ?isl8036acrsheval1z current sharing 6a low quiescent current high efficiency synchronous buck regulator? ? an1618 , ?ISL8036ADUALEVAL1Z dual 3a low quiescent current high efficiency synchronous buck regulator? output load (a) efficiency (%) figure 1. efficiency vs load, 1mhz 5v in pwm, t a = +25c 40 50 60 70 80 90 100 0123456 3.3v out - pwm
isl8036, isl8036a fn6853 rev 3.00 page 2 of 26 august 17, 2012 typical applications figure 2. typical application diagram - single 6a figure 3. typical application diagram - dual 3a outputs l1 1.5h lx1 pgnd fb1 vin1, 2 en1 pg1 sync input 2.8v to 6v output1 1.8v/6a c1 2x22f isl8036, isl8036a c2 r2 124k r3 100k 2x22f vdd sgnd c3 12pf l2 1.5h fb2 c4 r6 50k 2x22f c6 150pf lx2 pgnd sgnd en2 pg2 comp ss c5 22nf l1 1.5h lx1 pgnd fb1 vin en1 pg1 syn c input 2.7v to 6v output1 1.8v/3a c1 2x22f isl8036, c2 r2 124k r3 100k 2x22f vdd sgnd c3 12pf l2 1.5h fb2 output2 1.8v/3a c4 r5 124k r6 100k 2x22f c5 12pf lx2 pgnd sgnd en2 pg2 comp ss isl8036a
isl8036, isl8036a fn6853 rev 3.00 page 3 of 26 august 17, 2012 table 1. component value selection for dual operation v out 0.8v 1.2v 1.5v 1.8v 2.5v 3.3v c1 2x22f 2x22f 2x22f 2x22f 2x22f 2x22f c2 (or c4) 2x22f 2x22f 2x22f 2x22f 2x22f 2x22f l1 (or l2)* 1.0~2.2h 1.0~2.2h 1.0~2.2h 1.0~3.3h 1.0~3.3h 1.0~4.7h r2 (or r5) 0 50k 87.5k 124k 212.5k 312.5k r3 (or r6) 100k 100k 100k 100k 100k 100k *for isl8036a, the values used for l1 (or l2) are half the values specified above for each v out . table 2. component value selection for current sharing operation v out 0.8v 1.2v 1.5v 1.8v 2.5v 3.3v c1 2x22f 2x22f 2x22f 2x22f 2x22f 2x22f c2 (or c4) 2x22f 2x22f 2x22f 2x22f 2x22f 2x22f l1 (or l2)* 1.0~2.2h 1.0~2.2h 1.0~2.2h 1.0~3.3h 1.0~3.3h 1.0~4.7h r2 0 50k 87.5k 124k 212.5k 312.5k r3 100k 100k 100k 100k 100k 100k r6 30k 33k 31k 30k 29k 28k c6 250pf 180pf 150pf 150pf 150pf 150pf *for isl8036a, the values used for l1 (or l2) are half the values specified above for each v out . note: c5 value (22nf) is given by equation 1 corresponding to the desired soft-start time. table 3. summary of differences part number switching frequency isl8036 internally fixed switching frequency f sw = 1mhz isl8036a internally fixed switching frequency f sw = 2.5mhz
isl8036, isl8036a fn6853 rev 3.00 page 4 of 26 august 17, 2012 block diagram lx1 + + csa1 + + + slope comp star t soft- start 0.8v eamp comp pwm logic controller protection driver fb1 + 0.736v 0.864v pg1 sync shutdown vin1 pgnd oscillator + bandgap scp + 0.5v en1 shutdown 1ms delay 0.3pf 27pf 390k sgnd 3pf 1.6k lx2 + + csa2 + + + slope comp star t soft- start 0.8v eamp comp pwm logic controller protection driver fb2 + 0.736v 0.864v pg2 shutdown vin2 pgnd + bandgap scp + 0.5v en2 shutdown 1ms delay sgnd 3pf 1.6k 1m thermal shutdown shutdown comp vin2 1m vin1 ocp threshold logic ss ss 0.3pf 27pf 390k
isl8036, isl8036a fn6853 rev 3.00 page 5 of 26 august 17, 2012 pin configuration isl8036, isl8036a (24 ld qfn) top view lx2 pgnd2 pgnd2 pgnd1 pgnd1 lx1 comp nc fb1 sgnd pg1 sync lx2 vin2 vin2 en2 pg2 fb2 lx1 vin1 vin1 vdd ss en1 1 2 3 4 5 6 18 17 16 15 14 13 24 23 22 21 20 19 789101112 25 pad pin descriptions pin number symbol description 1, 24 lx2 switching node connection for channel 2. connect to one terminal of inductor for vout2. 22, 23 pgnd2 negative supply for the power stage of channel 2. 4 en2 regulator channel 2 enable pin. enable the output, vout2, when driven to high. shutdown the vout2 and discharge output capacitor when driven to low. do not leave this pin floating. 5 pg2 1ms timer output. at power-up or en hi, this output is a 1ms delayed power-good signal for the vout2 voltage. 6 fb2 the feedback network of the channel 2 regulator. to be connected to fb1 (current sharing) 7 comp an additional external network across comp and sgnd is required to improve the loop compensation of the amplifier channel parallel operation. the soft-start pin should be tied to the external capacitor. comp pin is nc in dual mode operation, using internal compensation. if ss pin is tied to css (without connection to vi n), external compensation is automtaically used. connect an external r,c netw ork on comp pin for parallel mode operation. 8 nc no connect pin; please tie to gnd. 9 fb1 the feedback network of the channel 1 regulator. fb1 is the negative input to the tran sconductance error amplifier. the output voltage is set by an external resistor divider conn ected to fb1. with a properly selected divider, the output voltage can be set to any voltage between the power rail (r educed by converter losses) and the 0.8v reference. there is an internal compensation to meet a typical application. in addition, the regulator power-good and undervoltage protection circuitry use fb1 to monitor the channel 1 regulator output voltage. 10 sgnd system ground. 11 pg1 1ms timer output. at power-up or en hi, this output is a 1ms delayed power-good signal for the vout1 voltage. 12 sync connect to logic high or input voltage vin . connect to an external function generator for external synchronization. negative edge trigger. do not leave this pin floating. do not tie this pin low (or to sgnd). 13 en1 regulator channel 1 enable pin. enable the output, vout 1, when driven to high. shut down the vout1 and discharge output capacitor when driven to low. do not leave this pin floating.
isl8036, isl8036a fn6853 rev 3.00 page 6 of 26 august 17, 2012 14 ss ss is used to adjust the soft-start time. when ss pin is tied to vin, ss time is 1.5ms. ss pin is tied to vin only in dual mode operation. ss pin is tied to css only in parallel mode operation, using only external compensation. connect a capacitor from ss to sgnd to adjust the soft-start time (current sharing). c ss should not be larger than 33nf. this capacitor, along with an internal 5a current source sets the soft-start interval of the converter, t ss . 15 vdd input supply voltage for the logic. vdd to be at the same potential as vin +0.3/-0.5v. 20, 21 pgnd1 negative supply for the power stage of channel 1. 18, 19 lx1 switching node connection for channel 1. connect to one terminal of inductor for vout1. 16, 17 2, 3 vin1, vin2 input supply voltage. connect 22f cerami c capacitor to power ground per channel. 25 pad the exposed pad must be connected to the sgnd pin for proper electrical performance. add as much vias as possible for optimal thermal performance. pin descriptions (continued) pin number symbol description c ss ? f ?? 6.25 t ss s ?? ? = (eq. 1) ordering information part number (notes 2, 3) part marking temp. range (c) package (pb-free) pkg. dwg. # isl8036irz 80 36irz -40 to +85 24 ld 4x4 qfn l24.4x4d isl8036irz-t (note 1) 80 36irz -40 to +85 24 ld 4x4 qfn l24.4x4d isl8036airz 80 36airz -40 to +85 24 ld 4x4 qfn l24.4x4d isl8036airz-t (note 1) 80 36airz -40 to +85 24 ld 4x4 qfn l24.4x4d isl8036crsheval1z evaluation board isl8036dualeval1z evaluation board isl8036acrsheval1z evaluation board ISL8036ADUALEVAL1Z evaluation board notes: 1. please refer to tb347 for details on reel specifications. 2. these intersil pb-free plastic packaged products employ specia l pb-free material sets, molding compounds/die attach materials , and 100% matte tin plate plus anneal (e3 termination finish, which is rohs compliant and compat ible with both snpb and pb-free soldering operations). intersi l pb-free products are msl classified at pb-free peak reflow temperatures that meet or exceed the pb-free requirements of ipc/jedec j std-020. 3. for moisture sensitivity level (msl), please see device information page for isl8036 , isl8036a . for more information on msl, please see technical brief tb363 .
isl8036, isl8036a fn6853 rev 3.00 page 7 of 26 august 17, 2012 table of contents absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 thermal information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 isl8036 typical operating performance for dual pwm operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 isl8036a typical operating performance for dual pwm operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 isl8036 typical operating performance for current sharing pwm operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 isl8036a typical operating performance for current sharing pwm operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 theory of operation. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 pwm control scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 synchronization control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 output current sharing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 overcurrent protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 pg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 uvlo . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 enable . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 soft-start-up . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 discharge mode (soft-stop) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 power mosfets . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 100% duty cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 thermal shutdown . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 applications information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 output inductor and capacitor selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 output voltage selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 input capacitor selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 pcb layout recommendation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 revision history. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 package outline drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
isl8036, isl8036a fn6853 rev 3.00 page 8 of 26 august 17, 2012 absolute maximum ratings (reference to sgnd) thermal information vin1, vin2, vdd . . . . . . . . . . . . . . . . . . . . . -0.3v to 6.5v (dc) or 7v (20ms) lx1, lx2 . . . . . . . . . . . . . -3v/(10ns)/-1.5v (100ns)/-0.3v (dc) to 6.5v (dc) or . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7v (20ms)/8.5v(10ns) en1, en2, pg1, pg2, sync, ss. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3v to +6.5v fb1, fb2, comp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3v to 2.7v nc . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3v to 0.3v esd ratings human body model (tested per jesd22-a114) . . . . . . . . . . . . . . . . . 4kv charged device model (tested per jesd22-c101e). . . . . . . . . . . . . . 2kv machine model (tested per jesd22-a115). . . . . . . . . . . . . . . . . . . . 300v latch up (tested per jesd-78a; class 2, le vel a) . . . . . . . . . . . . . . 100ma thermal resistance (typical) ? ja (c/w) ? jc (c/w) 24 ld 4x4 qfn (notes 4, 5). . . . . . . . . . . 36 2 junction temperature range . . . . . . . . . . . . . . . . . . . . . . .-55c to +150c storage temperature range. . . . . . . . . . . . . . . . . . . . . . . .-65c to +150c ambient temperature range . . . . . . . . . . . . . . . . . . . . . . . . -40c to +85c pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below http://www.intersil.com/ pbfree/pb-freereflow.asp recommended operating conditions vin supply voltage range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.85v to 6v load current range per channel . . . . . . . . . . . . . . . . . . . . . . . . . . . 0a to 3a ambient temperature range . . . . . . . . . . . . . . . . . . . . . . . . -40c to +85c caution: do not operate at or near the maximum ratings listed for extended periods of time. exposure to such conditions may adv ersely impact product reliability and result in failures not covered by warranty. notes: 4. ? ja is measured in free air with the componen t mounted on a high effective thermal conduc tivity test board with ?direct attach? fe atures. see tech brief tb379 . 5. for ? jc , ?case temperature? location is at the center of the exposed metal pad on the package underside. electrical specifications unless otherwise noted, the typical specificatio ns are measured at th e following conditions: t a = -40c to +85c, v in = 3.6v, en1 = en2 = vdd, l = 1.5h, c1 = c2 = c4 = 2x22f, i out1 = i out2 = 0a to 3a, unless otherwise noted. typical values are at t a = +25c. boldface limits apply over the operating temperature range, -40c to +85c. parameter symbol test conditions min (note 6) typ max (note 6) units input supply vin undervoltage lockout threshold v uvlo rising 2.5 2.85 v hysteresis 50 100 mv quiescent supply current i vdd sync = vdd, en1 = en2 = vdd, f s = 1mhz, no load at the output 15 40 ma f s = 2.5mhz, no load at the output 30 70 ma shutdown supply current i sd v dd = 6v, en1 = en2 = sgnd 8 20 a output regulation fb1, fb2 regulation voltage v fb 0.790 0.8 0.810 v fb1, fb2 bias current i fb vfb = 0.75v 0.1 a load regulation sync = vdd, output load from 0a to 6a 2 mv/a line regulation v in = v o + 0.5v to 6v (minimal 2.85v) 0.1 %/v soft-start ramp time cycle ss = vdd 1.5 ms soft-start charging current i ss 4 5 6 a compensation error amplifier trans-conductance ss = vdd 20 a/v ss with capacitor 100 a/v trans-resistance rt 0.180 0.2 0.220 trans-resistance matching rt_match -0.03 +0.03 overcurrent protection dynamic current limit on-time t ocon 17 clock pulses dynamic current limit off-time t ocoff 8 ss cycle positive peak overcurrent limit i poc1 4.1 4.8 5.5 a i poc2 4.1 4.8 5.5 a negative peak overcurrent limit i noc1 -3.5 -2.5 -1.5 a i noc2 -3.5 -2.5 -1.5 a
isl8036, isl8036a fn6853 rev 3.00 page 9 of 26 august 17, 2012 lx1, lx2 p-channel mosfet on-resistance v in = 6v, i o = 200ma 50 75 m v in = 2.7v, i o = 200ma 70 100 m n-channel mosfet on-resistance v in = 6v, i o = 200ma 50 75 m v in = 2.7v, i o = 200ma 70 100 m lx_ maximum duty cycle 100 % pwm switching frequency f s isl8036 0.88 1.1 1.32 mhz isl8036a 2.15 2.5 2.85 mhz synchronization frequency range f sync isl8036 (note 7) 2.64 6 mhz channel 1 to channel 2 phase shift ris ing edge to rising edge timing 180 lx minimum on time sync = high (pwm mode) 140 ns soft discharge resistance r dis en = low 80 100 120 lx leakage current pulled up to 6v 0.1 1 a pg1, pg2 output low voltage sinking 1ma, vfb = 0.7v 0.3 v pg pin leakage current pg = v in = 6v 0.01 0.1 a internal pgood low rising threshold percentage of nominal regulation voltage 89.5 92 94.5 % internal pgood low falling threshold percentage of nominal regulation voltage 85 88 91 % delay time (rising edge) time from vout_ reached regulation 1 ms internal pgood delay time (falling edge) 7 10 s en1, en2, sync logic input low 0.4 v logic input high 1.5 v sync logic input leakage current i sync pulled up to 6v 0.1 1 a enable logic input leakage current i en pulled up to 6v 0.1 1 a thermal shutdown 150 c thermal shutdown hysteresis 25 c notes: 6. parameters with min and/or max limits are 100% tested at +2 5c, unless otherwise specified. temperature limits established by characterization and are not production tested. 7. the operational frequency per switching chan nel will be half of the sync frequency. electrical specifications unless otherwise noted, the typical specificatio ns are measured at th e following conditions: t a = -40c to +85c, v in = 3.6v, en1 = en2 = vdd, l = 1.5h, c1 = c2 = c4 = 2x22f, i out1 = i out2 = 0a to 3a, unless otherwise noted. typical values are at t a = +25c. boldface limits apply over the operating temperature range, -40c to +85c. (continued) parameter symbol test conditions min (note 6) typ max (note 6) units
isl8036, isl8036a fn6853 rev 3.00 page 10 of 26 august 17, 2012 isl8036 typical operating perfor mance for dual pwm operation unless otherwise noted, operating conditions are: v out1 = 1.8v; v out2 = 0.8v; i out1 = 0a to 3a; i out2 = 0a to 3a, f sw = 1mhz. figure 4. efficiency, v in =3.3v, t a = +25c figure 5. efficiency, v in = 5v , t a = +25c figure 6. power dissipation, v out = 1.8v , t a = +25c figure 7. v out regulation vs load, 1.8v, t a = +25c figure 8. output voltage regulation vs v in , 1.8v, t a = +25c figure 9. steady state operation at no load channel 1 40 50 60 70 80 90 100 0.00.51.01.52.02.53.0 i out (a) efficiency (%) 1.5v out 1.2v out 2.5v out 1.8v out 40 50 60 70 80 90 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i out (a) efficiency (%) 1.5v out 1.2v out 2.5v out 1.8v out 3.3v out 0 0.2 0.4 0.6 0.8 1.0 1.2 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i out (a) pd (w) 3.3v in 5v in 1.780 1.785 1.790 1.795 1.800 1.805 1.810 0 0.5 1.0 1.5 2.0 2.5 3.0 output load (a) output voltage (v) 3.3v in 5v in 2.7v in 1.780 1.785 1.790 1.795 1.800 1.805 1.810 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) output voltage (v) 3a load 2a load 0a load lx1 2v/div vout ripple 20mv/div il1 0.5a/div
isl8036, isl8036a fn6853 rev 3.00 page 11 of 26 august 17, 2012 figure 10. steady state operat ion at no load channel 2 figure 11. steady state operation with full load channel 1 figure 12. steady state operation with full load channel 2 figure 13. load transient channel 1 figure 14. load transient channel 2 figure 15. soft-start with no load channel 1 isl8036 typical operating perfor mance for dual pwm operation unless otherwise noted, operating conditions are: v out1 = 1.8v; v out2 = 0.8v; i out1 = 0a to 3a; i out2 = 0a to 3a, f sw = 1mhz. (continued) lx2 2v/div vout2 ripple 20mv/div il2 0.5a/div lx1 2v/div vout ripple 20mv/div il1 2a/div lx2 2v/div vout ripple 20mv/div il2 2a/div vout ripple 50mv/div il1 2a/div vout2 ripple 20mv/div il2 2a/div en1 2v/div vout 1v/div il1 0.5a/div pg1 5v/div
isl8036, isl8036a fn6853 rev 3.00 page 12 of 26 august 17, 2012 figure 16. soft-start with no load channel 2 figure 17. soft-start at full load channel 1 figure 18. soft-start at full load channel 2 f igure 19. soft-discharge shutdown channel 1 figure 20. soft-discharge shutdown channel 2 figure 21. steady state operation channel 1 at no load with f sw = 2.4mhz isl8036 typical operating perfor mance for dual pwm operation unless otherwise noted, operating conditions are: v out1 = 1.8v; v out2 = 0.8v; i out1 = 0a to 3a; i out2 = 0a to 3a, f sw = 1mhz. (continued) en2 2v/div vout2 0.5v/div il2 0.5a/div pg2 5v/div en1 2v/div vout1 1v/div il1 2a/div pg1 5v/div en2 2v/div vout2 0.5v/div il2 2a/div pg2 5v/div en1 5v/div vout1 0.5v/div il1 0.5a/div pg1 5v/div en2 2v/div vout2 0.5v/div il2 0.5a/div pg2 5v/div lx1 2v/div vout1 ripple 20mv/div il1 1a/div synch 5v/div
isl8036, isl8036a fn6853 rev 3.00 page 13 of 26 august 17, 2012 figure 22. steady state operation channel 2 at no load with f sw = 2.4mhz figure 23. steady state operation channel 1 at full load with f sw = 2.4mhz figure 24. steady state operation channel 2 at full load with f sw = 2.4mhz figure 25. steady state operation channel 1 at no load with f sw = 6mhz figure 26. steady state operation channel 2 at no load with f sw = 5mhz figure 27. output short circuit channel 1 isl8036 typical operating perfor mance for dual pwm operation unless otherwise noted, operating conditions are: v out1 = 1.8v; v out2 = 0.8v; i out1 = 0a to 3a; i out2 = 0a to 3a, f sw = 1mhz. (continued) lx2 2v/div vout2 ripple 20mv/div il2 1a/div synch 5v/div lx1 2v/div vout1 ripple 20mv/div il1 2a/div synch 5v/div lx2 2v/div vout2 ripple 20mv/div il2 2a/div synch 5v/div vout1 ripple 20mv/div il1 2a/div synch 5v/div lx1 2v/div lx2 2v/div vout2 ripple 20mv/div il2 2a/div synch 5v/div phase1 5v/div il1 1a/div pg1 5v/div vout1 1v/div
isl8036, isl8036a fn6853 rev 3.00 page 14 of 26 august 17, 2012 figure 28. output short circuit recovery (from hiccup) channel 1 figure 29. output short circuit channel 2 figure 30. output short circuit re covery (from hiccup) channel 2 isl8036 typical operating perfor mance for dual pwm operation unless otherwise noted, operating conditions are: v out1 = 1.8v; v out2 = 0.8v; i out1 = 0a to 3a; i out2 = 0a to 3a, f sw = 1mhz. (continued) phase1 5v/div il1 1a/div pg1 5v/div vout1 1v/div phase2 5v/div il2 1a/div pg2 5v/div vout2 0.5v/div phase2 5v/div il2 1a/div pg2 5v/div vout2 1v/div
isl8036, isl8036a fn6853 rev 3.00 page 15 of 26 august 17, 2012 isl8036a typical operating perfor mance for dual pwm operation unless otherwise noted, operating conditions are: v out1 = 1.8v; v out2 = 0.8v; i out1 = 0a to 3a; i out2 = 0a to 3a, l1 = l2 = 0.6h, f sw = 2.5mhz. figure 31. efficiency vs load, 3.3v in dual channel 1, t a = +25c figure 32. efficiency vs load, 5v in dual channel 1, t a = +25c figure 33. power dissipation vs load, 1.8v out dual channel 1, t a = +25c figure 34. v out regulation vs load, 1.8v out dual channel 1, t a = +25c figure 35. v out regulation vs v in , 1.8v out dual channel 1, t a = +25c figure 36. steady state operation at no load channel 1 40 50 60 70 80 90 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 output load (a) 2.5v out 1.2v out 1.8v out 1.5v out efficiency (%) 40 50 60 70 80 90 100 0.0 0.5 1.0 1.5 2.0 2.5 3.0 output load (a) efficiency (%) 1.2v out 1.8v out 1.5v out 2.5v out 3.3v out 0.00 0.25 0.50 0.75 1.00 1.25 1.50 0 0.5 1.0 1.5 2.0 2.5 3.0 output load (a) power dissipation (w) 3.3v in 5v in 2.7v in 1.780 1.785 1.790 1.795 1.800 1.805 1.810 0 0.5 1.0 1.5 2.0 2.5 3.0 output load (a) output voltage (v) 3.3v in 5v in 2.7v in 1.780 1.785 1.790 1.795 1.800 1.805 1.810 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) output voltage (v) 1.5a load 3a load 0a load lx1 2v/div vout ripple 20mv/div il1 0.5a/div
isl8036, isl8036a fn6853 rev 3.00 page 16 of 26 august 17, 2012 figure 37. steady state operation at no load channel 2 figure 38. steady state operation at full load channel 1 figure 39. steady state operation at full load channel 2 figure 40. load transient channel 1 figure 41. load transient channel 2 isl8036a typical operating perfor mance for dual pwm operation unless otherwise noted, operating conditions are: v out1 = 1.8v; v out2 = 0.8v; i out1 = 0a to 3a; i out2 = 0a to 3a, l1 = l2 = 0.6h, f sw = 2.5mhz. (continued) lx1 1v/div vout ripple 20mv/div il1 0.5a/div lx1 2v/div vout ripple 20mv/div il1 2a/div lx1 1v/div vout ripple 20mv/div il1 2a/div il1 2a/div vout1 ripple 50mv/div il1 2a/div vout1 ripple 50mv/div il1 2a/div
isl8036, isl8036a fn6853 rev 3.00 page 17 of 26 august 17, 2012 isl8036 typical operating perfor mance for current sharing pwm operation unless otherwise noted, operating conditions are: v out = 1.8v, i out1 +i out2 = 0a to 6a, f sw = 1mhz. figure 42. efficiency vs load, v in =3.3v, t a = +25c figure 43. efficiency vs load, v in =5v, t a = +25c figure 44. power dissipation vs load, 1.8v, t a = +25c figure 45. v out regulation vs load, 1.8v, t a = +25c figure 46. v out regulation vs load, 1.8v, t a = -40c figure 47. v out regulation vs load, 1.8v, t a = +85c 0123456 output load (a) 40 50 60 70 80 90 100 efficiency (%) 1.8v out 1.2v out 1.5v out 2.5v out 40 50 60 70 80 90 100 0123456 output load (a) efficiency (%) 1.8v out 1.2v out 1.5v out 2.5v out 3.3v out 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 output load (a) power dissipation (w) 123456 3.3v in 2.7v in 5v in 1.790 1.795 1.800 1.805 1.810 1.815 1.820 01234 56 output load (a) output voltage (v) 3.3v in 5v in 2.7v in 1.785 1.790 1.795 1.800 1.805 1.810 1.815 output load (a) output voltage (v) 02 5 1346 3.3v in 5v in 2.7v in 1.790 1.795 1.800 1.805 1.810 1.815 1.820 01 23 456 output load (a) output voltage (v) 3.3v in 5v in 2.7v in
isl8036, isl8036a fn6853 rev 3.00 page 18 of 26 august 17, 2012 figure 48. output voltage regulation vs v in , t a = +25c figure 49. steady state operation at no load channel 1 figure 50. steady state operat ion with full load channel 1 figure 51. steady state operatio n with full load channel 2 figure 52. steady state operation at no load channel 1 and 2 figure 53. steady state operation at full load channel 1 and 2 isl8036 typical operating perfor mance for current sharing pwm operation unless otherwise noted, operating conditions are: v out = 1.8v, i out1 +i out2 = 0a to 6a, f sw = 1mhz. (continued) 1.790 1.795 1.800 1.805 1.810 1.815 1.820 2.5 3.0 3.5 4.0 4.5 5.0 5.5 output voltage (v) 0a 4a 6a input voltage (v) lx1 2v/div vout ripple 20mv/div il1 0.5a/div lx1 2v/div vout ripple 20mv/div il1 2a/div lx2 2v/div vout ripple 20mv/div il2 2a/div lx1 5v/div il2 1a/div lx2 5v/div il1 1a/div lx1 5v/div il2 1a/div lx2 5v/div il1 1a/div
isl8036, isl8036a fn6853 rev 3.00 page 19 of 26 august 17, 2012 figure 54. load transient channel 1 figure 55. soft-start with no load channel 1 figure 56. soft-start at full load channel 1 figure 57. soft-discharge shutdown channel 1 figure 58. steady state operation ch1 at no load with f sw = 3mhz figure 59. steady state operation ch1 at full load with f sw = 3mhz isl8036 typical operating perfor mance for current sharing pwm operation unless otherwise noted, operating conditions are: v out = 1.8v, i out1 +i out2 = 0a to 6a, f sw = 1mhz. (continued) vout ripple 50mv/div il1 2a/div en1 2v/div vout 1v/div il1 0.5a/div pg1 5v/div en1 2v/div vout 1v/div il1 2a/div pg1 5v/div en1 5v/div vout 0.5v/div il1 0.5a/div pg1 5v/div lx1 2v/div vout ripple 20mv/div il1 1a/div sync 5v/div lx1 2v/div vout ripple 20mv/div il1 2a/div sync 5v/div
isl8036, isl8036a fn6853 rev 3.00 page 20 of 26 august 17, 2012 figure 60. steady state operation ch1 at no load with f sw = 6mhz figure 61. steady state operat ion ch1 at full load with f sw = 6mhz figure 62. output short circuit channel 1 figure 63. output short circuit recovery (from hiccup) channel 1 isl8036 typical operating perfor mance for current sharing pwm operation unless otherwise noted, operating conditions are: v out = 1.8v, i out1 +i out2 = 0a to 6a, f sw = 1mhz. (continued) lx1 2v/div vout ripple 20mv/div il1 1a/div sync 5v/div lx1 2v/div vout ripple 20mv/div il1 2a/div sync 5v/div phase1 5v/div il1 1a/div pg1 5v/div vout 1v/div phase1 5v/div il1 1a/div pg1 5v/div vout 1v/div
isl8036, isl8036a fn6853 rev 3.00 page 21 of 26 august 17, 2012 isl8036a typical operating perfor mance for current sharing pwm operation unless otherwise noted, operating conditions are: v out = 1.8v, i out1 +i out2 = 0a to 6a, l1 = l2 = 0.6h, f sw = 2.5mhz. figure 64. steady state operation at no load figure 65. steady state operation at full 6a load lx1 5v/div vout ripple 20mv/div lx2 5v/div lx1 5v/div vout ripple 20mv/div lx2 5v/div
isl8036, isl8036a fn6853 rev 3.00 page 22 of 26 august 17, 2012 theory of operation the isl8036, isl8036a is a dual 3a or current sharing 6a step-down switching regulator optimized for battery-powered or mobile applications. the regulato r operates at 1mhz (isl8036) or 2.5mhz (isl8036a) fixed switchin g frequency under heavy load condition. the two channels are 180 out-of-phase operation. the supply current is typically only 8 a when the regulator is shutdown. pwm control scheme pulling the sync pin hi (>1.5v) forc es the converter into pwm mode in the next switching cycle regardle ss of output current. each of the channels of the isl8036, isl 8036a employ the current-mode pulse-width modulation (pwm) control scheme for fast transient response and pulse-by-pulse current limiting, as shown in the ?block diagram? on page 4 with waveform s in figure 66. the current loop consists of the osc illator, the pwm comparator comp, current sensing circuit, and the slope compensation for the current loop stability. the current sensing circuit consists of the resistance of the p-channel mosfet when it is tu rned on and the current sense amplifier csa1. the gain for the cu rrent sensing circuit is typically 0.2v/a. the control reference for the current loops comes from the error amplifier eamp of the voltage loop. the pwm operation is initialized by the clock from the oscillator. the p-channel mosfet is turned on at the beginning of a pwm cycle and the current in the mosfet starts to ramp up. when the sum of the current amplifier csa1 (or csa2 on channel 2) and the compensation slope (0.46v/s) re aches the control reference of the current loop, the pwm comparator comp sends a signal to the pwm logic to turn off the p-mosfet and to turn on the n-channel mosfet. the n-mosfet stays on until the end of the pwm cycle. figure 66 shows the typical oper ating waveforms during the pwm operation. the dotted lines illustra te the sum of the compensation ramp and the current-sens e amplifier csa_ output. the output voltage is regulated by controlling the reference voltage to the current loop. the bandgap circuit outputs a 0.8v reference voltage to the voltage control loop. the feedback signal comes from the vfb pin. the soft-start block only affects the operation during the start-up and will be discussed separately. the error amplifier is a transcondu ctance amplifier that converts the voltage error signal to a curre nt output. the voltage loop is internally compensated with the 27pf and 390k rc network. the maximum eamp voltage output is precisely clamped to the bandgap voltage (1.172v). synchronization control the frequency of operation can be synchronized up to 6mhz by an external signal applied to the sync pin. the 1st falling edge on the sync triggered the rising edge of the pwm on pulse of channel 1. the 2nd falling edge of the sync triggers the rising edge of the pwm on pulse of the channel 2. this process alternate indefinitely allowing 180 output phase operation between the two channels. output current sharing the isl8036, isl8036a dual outputs are paralleled for multi-phase operation in order to support a 6a output. connect the fbs together and connect all the comps together. channel 1 and channel 2 will be 180 out-of-p hase. in parallel configuration, external soft-start should be used to ensure proper full loading start-up. before using full load in current sharing mode, pwm mode should be enabled. likewise, multiple regulators can be paralleled by connecting the fbs, comps, and ss for higher current capability. external compensation is required. overcurrent protection cas1 and csa2 are used to monitor output 1 and output 2 channels respectively. the overcurrent protection is realized by monitoring the csa output with the ocp threshold logic, as shown in figure 4. the current sensing circuit has a gain of 0.2v/a, from the p-mosfet current to the csa_ output. when the csa1 output reaches the thre shold, the ocp comparator is tripped to turn off the p-mosfet immediately. the overcurrent function protects the switching converter from a shorted output by monitoring the current flowin g through the upper mosfets. upon detection of overcurrent co ndition, the upper mosfet will be immediately turned off and w ill not be turned on again until the next switching cycle. upon de tection of the initial overcurrent condition, the overcurrent fault counter is set to 1 and the overcurrent condition flag is set from low to high. if, on the subsequent cycle, another overcu rrent condition is detected, the oc fault counter will be incremented. if there are 17 sequential oc fault detections, the regula tor will be shutdown under an overcurrent fault condition. an overcurrent fault condition will result with the regulator attempting to restart in a hiccup mode with the delay between restarts being 8 soft-start periods. at the end of the eighth soft-start wait period, the fault counters are reset and soft-start is attempted again. if the overcurrent condition goes away prior to th e oc fault counter reaching a count of four, the overcurrent condition flag will set back to low. if the negative output current reaches -2.5a, the part enters negative overcurrent protection. at this point, all switching stops and the part enters tri-state mode while the pull-down fet is discharging the output until it re aches normal regulation voltage, then the ic restarts. pg there are two independent power-good signals. pg1 monitors the output channel 1 and pg2 monitors the output channel 2. when powering up, the open-collector power-on reset output holds low for about 1ms after v o reaches the preset voltage. the pg_ output also serves as a 1ms delayed power-good signal. figure 66. pwm operation waveforms v eamp v csa1 duty cycle i l v out
isl8036, isl8036a fn6853 rev 3.00 page 23 of 26 august 17, 2012 uvlo when the input voltage is below the undervoltage lock out (uvlo) threshold, the regulator is disabled. enable the enable (en) input allows the user to control the turning on or off the regulator for purposes such as power-up sequencing. when the regulator is enabled, there is typically a 600s delay for waking up the bandgap reference. then the soft start-up begins. soft-start-up the soft-start-up eliminates the inrush current during the start-up. the soft-start block outputs a ramp reference to both the voltage loop and the current loop. the two ramps limit the inductor current rising speed as well as the output voltage speed so that the output voltage rises in a controlled fashion. at the very beginning of the start-up, the output voltage is less than 0.5v; hence the pwm operating frequency is 1/2 of the normal frequency. when the ic ramps up at start-up, it can't sink current even at pwm mode, behaving like in diode emulated mode for the soft-start time. discharge mode (soft-stop) when a transition to shutdown mode occurs, or the output undervoltage fault latch is set, its output discharges to pgnd through an internal 100 ? switch. power mosfets the power mosfets are optimize for best efficiency. the on-resistance for the p-mosfet is typically 50m ? and the on-resistance for the n-mosfet is typical 50m ? . 100% duty cycle the isl8036, isl8036a features 1 00% duty cycle operation to maximize the battery life. when the battery voltage drops to a level that the isl8036, isl8036a can no longer maintain the regulation at the output, the regulator completely turns on the p-mosfet. the maximum drop-out voltage under the 100% duty-cycle operation is the prod uct of the load current and the on-resistance of the p-mosfet. thermal shutdown the isl8036, isl8036a has built-in thermal protection. when the internal temperature reaches +150c, the regulator is completely shutdown. as the temperature drops to +125c, the isl8036, isl8036a resumes operation by st epping through a soft start-up. applications information output inductor and capacitor selection to consider steady state and transient operation, isl8036, isl8036a typically uses a 1.5h output inductor. higher or lower inductor value can be used to optimize the total converter system performance. for example, for a higher output voltage 3.3v application, in order to decrease the inductor current ripple and output voltage ripple, the output inductor value can be increased. the inductor ripple current can be expressed in equation 2: the inductor?s saturation current rating needs be at least larger than the peak current. the isl8036, isl8036a protects the typical peak current 4.8a. the saturation current needs be over 4.8a for maximum output current application. isl8036, isl8036a uses an intern al compensation network and the output capacitor value is depend ent on the output voltage. the ceramic capacitor is recommended to be x5r or x7r. the recommended minimum output capacitor values for the isl8036, isl8036a are shown in table 4. in table 4, the minimum output capacitor value is given for different output voltages to make sure the whole converter system is stable. output voltage selection the output voltage of the regula tor can be programmed via an external resistor divider, which is used to scale the output voltage relative to the internal reference voltage and feed it back to the inverting input of the error amplifier. refer to figure 2. the output voltage programming resistor, r 2 (or r 5 in channel 2), will depend on the desired output voltage of the regulator. the value for the feedback resistor is typically between 0 ? and 750k ? . let r 2 = 124k ? , then r 3 will be: for better performance, add 12pf in parallel with r 2 ?? if the output voltage desired is 0.8v, then leave r 3 unpopulated and short r 2 . input capacitor selection the main functions for the input capacitor are to provide decoupling of the parasitic inductance and to provide filtering function to prevent the switching current flowing back to the battery rail. one 22f x5r or x7r ceramic capacitor is a good starting point for the input capacitor selection per channel. table 4. output capacitor value vs v out isl8036, isl8036a v out (v) c out (f) l (h) 0.8 2 x 22 1.0~2.2 1.2 2 x 22 1.0~2.2 1.6 2 x 22 1.0~2.2 1.8 2 x 22 1.0~3.3 2.5 2 x 22 1.0~3.3 3.3 2 x 6.8 1.0~4.7 3.6 10 1.0~4.7 ? i v o 1 v o v in --------- C ?? ?? ?? ? lf s ? -------------------------------------- - = (eq. 2) r 3 r 2 x0.8v v out 0.8v C ---------------------------------- = (eq. 3)
fn6853 rev 3.00 page 24 of 26 august 17, 2012 isl8036, isl8036a intersil products are manufactured, assembled and tested utilizing iso9001 quality systems as noted in the quality certifications found at www.intersil.com/en/suppor t/qualandreliability.html intersil products are sold by description on ly. intersil may modify the circuit design an d/or specifications of products at any time without notice, provided that such modification does not, in intersil's sole judgment, affect the form, fit or function of the product. accordingly, the reader is cautioned to verify that datasheets are current before placing orders. information fu rnished by intersil is believed to be accu rate and reliable. however, no responsib ility is assumed by intersil or its subsidiaries for its use; nor for any infrin gements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of intersil or its subsidiaries. for information regarding intersil corporation and its products, see www.intersil.com for additional products, see www.intersil.com/en/products.html ? copyright intersil americas llc 2010-2012. all rights reserved. all trademarks and registered trademarks are the property of their respective owners. pcb layout recommendation the pcb layout is a very important converter design step to make sure the designed converter works well. for isl8036, isl8036a, the power loop is composed of the output inductor l?s, the output capacitor c out1 and c out2 , the lx?s pins, and the pgnd pin. it is necessary to make the power loop as small as possible and the connecting traces among them shou ld be direct, short and wide. the switching node of the converte r, the lx_ pins, and the traces connected to the node are very noisy, so keep the voltage feedback trace away from these noisy traces. the fb network should be as close as possible to its fb pin. sgnd should have one single connection to pgnd. the input capacitor should be placed as closely as possible to the vin pin. also, the ground of the input and output capacitors should be connected as closely as possible. the heat of the ic is mainly dissipated through the thermal pad. maximizing the copper area connected to the thermal pad is preferable. in addition, a solid ground plane is helpful for better emi performance. it is recommended to add at least 5 vias ground connection within the pad for the best thermal relief.
isl8036, isl8036a fn6853 rev 3.00 page 25 of 26 august 17, 2012 products intersil corporation is a leader in the design and manufacture of high-performance analog semico nductors. the company's product s address some of the industry's fastest growing markets, such as , flat panel displays, cell phones, handheld products, and noteb ooks. intersil's product families address power management and analog sign al processing functions. go to www.intersil.com/products for a complete list of intersil product families. for a complete listing of applications, rela ted documentation and related parts, please see the respective device information p age on intersil.com: isl8036 , isl8036a to report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff fits are available from our website at: http://rel.intersil.co m/reports/search.php revision history the revision history provided is for informational purposes only and is believed to be accurate, but not warranted. please go t o web to make sure you have the latest rev. date revision change july 18, 2012 fn6853.3 page 5 comments added, comp pin: comp pin is nc in dual mode operation, using internal compensation. if ss pin is tied to css (without vin connection), external compensation is automatically used. connect an external r,c network on co mp pin for parallel mode operation. comments added, ss pin: when ss pin is tied to vin, ss time is 1.5ms. ss pin is tied to vin only in dual mode operation. ss pin is tied to css only in parallel mode operation, using only external compensation. page 6 ordering information table, added evals: isl8036acrsheval1z, ISL8036ADUALEVAL1Z, isl8036crsheval1z, isl8036dualeval1z page 15 figure 33 title correction: "1 .8vin" on the title of these is changed to "1.8vout". figure 34 title correction: "1.8vin" on the title of these is changed to "1.8vout" figure 35 title correction: "1 .8vin" on the title of these is changed to "1.8vout" page 18, figure 48, deleted "1.8v" in the title sinc e the condition is mentioned in the page header. page 22 line 4 in overcurrent protection paragraph, instead of "figure 66" changed to "figure 4". "with the delay between restarts being 4 soft-start periods" changed to "with the delay between restarts being 8 soft-start periods". "end of the fourth soft-start wait period" to "end of the eighth soft-start wait period" october 14, 2011 fn6853.2 added ?related literature? on page 1. in the ?absolute maximum ratings? on page 8, changed: ?lx1, lx2....-1.5v (100ns)/-0.3v (dc) to 6.5v (dc) or 7v (20ms)? to: ?lx1, lx2....-3v/(10ns)/-1.5v (100ns)/-0.3v (dc) to 6.5v (dc) or 7v (20ms)/8.5v(10ns)? october 12, 2010 fn6853.1 in table 3 on page 3, corrected f sw for isl8036 from 1hz to 1mhz. september 28, 2010 fn6853.0 initial release.
isl8036, isl8036a fn6853 rev 3.00 page 26 of 26 august 17, 2012 package outline drawing l24.4x4d 24 lead quad flat no-lead plastic package rev 2, 10/06 0 . 90 0 . 1 5 c 0 . 2 ref typical recommended land pattern 0 . 05 max. ( 24x 0 . 6 ) detail "x" ( 24x 0 . 25 ) 0 . 00 min. ( 20x 0 . 5 ) ( 2 . 50 ) side view ( 3 . 8 typ ) base plane 4 top view bottom view 7 12 24x 0 . 4 0 . 1 13 4.00 pin 1 18 index area 24 19 4.00 2.5 0.50 20x 4x see detail "x" - 0 . 05 + 0 . 07 24x 0 . 23 2 . 50 0 . 15 pin #1 corner (c 0 . 25) 1 seating plane 0.08 c 0.10 c c 0.10 m c a b a b (4x) 0.15 located within the zone indicated. the pin #1 indentifier may b e unless otherwise specified, tolerance : decimal 0.05 tiebar shown (if present) is a non-functional feature. the configuration of the pin #1 identifier is optional, but mus t be between 0.15mm and 0.30mm from the terminal tip. dimension b applies to the metalliz ed terminal and is measured dimensions in ( ) for reference only. dimensioning and tolerancing conform to amse y14.5m-1994. 6. either a mold or mark feature. 3. 5. 4. 2. dimensions are in millimeters. 1. notes:


▲Up To Search▲   

 
Price & Availability of ISL8036ADUALEVAL1Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X