Part Number Hot Search : 
PFB6000 1351100 74AC158M RF236 1351100 08100 STTH4R02 HA1315
Product Description
Full Text Search
 

To Download IRLML0060TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? IRLML0060TRPBF 1 2016-12-20 absolute maximum ratings symbol parameter max. units v ds drain-to-source voltage 60 v i d @ t a = 25c continuous drain current, v gs @ 10v 2.7 a ? i d @ t a = 70c continuous drain current, v gs @ 10v 2.1 i dm pulsed drain current 11 p d @t a = 25c maximum power dissipation 1.25 w p d @t a = 70c maximum power dissipation 0.80 linear derating factor 0.01 mw/c v gs gate-to-source voltage 16 t j operating junction and c ? t stg storage temperature range -55 to + 150 micro 3? (sot-23) IRLML0060TRPBF g d s gate drain source base part number package type standard pack orderable part number form quantity IRLML0060TRPBF micro 3? (sot-23) tape and reel 3000 IRLML0060TRPBF hexfet ? power mosfet thermal resistance ? symbol parameter typ. max. units r ? ja junction-to-ambient ? ??? 100 r ? ja junction-to-ambient (t < 10s) ? ??? 99 c/w v dss 60 v v gs 16 v r ds(on) max (@ v gs = 10v) 92 m ??? r ds(on) max (@ v gs = 4.5v) 116 m ??? applications ?? load/system switch features benefits industry-standard pinout ? multi-vendor compatibility compatible with existing surface mount techniques results in easier manufacturing rohs compliant containing no lead, no bromide and no halogen ?? environmentally friendlier msl1 increased reliability
? IRLML0060TRPBF 2 2016-12-20 notes: ? ? repetitive rating; pulse width limited by max. junction temperature. ? pulse width ?? 400s; duty cycle ? 2%. ?? surface mounted on 1 in square cu board ?? refer to application note #an-994. electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 60 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.06 ??? v/c reference to 25c, i d = 1ma r ds(on) static drain-to-source on-resistance ??? 98 116 m ????? v gs = 4.5v, i d = 2.2a ??? 78 92 v gs = 10v, i d = 2.7a v gs(th) gate threshold voltage 1.0 ??? 2.5 v v ds = v gs , i d = 25a i dss drain-to-source leakage current ??? ??? 20 a v ds = 60v, v gs = 0v ??? ??? 250 v ds = 60v,v gs = 0v,t j = 125c i gss ? gate-to-source forward leakage ??? ??? 100 na ? v gs = 16v gate-to-source reverse leakage ??? ??? -100 v gs = -16v r g internal gate resistance ??? 1.6 ??? ? ? gfs forward trans conductance 7.6 ??? ??? s v ds = 25v, i d = 2.7a q g total gate charge ??? 2.5 ??? i d = 2.7a q gs gate-to-source charge ??? 0.7 ??? v ds = 30v q gd gate-to-drain (?miller? ) charge ??? 1.3 ??? v gs = 4.5v ? t d(on) turn-on delay time ??? 5.4 ??? ns v dd = 30v ? t r rise time ??? 6.3 ??? i d = 1.0a t d(off) turn-off delay time ??? 6.8 ??? r g = 6.8 ?? t f fall time ??? 4.2 ??? v gs = 4.5v c iss input capacitance ??? 290 ??? pf v gs = 0v c oss output capacitance ??? 37 ??? v ds = 25v c rss reverse transfer capacitance ??? 21 ??? ? = 1.0mhz nc ? source-drain ratings and characteristics ? parameter min. typ. max. units conditions i s continuous source current ??? ??? 1.6 a mosfet symbol (body diode) showing the i sm pulsed source current ??? ??? 11 integral reverse (body diode) ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c,i s = 2.7a,v gs = 0v ?? t rr reverse recovery time ??? 14 21 ns t j = 25c ,v r = 30v, i f = 1.6a q rr reverse recovery charge ??? 13 20 nc di/dt = 100a/s ???
? IRLML0060TRPBF 3 2016-12-20 fig. 2 typical output characteristics fig. 3 typical transfer characteristics fig. 4 normalized on-resistance vs. temperature fig. 1 typical output characteristics 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 6.0v 4.5v 4.0v 3.5v 3.3v 3.0v bottom 2.8v ? 60s pulse width tj = 25c 2.8v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.8v ? 60s pulse width tj = 150c vgs top 10v 6.0v 4.5v 4.0v 3.5v 3.3v 3.0v bottom 2.8v 2 3 4 5 v gs , gate-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 25v ? 60s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 2.7a v gs = 10v
? IRLML0060TRPBF 4 2016-12-20 fig 5. typical capacitance vs. drain-to-source voltage ? fig 8. maximum safe operating area fig. 7 typical source-to-drain diode forward voltage fig 6. typical gate charge vs. gate-to-source voltage 0.1 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 01234567 q g , total gate charge (nc) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 48v v ds = 30v v ds = 12v i d = 2.7a 0.20.40.60.81.01.2 v sd , source-to-drain voltage (v) 0.1 1 10 100 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 0 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) t a = 25c tj = 150c single pulse 100sec 1msec 10msec
? IRLML0060TRPBF 5 2016-12-20 fig 11. maximum effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit fig 10b. switching time waveforms 25 50 75 100 125 150 t a , ambient temperature (c) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 i d , d r a i n c u r r e n t ( a ) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.01 0.1 1 10 100 1000 t h e r m a l r e s p o n s e ( z t h j a ) c/ w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthja + t a
? IRLML0060TRPBF 6 2016-12-20 fig 13. typical on-resistance vs. drain current fig 14a. basic gate charge waveform fig 12. typical on-resistance vs. gate voltage fig 14b. gate charge test circuit 3 4 5 6 7 8 9 10 v gs, gate -to -source voltage (v) 0 100 200 300 400 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 2.7a t j = 25c t j = 125c 0 2 4 6 8 10 12 i d , drain current (a) 50 75 100 125 150 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) vgs = 10v vgs = 4.5v
? IRLML0060TRPBF 7 2016-12-20 fig 15. typical threshold voltage vs. junction temperature fig 16. typical power vs. time -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 25a i d = 250a 1 10 100 1000 10000 100000 time (sec) 0 20 40 60 80 100 p o w e r ( w )
? IRLML0060TRPBF 8 2016-12-20 ? note: for the most current drawing please refer to infineon?s web site www.infineon.com micro3? (sot-23/to-236ab) part marking information micro3? (sot-23) package outline (dimensions are shown in millimeters (inches)) e e1 e d a b 0.15 [0.006] e1 1 2 3 m cba 5 6 6 5 notes: 1. dimensioning & tolerancing per ansi y14.5m-1994 2. dimensions are shown in millimeters [inches]. 3. controlling dimension: millimeter. 4. datum plane h is located at the mold parting line. 5. datum a and b to be determined at datum plane h. 6. dimensions d and e1 are measured at datum plane h. dimensions does not include mold protrusions or interlead flash. mold protrusions or interlead flash shall not exceed 0.25 mm [0.010 inch] per side. 7. dimension l is the lead length for soldering to a substrate. 8. outline conforms to jedec outline to-236 ab. notes: b a1 3x a a2 abc m 0.20 [0.008] 0.10 [0.004] c c 3x l c l2 h 4 l1 7 0.972 1.900 recommended footprint 0.802 0.950 2.742 0.89 1.12 symbol max min a1 b 0.01 0.10 c 0.30 0.50 d 0.08 0.20 e 2.80 3.04 e1 2.10 2.64 e 1.20 1.40 a 0.95 bsc l 0.40 0.60 08 mi llimeters a2 0.88 1.02 e1 1.90 bsc ref 0.54l1 bsc 0.25 l2 0.010 bsc 0.021 ref bsc 0.075 0.040 0.035 inches 80 0.024 0.016 bsc 0.037 0.055 0.047 0.104 0.083 0.120 0.110 0.008 0.003 0.020 0.012 0.004 0.0004 min max 0.044 0.035 dimensions
? IRLML0060TRPBF 9 2016-12-20 micro3? ? tape & reel information (dimensions are shown in millimeters (inches)) note: for the most current drawing please refer to infineon?s web site www.infineon.com 2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541.
? IRLML0060TRPBF 10 2016-12-20 ? revision history date comments 12/20/16 ?? changed datasheet with infineon logo - all pages. ?? removed typo ?industrial? on feat ure and benefits table on page1. ?? corrected typo for igss test condition from ?v gs = 20v? to ?v gs = 16v? on page 2. qualification information? qualification level ? consumer (per jedec jesd47f) ? moisture sensitivity level ? micro3? (sot-23) msl1 (per jedec j-std-020d) ? rohs compliant yes ? applicable version of jedec standar d at the time of product release. trademarks of infineon technologies ag hvic?, ipm?, pfc?, au-convertir?, aurix?, c166?, canpak?, ci pos?, cipurse?, cooldp?, coolgan?, coolir?, coolmos?, coolset?, coolsic?, dave?, di-pol?, directfet?, drbl ade?, easypim?, econobridge?, econodual?, ec onopack?, econopim?, eicedriver?, eupec?, fcos?, ganpowir?, hexfet?, hitfet?, hybridpack?, imotion?, iram?, isofac e?, isopack?, ledrivir?, litix?, mipaq?, modstack?, my-d?, nov alithic?, optiga?, optimos?, origa?, powiraudio?, powi rstage?, primepack?, primestack?, profet?, pro-sil?, rasic?, real3?, smartlewis?, s olid flash?, spoc?, strongirfet?, supirbuck?, tempfe t?, trenchstop?, tricore?, uhvic?, xhp?, xmc? trademarks updated november 2015 other trademarks all referenced product or service names and trademarks are the property of their respective owners. edition 2016-04-19 published by infineon technologies ag 81726 munich, germany ? 2016 infineon technologies ag. all rights reserved. do you have a question about this document? email: erratum@infineon.com document reference ifx1 important notice the information given in th is document shall in no event be regarded as a guarantee of conditions or characteristics (?bescha ff enheitsgarantie?) . with respect to any examples, hints or any typical values stated herein and/or any information regarding the application of the product, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. in addition, any information given in this document is subject to customer?s compliance with its obligations stated in this document and any applicable legal requirements, norms and standards concerning customer?s products and any use of the product of infineon technologies in customer?s applications. the data contained in th is document is exclusively intended for technically trained sta ff . it is the responsibility of customer?s technical departments to evaluate the suitability of the product for the intended application and the completeness of the product information given in this document with respect to such application. for further information on the product, technology, delivery terms and conditions and prices please contact your nearest infineon technologies off ice ( www.infineon.com ). please note that this product is not qualified according to the aec q100 or aec q101 documents of the automotive electronics council. warnings due to technical requirements products may contain dangerous substanc es. for information on the types in question please contact your nearest infineon technologies o ff ice. except as otherwise explicitly approved by infineon technologies in a written document signed by authorized representatives of infineon technologies, infineon technologies? products may not be used in any applications where a failure of the product or any consequences of the use thereof can reasonably be expected to result in personal injury.


▲Up To Search▲   

 
Price & Availability of IRLML0060TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X