Part Number Hot Search : 
20B60PD1 MT48LC FEP30HP AT5FC001 002228 78L12 D1005 P6KE75
Product Description
Full Text Search
 

To Download CSCD510H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zowie (20v~100v / 5.0a) cscd52h thru CSCD510H uni t : mm absolute maximum ratings (ta = 25 o c) v rrm 52h 20 54h 40 56h 60 510h 100 v i f(av) a i fsm a t j t stg 130 -55 to +125 -55 to +150 -55 to +150 8.3ms single half sine-wave item average forward current (see fig.1) symbol conditions unit peak forward surge current operating junction temperature range cscd 5.0 repetitive peak reverse voltage storage temperature range schottky barrier diode * halogen-free type * compliance to rohs product * lead less chip form, no lead damage * low power loss, high efficiency * high current capability, low vf * plastic package has underwriters laboratory flammability classification 94v-0 features * switching mode power supply applications * portable equipment battery applications * high frequency rectification * dc / dc converter * telecommunication application * 3,000 pieces per 13" (330mm 2mm) reel * 1 reels per box * 5 boxes per carton packing case : packed with frp substrate and epoxy underfilled terminals : pure tin plated (lead-free), solderable per mil-std-750, method 2026. polarity : laser cathode band marking weight : 0.093 gram mechanical data outline dimensions o c o c electrical characteristics (ta = 25 o c) v f i f = 1 a i f = 3 a i f = 5 a i f = 1 a i f = 3 a i f = 5 a i f = 1 a i f = 3 a i f = 5 a item symbol conditions min. typ. type v - - - 0.38 0.45 0.52 - - 0.55 cscd52h / cscd54h v - - - 0.42 0.52 0.65 - - 0.70 cscd56h v CSCD510H - - - 0.53 0.69 0.79 - - 0.85 max. unit forward voltage (note 1) o c/w - 55 - r th(ja) junction to ambient (note 2) thermal resistance o c/w - 17 - r th(jl) junction to lead (note 2) pf - 180 - c j v r = 4v, f = 1.0 mhz junction capacitance ma - 0.045 0.50 i rrm repetitive peak reverse current v r = max. v rrm , ta = 25 o c 2010/01 rev. 2 notes : (1) pulse test width pw=300usec , 1% duty cycle. (2) mounted on p.c. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas. (3) preliminary draft. marking cathode mark amps class series code voltage class ( 20v ) cscd 52 jedec : do-214ab 8.0 0.1 0.05 0.005 1.95 0.1 1.95 0.1 5.0 0.1 3.90 typ. 1.05 0.15 r0. 8 0.02 halogen-free type . case : 3220 voltage class: 2 = 20v, 4 = 40v, 6 = 60v, 10 = 100v
zowie (20v~100v/5.0a) cscd52h thru CSCD510H 2010/01 rev. 2 fig.1 - forward current derating curve average forward rectified current, amperes 1.0 6.0 2.0 3.0 4.0 5.0 0 0 50 70 90 110 130 150 170 resistive or inductive load p.c.b. mounted on 0.2x0.2"(5.0x5.0mm) copper pad areas lead temperature, o c fig.4 - typical reverse characteristics percent of rated peak reverse voltage,% instantaneous reverse current, milliamperes 0.01 .001 0 20 0.10 1.0 10 100 t j =100 o c t j =25 o c 40 60 80 100 fig.5 - typical junction capacitance t j = 25 o c f=1.0mhz vsig=50mvp-p reverse voltage, volts .1 junction capacitance, pf 400 1.0 10 100 100 10 cscd52h & cscd54h cscd56h & CSCD510H fig.3 - typical instantaneous forward characteristics iinstantaneous forward current, amperes 0.10 1 10 100 0.01 0 0.2 0.1 0.3 0.5 0.7 0.9 0.4 0.6 0.8 1.0 instantaneous forward voltage, volts CSCD510H cscd56h cscd52h & cscd54h fig.2 - maximum non-repetitive peak forward surge current peak forward surge current, amperes number of cycles at 60hz 8.3ms single half sine-wave 0 40 60 20 120 80 100 140 1 10 100


▲Up To Search▲   

 
Price & Availability of CSCD510H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X