Part Number Hot Search : 
114EKA AN101 LTC1471 CFPA10MD T1501 HTV546 MA6160 IL79L12
Product Description
Full Text Search
 

To Download CC2540 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 2.4-ghz bluetooth ? low energy system-on-chip check for samples: CC2540f128 , CC2540f256 1 features a ? tps62730 compatible 23456 ? true single-chip ble solution: CC2540 can low power in active mode run both application and ble protocol stack, includes peripherals to interface with wide ? rx down to 15.8 ma (3 v supply) range of sensors, etc. ? tx (-6 dbm): 18.6 ma (3 v supply) ? 6-mm 6-mm package a ? rf ? microcontroller ? bluetooth low energy technology ? high-performance and low-power 8051 compatible microcontroller core ? excellent link budget (up to 97 db), ? in-system-programmable flash, 128 kb or enabling long-range applications without 256 kb external front end ? 8-kb sram ? accurate digital received signal-strength a indicator (rssi) ? peripherals ? suitable for systems targeting compliance ? 12-bit adc with eight channels and with worldwide radio frequency configurable resolution regulations: etsi en 300 328 and en 300 ? integrated high-performance op-amp and 440 class 2 (europe), fcc cfr47 part 15 ultralow-power comparator (us), and arib std-t66 (japan) ? general-purpose timers (one 16-bit, two ? layout 8-bit) ? few external components ? 21 general-purpose i/o pins (19 4 ma, 2 ? reference design provided 20 ma) ? 6-mm 6-mm qfn40 package ? 32-khz sleep timer with capture ? low power ? two powerful usarts with support for ? active mode rx down to 19.6 ma several serial protocols ? active mode tx ( ? 6 dbm): 24 ma ? full-speed usb interface ? power mode 1 (3- s wake-up): 235 a ? ir generation circuitry ? power mode 2 (sleep timer on): 0.9 a ? powerful five-channel dma ? power mode 3 (external interrupts): 0.4 a ? aes security coprocessor ? wide supply voltage range (2 v ? 3.6 v) ? battery monitor and temperature sensor ? full ram and register retention in all ? each CC2540 contains a unique 48-bit power modes ieee address 1 please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 smartrf is a trademark of texas instruments. 3 bluetooth is a registered trademark of bluetooth sig, inc. 4 supported by iar embedded workbench is a trademark of iar systems ab. 5 zigbee is a registered trademark of zigbee alliance. 6 all other trademarks are the property of their respective owners. production data information is current as of publication date. copyright ? 2010 ? 2013, texas instruments incorporated products conform to specifications per the terms of the texas instruments standard warranty. production processing does not necessarily include testing of all parameters.
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com software features applications ? bluetooth v4.0 compliant protocol stack for ? 2.4-ghz bluetooth low energy systems single-mode ble solution ? mobile phone accessories ? complete power-optimized stack, ? sports and leisure equipment including controller and host ? consumer electronics ? gap ? central, peripheral, observer, or ? human interface devices (keyboard, mouse, broadcaster (including combination remote control) roles) ? usb dongles ? att / gatt ? client and server ? health care and medical ? smp ? aes-128 encryption and decryption CC2540 with tps62730 ? l2cap ? tps62730 is a 2 mhz step down converter ? sample applications and profiles with bypass mode ? generic applications for gap central ? extends battery lifetime by up to 20% and peripheral roles ? reduced current in tx and rx ? proximity, accelerometer, simple keys, ? 30 na bypass mode current to support low and battery gatt services power modes ? multiple configuration options ? rf performance unchanged ? single-chip configuration, allowing ? small package allows for small solution size application to run on CC2540 ? CC2540 controllable ? network processor interface for applications running on an external microcontroller ? btool ? windows pc application for evaluation, development, and test ? development tools ? CC2540 mini development kit ? smartrf ? software ? supported by iar embedded workbench ? software for 8051 description the CC2540 is a cost-effective, low-power, true system-on-chip (soc) for bluetooth low energy applications. it enables robust ble master or slave nodes to be built with very low total bill-of-material costs. the CC2540 combines an excellent rf transceiver with an industry-standard enhanced 8051 mcu, in-system programmable flash memory, 8-kb ram, and many other powerful supporting features and peripherals. the CC2540 is suitable for systems where very low power consumption is required. very low-power sleep modes are available. short transition times between operating modes further enable low power consumption. the CC2540 comes in two different versions: CC2540f128/f256, with 128 and 256 kb of flash memory, respectively. combined with the bluetooth low energy protocol stack from texas instruments, the CC2540f128/f256 forms the market ? s most flexible and cost-effective single-mode bluetooth low energy solution. 2 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 3 product folder links: CC2540f128 CC2540f256 reset watchdog timer irq ctrl flash ctrl debug interface clock mux and calibration dma 8051 cpu core 32-mhz crystal osc op-amp 32.768-khz crystal osc high- speed rc-osc power management controller usart 0 usb usart 1 timer 1 (16-bit) timer 3 (8-bit)timer 4 (8-bit) timer 2 (ble ll timer) flash fifoctrl 1 kb sram on-chip voltage regulator power-on reset brown out vdd (2 vC3.6 v) dcoupl reset_n xosc_q2 xosc_q1 p2_4p1_7 p0_7 p2_3p1_6 p0_6 p2_2p1_5 p0_5 p1_2p0_2 p2_1p1_4 p0_4 p1_1p0_1 p2_0p1_3 p0_3 p1_0p0_0 modulator demodulator receive transmit frequency synthesizer synth rf_p rf_n b0301-05 radio registers sfr bus sfr bus ds adc audio/dc aes encryption and decryption memory arbitrator flash unified sfr iram xram pdata sleep timer 32-khz rc-osc i/o controller digital analog mixed analog comparator usb_n usb_p radio arbiter link layer engine
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com this integrated circuit can be damaged by esd. texas instruments recommends that all integrated circuits be handled with appropriate precautions. failure to observe proper handling and installation procedures can cause damage. esd damage can range from subtle performance degradation to complete device failure. precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. absolute maximum ratings (1) min max unit supply voltage all supply pins must have the same voltage ? 0.3 3.9 v ? 0.3 vdd + 0.3, voltage on any digital pin v 3.9 input rf level 10 dbm storage temperature range ? 40 125 c all pads, according to human-body model, jedec std 22, method a114 2 kv esd (2) according to charged-device model, jedec std 22, method c101 750 v (1) stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) caution: esd sensitive device. precautions should be used when handing the device in order to prevent permanent damage. recommended operating conditions min max unit operating ambient temperature range, t a ? 40 85 c operating supply voltage 2 3.6 v electrical characteristics measured on texas instruments CC2540 em reference design with t a = 25 c and vdd = 3 v parameter test conditions min typ max unit power mode 1. digital regulator on; 16-mhz rcosc and 32- mhz crystal oscillator off; 32.768-khz xosc, por, bod and 235 sleep timer active; ram and register retention power mode 2. digital regulator off; 16-mhz rcosc and 32- a mhz crystal oscillator off; 32.768-khz xosc, por, and sleep 0.9 i core core current consumption timer active; ram and register retention power mode 3. digital regulator off; no clocks; por active; 0.4 ram and register retention low mcu activity: 32-mhz xosc running. no radio or 6.7 ma peripherals. no flash access, no ram access. timer 1. timer running, 32-mhz xosc used 90 a timer 2. timer running, 32-mhz xosc used 90 a peripheral current consumption timer 3. timer running, 32-mhz xosc used 60 a i peri (adds to core current i core for each timer 4. timer running, 32-mhz xosc used 70 a peripheral unit activated) sleep timer, including 32.753-khz rcosc 0.6 a adc, when converting 1.2 ma 4 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 general characteristics measured on texas instruments CC2540 em reference design with t a = 25 c and vdd = 3 v parameter test conditions min typ max unit wake-up and timing digital regulator on, 16-mhz rcosc and 32-mhz crystal power mode 1 active 4 s oscillator off. start-up of 16-mhz rcosc digital regulator off, 16-mhz rcosc and 32-mhz crystal power mode 2 or 3 active 120 s oscillator off. start-up of regulator and 16-mhz rcosc crystal esr = 16 ? . initially running on 16-mhz rcosc, 410 s with 32-mhz xosc off active tx or rx with 32-mhz xosc initially on 160 s rx/tx turnaround 150 s radio part rf frequency range programmable in 2-mhz steps 2402 2480 mhz data rate and modulation format 1 mbps, gfsk, 250 khz deviation rf receive section measured on texas instruments CC2540 em reference design with t a = 25 c, vdd = 3 v, f c = 2440 mhz 1 mbps, gfsk, 250-khz deviation, bluetooth low energy mode, and 0.1% ber (1) parameter test conditions min typ max unit receiver sensitivity (2) high-gain mode ? 93 dbm receiver sensitivity (2) standard mode ? 87 dbm saturation (3) 6 dbm co-channel rejection (3) ? 5 db adjacent-channel rejection (3) 1 mhz ? 5 db alternate-channel rejection (3) 2 mhz 30 db blocking (3) ? 30 dbm frequency error tolerance (4) including both initial tolerance and drift ? 250 250 khz symbol rate error tolerance (5) ? 80 80 ppm conducted measurement with a 50- single-ended load. spurious emission. only largest spurious complies with en 300 328, en 300 440 class 2, fcc cfr47, ? 75 dbm emission stated within each band. part 15 and arib std-t-66 rx mode, standard mode, no peripherals active, low mcu 19.6 activity, mcu at 250 khz current consumption ma rx mode, high-gain mode, no peripherals active, low mcu 22.1 activity, mcu at 250 khz (1) 0.1% ber maps to 30.8% per (2) the receiver sensitivity setting is programmable using a ti ble stack vendor-specific api command. the default value is standard mode. (3) results based on standard gain mode (4) difference between center frequency of the received rf signal and local oscillator frequency (5) difference between incoming symbol rate and the internally generated symbol rate copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 5 product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com rf transmit section measured on texas instruments CC2540 em reference design with t a = 25 c, vdd = 3 v and f c = 2440 mhz parameter test conditions min typ max unit delivered to a single-ended 50- load through a balun using 4 maximum recommended output power setting output power dbm delivered to a single-ended 50- load through a balun using minimum ? 23 recommended output power setting programmable output power delivered to a single-ended 50 load through a balun 27 db range conducted measurement with a 50- single-ended load. complies spurious emissions with en 300 328, en 300 440 class 2, fcc cfr47, part 15 and arib ? 41 dbm std-t-66 (1) tx mode, ? 23-dbm output power, no peripherals active, low mcu 21.1 activity, mcu at 250 khz tx mode, ? 6-dbm output power, no peripherals active, low mcu 23.8 activity, mcu at 250 khz current consumption ma tx mode, 0-dbm output power, no peripherals active, low mcu 27 activity, mcu at 250 khz tx mode, 4-dbm output power, no peripherals active, low mcu 31.6 activity, mcu at 250 khz differential impedance as seen from the rf port (rf_p and rf_n) optimum load impedance 70 + j30 toward the antenna (1) designs with antenna connectors that require conducted etsi compli ance at 64 mhz should insert an lc resonator in front of the antenna connector. use a 1.6-nh inductor in parallel with a 1.8-pf capacitor. connect both from the signal trace to a good rf ground. current consumption with tps62730 measured on texas instruments CC2540tps62730 em reference design with t a = 25 c, vdd = 3 v, and f c = 2440 mhz. 1 mbps, gfsk, 250 khz deviation, bluetooth ? low energy mode, 1% ber (1) parameter test conditions min typ max unit rx mode, standard mode, no peripherals active, low mcu activity, mcu at 1 15.8 mhz rx mode, high-gain mode, no peripherals active, low mcu activity, mcu at 1 17.8 mhz tx mode, -23 dbm output power, no peripherals active, low mcu activity, 16.5 mcu at 1 mhz current consumption ma tx mode, -6 dbm output power, no peripherals active, low mcu activity, 18.6 mcu at 1 mhz tx mode, 0 dbm output power, no peripherals active, low mcu activity, 21 mcu at 1 mhz tx mode, 4 dbm output power, no peripherals active, low mcu activity, 24.6 mcu at 1 mhz (1) 0.1% ber maps to 30.8% per 6 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 32-mhz crystal oscillator measured on texas instruments CC2540 em reference design with t a = 25 c and vdd = 3 v parameter test conditions min typ max unit crystal frequency 32 mhz crystal frequency accuracy ? 40 40 ppm requirement (1) esr equivalent series resistance 6 60 ? c 0 crystal shunt capacitance 1 7 pf c l crystal load capacitance 10 16 pf start-up time 0.25 ms the crystal oscillator must be in power down for a guard time before it is used again. this power-down guard time requirement is valid for all modes of operation. the 3 ms need for power-down guard time can vary with crystal type and load. (1) including aging and temperature dependency, as specified by [1] 32.768-khz crystal oscillator measured on texas instruments CC2540 em reference design with t a = 25 c and vdd = 3 v parameter test conditions min typ max unit crystal frequency 32.768 khz crystal frequency accuracy ? 40 40 ppm requirement (1) esr equivalent series resistance 40 130 k ? c 0 crystal shunt capacitance 0.9 2 pf c l crystal load capacitance 12 16 pf start-up time 0.4 s (1) including aging and temperature dependency, as specified by [1] 32-khz rc oscillator measured on texas instruments CC2540 em reference design with t = 25 c and vdd = 3 v. parameter test conditions min typ max unit calibrated frequency (1) 32.753 khz frequency accuracy after calibration 0.2% temperature coefficient (2) 0.4 %/ c supply-voltage coefficient (3) 3 %/v calibration time (4) 2 ms (1) the calibrated 32-khz rc oscillator frequency is the 32-mhz xtal frequency divided by 977. (2) frequency drift when temperature changes after calibration (3) frequency drift when supply voltage changes after calibration (4) when the 32-khz rc oscillator is enabled, it is calibrated when a switch from the 16-mhz rc oscillator to the 32-mhz crystal oscillator is performed while sleepcmd.osc32k_caldis is set to 0. copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 7 product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com 16-mhz rc oscillator measured on texas instruments CC2540 em reference design with t a = 25 c and vdd = 3 v parameter test conditions min typ max unit frequency (1) 16 mhz uncalibrated frequency accuracy 18% calibrated frequency accuracy 0.6% start-up time 10 s initial calibration time (2) 50 s (1) the calibrated 16-mhz rc oscillator frequency is the 32-mhz xtal frequency divided by 2. (2) when the 16-mhz rc oscillator is enabled, it is calibrated when a switch from the 16-mhz rc oscillator to the 32-mhz crystal oscillator is performed while sleepcmd.osc_pd is set to 0. rssi characteristics measured on texas instruments CC2540 em reference design with t a = 25 c and vdd = 3 v parameter test conditions min typ max unit high-gain mode ? 99 to ? 44 useful rssi range (1) dbm standard mode ? 90 to ? 35 absolute uncalibrated rssi accuracy (1) high-gain mode 4 db step size (lsb value) 1 db (1) assuming CC2540 em reference design. other rf designs give an offset from the reported value. frequency synthesizer characteristics measured on texas instruments CC2540 em reference design with t a = 25 c, vdd = 3 v and f c = 2440 mhz parameter test conditions min typ max unit at 1-mhz offset from carrier ? 109 phase noise, unmodulated at 3-mhz offset from carrier ? 112 dbc/hz carrier at 5-mhz offset from carrier ? 119 analog temperature sensor measured on texas instruments CC2540 em reference design with t a = 25 c and vdd = 3 v parameter test conditions min typ max unit output 1480 12-bit temperature coefficient 4.5 /1 c voltage coefficient 1 / 0.1 v measured using integrated adc, internal band-gap voltage reference, and maximum resolution initial accuracy without calibration 10 c accuracy using 1-point calibration 5 c current consumption when enabled 0.5 ma 8 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 op-amp characteristics t a = 25 c, vdd = 3 v, . all measurement results are obtained using the CC2540 reference designs post-calibration. parameter test conditions min typ max unit chopping configuration, register apcfg = 0x07, opampmc = 0x03, opampc = 0x01 output maximum voltage vdd ? 0.1 v output minimum voltage 0.1 v open-loop gain 108 db gain-bandwidth product 2 mhz slew rate 2.6 v/ s input maximum voltage vdd v intput minimum voltage 0 mv input offset voltage 40 v cmrr common-mode rejection ratio 90 db supply current 0.4 ma f = 0.01 hz to 1 hz 1.1 input noise voltage nv/ (hz) f = 0.1 hz to 10 hz 1.7 non-chopping configuration, register apcfg = 0x07, opampmc = 0x00, opampc = 0x01 output maximum voltage vdd ? 0.1 v output minimum voltage 0.1 v open-loop gain 108 db gain-bandwidth product 2 mhz slew rate 2.6 v/ s input maximum voltage vdd v intput minimum voltage 0 mv input offset voltage 3.2 mv cmrr common-mode rejection ratio 90 db supply current 0.4 ma f = 0.01 hz to 1 hz 60 input noise voltage nv/ (hz) f = 0.1 hz to 10 hz 65 comparator characteristics t a = 25 c, vdd = 3 v. all measurement results are obtained using the CC2540 reference designs, post-calibration. parameter test conditions min typ max unit common-mode maximum voltage vdd v common-mode minimum voltage ? 0.3 input offset voltage 1 mv offset vs temperature 16 v/ c offset vs operating voltage 4 mv/v supply current 230 na hysteresis 0.15 mv copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 9 product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com adc characteristics t a = 25 c and vdd = 3 v parameter test conditions min typ max unit input voltage vdd is voltage on avdd5 pin 0 vdd v external reference voltage vdd is voltage on avdd5 pin 0 vdd v external reference voltage differential vdd is voltage on avdd5 pin 0 vdd v input resistance, signal simulated using 4-mhz clock speed 197 k ? full-scale signal (1) peak-to-peak, defines 0 dbfs 2.97 v single-ended input, 7-bit setting 5.7 single-ended input, 9-bit setting 7.5 single-ended input, 10-bit setting 9.3 single-ended input, 12-bit setting 10.3 differential input, 7-bit setting 6.5 enob (1) effective number of bits bits differential input, 9-bit setting 8.3 differential input, 10-bit setting 10 differential input, 12-bit setting 11.5 10-bit setting, clocked by rcosc 9.7 12-bit setting, clocked by rcosc 10.9 useful power bandwidth 7-bit setting, both single and differential 0 ? 20 khz single ended input, 12-bit setting, ? 6 ? 75.2 dbfs (1) thd total harmonic distortion db differential input, 12-bit setting, ? 6 ? 86.6 dbfs (1) single-ended input, 12-bit setting (1) 70.2 differential input, 12-bit setting (1) 79.3 single-ended input, 12-bit setting, ? 6 signal to nonharmonic ratio db 78.8 dbfs (1) differential input, 12-bit setting, ? 6 88.9 dbfs (1) differential input, 12-bit setting, 1-khz cmrr common-mode rejection ratio > 84 db sine (0 dbfs), limited by adc resolution single ended input, 12-bit setting, 1-khz crosstalk > 84 db sine (0 dbfs), limited by adc resolution offset midscale ? 3 mv gain error 0.68% 12-bit setting, mean (1) 0.05 dnl differential nonlinearity lsb 12-bit setting, maximum (1) 0.9 12-bit setting, mean (1) 4.6 12-bit setting, maximum (1) 13.3 inl integral nonlinearity lsb 12-bit setting, mean, clocked by rcosc 10 12-bit setting, max, clocked by rcosc 29 single ended input, 7-bit setting (1) 35.4 single ended input, 9-bit setting (1) 46.8 single ended input, 10-bit setting (1) 57.5 single ended input, 12-bit setting (1) 66.6 sinad signal-to-noise-and-distortion db ( ? thd+n) differential input, 7-bit setting (1) 40.7 differential input, 9-bit setting (1) 51.6 differential input, 10-bit setting (1) 61.8 differential input, 12-bit setting (1) 70.8 (1) measured with 300-hz sine-wave input and vdd as reference. 10 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 adc characteristics (continued) t a = 25 c and vdd = 3 v parameter test conditions min typ max unit 7-bit setting 20 9-bit setting 36 conversion time s 10-bit setting 68 12-bit setting 132 power consumption 1.2 ma internal reference vdd coefficient 4 mv/v internal reference temperature coefficient 0.4 mv/10 c internal reference voltage 1.24 v control input ac characteristics t a = ? 40 c to 85 c, vdd = 2 v to 3.6 v. parameter test conditions min typ max unit the undivided system clock is 32 mhz when crystal oscillator is used. system clock, f sysclk the undivided system clock is 16 mhz when calibrated 16-mhz rc 16 32 mhz t sysclk = 1/ f sysclk oscillator is used. see item 1, figure 1 . this is the shortest pulse that is recognized as a complete reset pin request. note that shorter pulses may be reset_n low duration 1 s recognized but do not lead to complete reset of all modules within the chip. see item 2, figure 1 .this is the shortest pulse that is recognized as interrupt pulse duration 20 ns an interrupt request. figure 1. control input ac characteristics copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 11 product folder links: CC2540f128 CC2540f256 reset_n px.n t0299-01 1 2
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com spi ac characteristics t a = ? 40 c to 85 c, vdd = 2 v to 3.6 v parameter test conditions min typ max unit master, rx and tx 250 t 1 sck period ns slave, rx and tx 250 sck duty cycle master 50% master 63 t 2 ssn low to sck ns slave 63 master 63 t 3 sck to ssn high ns slave 63 t 4 mosi early out master, load = 10 pf 7 ns t 5 mosi late out master, load = 10 pf 10 ns t 6 miso setup master 90 ns t 7 miso hold master 10 ns sck duty cycle slave 50% ns t 10 mosi setup slave 35 ns t 11 mosi hold slave 10 ns t 9 miso late out slave, load = 10 pf 95 ns master, tx only 8 master, rx and tx 4 operating frequency mhz slave, rx only 8 slave, rx and tx 4 figure 2. spi master ac characteristics 12 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256 sck ssn mosi miso d0 d1 x d0 x t 2 t 4 t 6 t 7 t 5 t 3 x t0478-01
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 figure 3. spi slave ac characteristics copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 13 product folder links: CC2540f128 CC2540f256 t0479-01 sck ssn mosi miso d0 d1 x d0 x t 2 t 3 x t 8 t 10 t 11 t 9
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com debug interface ac characteristics t a = ? 40 c to 85 c, vdd = 2 v to 3.6 v parameter test conditions min typ max unit f clk_dbg debug clock frequency (see figure 4 ) 12 mhz t 1 allowed high pulse on clock (see figure 4 ) 35 ns t 2 allowed low pulse on clock (see figure 4 ) 35 ns ext_reset_n low to first falling edge on debug t 3 167 ns clock (see figure 6 ) falling edge on clock to ext_reset_n high (see t 4 83 ns figure 6 ) ext_reset_n high to first debug command (see t 5 83 ns figure 6 ) t 6 debug data setup (see figure 5 ) 2 ns t 7 debug data hold (see figure 5 ) 4 ns t 8 clock-to-data delay (see figure 5 ) load = 10 pf 30 ns figure 4. debug clock ? basic timing figure 5. debug enable timing 14 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256 time debug_ clk p2_2 t 1 t 2 1/f clk_dbg t0436-01 reset_n time debug_ clk p2_2 t 3 t 4 t 5 t0437-01
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 figure 6. data setup and hold timing timer inputs ac characteristics t a = ? 40 c to 85 c, vdd = 2 v to 3.6 v parameter test conditions min typ max unit synchronizers determine the shortest input pulse that can be input capture pulse duration recognized. the synchronizers operate at the current system clock rate 1.5 t sysclk (16 mhz or 32 mhz). dc characteristics t a = 25 c, vdd = 3 v parameter test conditions min typ max unit logic-0 input voltage 0.5 v logic-1 input voltage 2.5 v logic-0 input current input equals 0 v ? 50 50 na logic-1 input current input equals vdd ? 50 50 na i/o-pin pullup and pulldown resistors 20 k ? logic-0 output voltage, 4- ma pins output load 4 ma 0.5 v logic-1 output voltage, 4-ma pins output load 4 ma 2.4 v copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 15 product folder links: CC2540f128 CC2540f256 time debug_ clk p2_2 debug_data (to CC2540) p2_1 debug_data (from CC2540) p2_1 t0438-02 t 6 t 8 t 7
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com device information pin descriptions the CC2540 pinout is shown in figure 7 and a short description of the pins follows. note: the exposed ground pad must be connected to a solid ground plane, as this is the ground connection for the chip. figure 7. pinout top view 16 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256 CC2540 rha package (top view) p0_1 reset_n p2_3 / xosc32k_q2 avdd6 dvdd_usb r_bias p0_2 p0_0 avdd4 p0_3 avdd1 p0_4 avdd2 p0_5 rf_n p0_6 rf_p p0_7 avdd3 xosc_q1 p1_0 xosc_q2 avdd5 p2_2p2_4 / xosc32k_q1 usb_p p2_1 usb_n p2_0 dgnd_usb p1_7 p1_5 p1_6 p1_4 dvdd1 p1_3p1_1 dcoupl p1_2 dvdd2 p0076-05 30 1 29 2 28 3 27 4 26 5 25 6 24 22 79 23 21 810 18 20 33 31 17 19 34 32 16 35 15 36 14 37 13 38 12 39 11 40 gnd ground pad
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 pin descriptions pin name pin pin type description avdd1 28 power (analog) 2-v ? 3.6-v analog power-supply connection avdd2 27 power (analog) 2-v ? 3.6-v analog power-supply connection avdd3 24 power (analog) 2-v ? 3.6-v analog power-supply connection avdd4 29 power (analog) 2-v ? 3.6-v analog power-supply connection avdd5 21 power (analog) 2-v ? 3.6-v analog power-supply connection avdd6 31 power (analog) 2-v ? 3.6-v analog power-supply connection dcoupl 40 power (digital) 1.8-v digital power-supply decoupling. do not use for supplying external circuits. dgnd_usb 1 ground pin connect to gnd dvdd_usb 4 power (digital) 2-v ? 3.6-v digital power-supply connection dvdd1 39 power (digital) 2-v ? 3.6-v digital power-supply connection dvdd2 10 power (digital) 2-v ? 3.6-v digital power-supply connection gnd ? ground the ground pad must be connected to a solid ground plane. p0_0 19 digital i/o port 0.0 p0_1 18 digital i/o port 0.1 p0_2 17 digital i/o port 0.2 p0_3 16 digital i/o port 0.3 p0_4 15 digital i/o port 0.4 p0_5 14 digital i/o port 0.5 p0_6 13 digital i/o port 0.6 p0_7 12 digital i/o port 0.7 p1_0 11 digital i/o port 1.0 ? 20-ma drive capability p1_1 9 digital i/o port 1.1 ? 20-ma drive capability p1_2 8 digital i/o port 1.2 p1_3 7 digital i/o port 1.3 p1_4 6 digital i/o port 1.4 p1_5 5 digital i/o port 1.5 p1_6 38 digital i/o port 1.6 p1_7 37 digital i/o port 1.7 p2_0 36 digital i/o port 2.0 p2_1 35 digital i/o port 2.1 p2_2 34 digital i/o port 2.2 p2_3/ 33 digital i/o, port 2.3/32.768 khz xosc xosc32k_q2 analog i/o p2_4/ 32 digital i/o, port 2.4/32.768 khz xosc xosc32k_q1 analog i/o rbias 30 analog i/o external precision bias resistor for reference current reset_n 20 digital input reset, active-low rf_n 26 rf i/o negative rf input signal to lna during rx negative rf output signal from pa during tx rf_p 25 rf i/o positive rf input signal to lna during rx positive rf output signal from pa during tx usb_n 3 digital i/o usb n usb_p 2 digital i/o usb p xosc_q1 22 analog i/o 32-mhz crystal oscillator pin 1 or external-clock input xosc_q2 23 analog i/o 32-mhz crystal oscillator pin 2 copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 17 product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com block diagram a block diagram of the CC2540 is shown in figure 8 . the modules can be roughly divided into one of three categories: cpu-related modules; modules related to power, test, and clock distribution; and radio-related modules. in the following subsections, a short description of each module is given. figure 8. CC2540 block diagram 18 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256 reset watchdog timer irq ctrl flash ctrl debug interface clock mux and calibration dma 8051 cpu core 32-mhz crystal osc op-amp 32.768-khz crystal osc high- speed rc-osc power management controller usart 0 usb usart 1 timer 1 (16-bit) timer 3 (8-bit)timer 4 (8-bit) timer 2 (ble ll timer) flash fifoctrl 1 kb sram on-chip voltage regulator power-on reset brown out vdd (2 vC3.6 v) dcoupl reset_n xosc_q2 xosc_q1 p2_4p1_7 p0_7 p2_3p1_6 p0_6 p2_2p1_5 p0_5 p1_2p0_2 p2_1p1_4 p0_4 p1_1p0_1 p2_0p1_3 p0_3 p1_0p0_0 modulator demodulator receive transmit frequency synthesizer synth rf_p rf_n b0301-05 radio registers sfr bus sfr bus ds adc audio/dc aes encryption and decryption memory arbitrator flash unified sfr iram xram pdata sleep timer 32-khz rc-osc i/o controller digital analog mixed analog comparator usb_n usb_p radio arbiter link layer engine
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 block descriptions cpu and memory the 8051 cpu core is a single-cycle 8051-compatible core. it has three different memory access busses (sfr, data, and code/xdata), a debug interface, and an 18-input extended interrupt unit. the memory arbiter is at the heart of the system, as it connects the cpu and dma controller with the physical memories and all peripherals through the sfr bus. the memory arbiter has four memory-access points, access of which can map to one of three physical memories: an sram, flash memory, and xreg/sfr registers. it is responsible for performing arbitration and sequencing between simultaneous memory accesses to the same physical memory. the sfr bus is drawn conceptually in figure 8 as a common bus that connects all hardware peripherals to the memory arbiter. the sfr bus in the block diagram also provides access to the radio registers in the radio register bank, even though these are indeed mapped into xdata memory space. the 8-kb sram maps to the data memory space and to parts of the xdata memory spaces. the sram is an ultralow-power sram that retains its contents even when the digital part is powered off (power modes 2 and 3). the 128/256 kb flash block provides in-circuit programmable non-volatile program memory for the device, and maps into the code and xdata memory spaces. peripherals writing to the flash block is performed through a flash controller that allows page-wise erasure and 4-bytewise programming. see user guide for details on the flash controller. a versatile five-channel dma controller is available in the system, accesses memory using the xdata memory space, and thus has access to all physical memories. each channel (trigger, priority, transfer mode, addressing mode, source and destination pointers, and transfer count) is configured with dma descriptors that can be located anywhere in memory. many of the hardware peripherals (aes core, flash controller, usarts, timers, adc interface, etc.) can be used with the dma controller for efficient operation by performing data transfers between a single sfr or xreg address and flash/sram. each CC2540 contains a unique 48-bit ieee address that can be used as the public device address for a bluetooth device. designers are free to use this address, or provide their own, as described in the bluetooth specfication. the interrupt controller services a total of 18 interrupt sources, divided into six interrupt groups, each of which is associated with one of four interrupt priorities. i/o and sleep timer interrupt requests are serviced even if the device is in a sleep mode (power modes 1 and 2) by bringing the CC2540 back to the active mode. the debug interface implements a proprietary two-wire serial interface that is used for in-circuit debugging. through this debug interface, it is possible to erase or program the entire flash memory, control which oscillators are enabled, stop and start execution of the user program, execute instructions on the 8051 core, set code breakpoints, and single-step through instructions in the code. using these techniques, it is possible to perform in- circuit debugging and external flash programming elegantly. the i/o controller is responsible for all general-purpose i/o pins. the cpu can configure whether peripheral modules control certain pins or whether they are under software control, and if so, whether each pin is configured as an input or output and if a pullup or pulldown resistor in the pad is connected. each peripheral that connects to the i/o pins can choose between two different i/o pin locations to ensure flexibility in various applications. the sleep timer is an ultralow-power timer that can either use an external 32.768-khz crystal oscillator or an internal 32.753-khz rc oscillator. the sleep timer runs continuously in all operating modes except power mode 3. typical applications of this timer are as a real-time counter or as a wake-up timer to get out of power modes 1 or 2. a built-in watchdog timer allows the CC2540 to reset itself if the firmware hangs. when enabled by software, the watchdog timer must be cleared periodically; otherwise, it resets the device when it times out. copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 19 product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com timer 1 is a 16-bit timer with timer/counter/pwm functionality. it has a programmable prescaler, a 16-bit period value, and five individually programmable counter/capture channels, each with a 16-bit compare value. each of the counter/capture channels can be used as a pwm output or to capture the timing of edges on input signals. it can also be configured in ir generation mode, where it counts timer 3 periods and the output is anded with the output of timer 3 to generate modulated consumer ir signals with minimal cpu interaction. timer 2 is a 40-bit timer used by the bluetooth low energy stack. it has a 16-bit counter with a configurable timer period and a 24-bit overflow counter that can be used to keep track of the number of periods that have transpired. a 40-bit capture register is also used to record the exact time at which a start-of-frame delimiter is received/transmitted or the exact time at which transmission ends. there are two 16-bit timer-compare registers and two 24-bit overflow-compare registers that can be used to give exact timing for start of rx or tx to the radio or general interrupts. timer 3 and timer 4 are 8-bit timers with timer/counter/pwm functionality. they have a programmable prescaler, an 8-bit period value, and one programmable counter channel with an 8-bit compare value. each of the counter channels can be used as pwm output. usart 0 and usart 1 are each configurable as either an spi master/slave or a uart. they provide double buffering on both rx and tx and hardware flow control and are thus well suited to high-throughput full-duplex applications. each usart has its own high-precision baud-rate generator, thus leaving the ordinary timers free for other uses. when configured as spi slaves, the usarts sample the input signal using sck directly instead of using some oversampling scheme, and are thus well-suited for high data rates. the aes encryption/decryption core allows the user to encrypt and decrypt data using the aes algorithm with 128-bit keys. the aes core also supports ecb, cbc, cfb, ofb, ctr, and cbc-mac, as well as hardware support for ccm. the adc supports 7 to 12 bits of resolution with a corresponding range of bandwidths from 30-khz to 4-khz, respectively. dc and audio conversions with up to eight input channels (i/o controller pins) are possible. the inputs can be selected as single-ended or differential. the reference voltage can be internal, avdd, or a single- ended or differential external signal. the adc also has a temperature-sensor input channel. the adc can automate the process of periodic sampling or conversion over a sequence of channels. the operational amplifier is intended to provide front-end buffering and gain for the adc. both inputs as well as the output are available on pins, so the feedback network is fully customizable. a chopper-stabilized mode is available for applications that need good accuracy with high gain. the ultralow-power analog comparator enables applications to wake up from pm2 or pm3 based on an analog signal. both inputs are brought out to pins; the reference voltage must be provided externally. the comparator output is connected to the i/o controller interrupt detector and can be treated by the mcu as a regular i/o pin interrupt. 20 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 typical characteristics rx current in wait for sync tx current vs vs temperature temperature figure 9. figure 10. rx sensitivity tx power vs vs temperature temperature figure 11. figure 12. rx current in wait for sync tx current vs vs supply voltage supply voltage figure 13. figure 14. copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 21 product folder links: CC2540f128 CC2540f256 supply voltage (v) current (ma) 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 31 31.1 31.2 31.3 31.4 31.5 31.6 31.7 31.8 31.9 32 g006 t a = 25 c tx power setting = 4 dbm temperature ( c) level (dbm) -40 -20 0 20 40 60 80 -92 -91 -90 -89 -88 -87 -86 -85 -84 -83 g003 gain = standard settingv cc = 3 v temperature ( c) level (dbm) -40 -20 0 20 40 60 80 0 1 2 3 4 5 6 7 g004 tx power setting = 4 dbmv cc = 3 v temperature ( c) current (ma) -40 -20 0 20 40 60 80 18.5 19 19.5 20 20.5 g001 gain = standard settinginput = -70 dbm v cc = 3 v temperature ( c) current (ma) -40 -20 0 20 40 60 80 30.5 31 31.5 32 32.5 g002 tx power setting = 4 dbmv cc = 3 v supply voltage (v) current (ma) 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 19.5 19.52 19.54 19.56 19.58 19.6 19.62 19.64 19.66 19.68 19.7 g005 gain = standard settinginput = -70 dbm t a = 25 c
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com typical characteristics (continued) rx sensitivity tx power vs vs supply voltage supply voltage figure 15. figure 16. rx sensitivity rx interferer rejection (selectivity) vs vs frequency interferer frequency figure 17. figure 18. tx power vs frequency figure 19. 22 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256 frequency (mhz) level (dbm) 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 2400 2410 2420 2430 2440 2450 2460 2470 2480 g011 t a = 25 c tx power setting = 4 dbmv cc = 3 v frequency (mhz) level (dbm) -89 -88.8 -88.6 -88.4 -88.2 -88 -87.8 -87.6 -87.4 -87.2 -87 2400 2410 2420 2430 2440 2450 2460 2470 2480 g009 gain = standard settingt a = 25 c v cc = 3 v frequency (mhz) rejection (db) -10 0 10 20 30 40 50 60 2400 2410 2420 2430 2440 2450 2460 2470 2480 g010 gain = standard settingt a = 25 c v cc = 3 v wanted signal at 2426 mhz with -67 dbm level supply voltage (v) level (dbm) 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 -89 -88.8 -88.6 -88.4 -88.2 -88 -87.8 -87.6 -87.4 -87.2 -87 g007 gain = standard settingt a = 25 c supply voltage (v) level (dbm) 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6 3 3.2 3.4 3.6 3.8 4 4.2 4.4 4.6 4.8 5 g008 t a = 25 c tx power setting = 4 dbm
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 typical characteristics (continued) table 1. output power and current consumption (1) (2) typical current consumption with typical output power (dbm) typical current consumption (ma) tps62730 (ma) 4 32 24.6 0 27 21 ? 6 24 18.5 ? 23 21 16.5 (1) measured on texas instruments CC2540 em reference design with t a = 25 c, vdd = 3 v and f c = 2440 mhz. see swru191 for recommended register settings (2) measured on texas instruments CC2540tps62730 em reference design with t a = 25 c, vdd = 3 v and f c = 2440 mhz. see swru191 for recommended register settings typical current savings figure 20. current savings in tx at room temperature figure 21. current savings in rx at room temperature the application note ( swra365 ) has information regarding the CC2540 and tps62730 como board and the current savings that can be achieved using the como board. copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 23 product folder links: CC2540f128 CC2540f256 CC2540 current consumption tx 4dbm 0 5 10 15 20 25 30 35 2.1 2.4 2.7 3 3.3 3.6 supply (v) current (ma) 0 5 10 15 20 25 30 35 40 current savings (%) dc/dc on dc/dc off % current savings CC2540 current consumption rx sg clkconmod0x80 0 5 10 15 20 25 2.1 2.4 2.7 3 3.3 3.6 supply (v) current (ma) 0 5 10 15 20 25 30 35 40 current savings (%) dc/dc on dc/dc off current savings
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com application information few external components are required for the operation of the CC2540. a typical application circuit is shown in figure 22 . (1) 32-khz crystal is mandatory when running the chip in low-power modes, except if the link layer is in the standby state (vol. 6 part b section 1.1 in [1]). note: different antenna alternatives will be provided as reference designs. figure 22. CC2540 application circuit table 2. overview of external components (excluding supply decoupling capacitors) component description value c221 32-mhz xtal loading capacitor 12 pf c231 32-mhz xtal loading capacitor 12 pf c251 part of the rf matching network 18 pf c252 part of the rf matching network 1 pf c253 part of the rf matching network 1 pf c261 part of the rf matching network 18 pf c262 part of the rf matching network 1 pf c321 32-khz xtal loading capacitor 15 pf c331 32-khz xtal loading capacitor 15 pf 24 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256 dgnd_usbusb_p usb_n dvdd_usb p1_5 dvdd2 p1_1 p1_2 p1_3 p1_4 2-v to 3.6-v power supply r301 c251 c261 c262 c253 c252 l251 l261 l252 l253 xtal1 c221 c231 xtal2 c321 c331 c401 32-khz crystal (1) CC2540 die attach pad rbias avdd4 avdd1 avdd2 rf_n avdd5 xosc_q1 xosc_q2 avdd3 rf_p p1_0 p0_7 p0_6 p0_5 p0_4 reset_n p0_0 p0_1 p0_2 p0_3 dcoupl dvdd1 p1_6 p1_7 p2_0 avdd6 p2_4/xosc32k_q1 p2_3/xosc32k_q2 p2_2 p2_1 antenna (50 ) w s0383-03 1 2 3 4 5 6 7 89 10 11 12 13 14 15 16 17 1819 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 power supply decoupling capacitors are not shown digital i/o not connected
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 table 2. overview of external components (excluding supply decoupling capacitors) (continued) component description value c401 decoupling capacitor for the internal digital regulator 1 f l251 part of the rf matching network 2 nh l252 part of the rf matching network 1 nh l253 part of the rf matching network 3 nh l261 part of the rf matching network 2 nh r301 resistor used for internal biasing 56 k ? input/output matching when using an unbalanced antenna such as a monopole, a balun should be used to optimize performance. the balun can be implemented using low-cost discrete inductors and capacitors. the recommended balun shown consists of c262, l261, c252, and l252. crystal an external 32-mhz crystal, xtal1, with two loading capacitors (c221 and c231) is used for the 32-mhz crystal oscillator. see 32-mhz crystal oscillator for details. the load capacitance seen by the 32-mhz crystal is given by: (1) xtal2 is an optional 32.768-khz crystal, with two loading capacitors (c321 and c331) used for the 32.768-khz crystal oscillator. the 32.768-khz crystal oscillator is used in applications where both very low sleep-current consumption and accurate wake-up times are needed. the load capacitance seen by the 32.768-khz crystal is given by: (2) a series resistor may be used to comply with the esr requirement. on-chip 1.8-v voltage regulator decoupling the 1.8-v on-chip voltage regulator supplies the 1.8-v digital logic. this regulator requires a decoupling capacitor (c401) for stable operation. power-supply decoupling and filtering proper power-supply decoupling must be used for optimum performance. the placement and size of the decoupling capacitors and the power supply filtering are very important to achieve the best performance in an application. ti provides a compact reference design that should be followed very closely. references 1. bluetooth ? core technical specification document, version 4.0 http://www.bluetooth.com/sitecollectiondocuments/core_v40.zip 2. cc253x system-on-chip solution for 2.4-ghz ieee 802.15.4 and zigbee ? applications/CC2540 system-on- chip solution for 2.4-ghz bluetooth low energy applications ( swru191 ) 3. current savings in cc254x using the tps62730 ( swra365 ) copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 25 product folder links: CC2540f128 CC2540f256 l parasitic 321 331 1 c c 1 1 c c = + + l parasitic 221 231 1 c c 1 1 c c = + +
CC2540f128 , CC2540f256 swrs084f ? october 2010 ? revised june 2013 www.ti.com additional information texas instruments offers a wide selection of cost-effective, low-power rf solutions for proprietary and standard- based wireless applications for use in industrial and consumer applications. our selection includes rf transceivers, rf transmitters, rf front ends, and system-on-chips as well as various software solutions for the sub-1- and 2.4-ghz frequency bands. in addition, texas instruments provides a large selection of support collateral such as development tools, technical documentation, reference designs, application expertise, customer support, third-party and university programs. the low-power rf e2e online community provides technical support forums, videos and blogs, and the chance to interact with fellow engineers from all over the world. with a broad selection of product solutions, end application possibilities, and a range of technical support, texas instruments offers the broadest low-power rf portfolio. we make rf easy! the following subsections point to where to find more information. texas instruments low-power rf web site ? forums, videos, and blogs ? rf design help ? e2e interaction join us today at www.ti.com/lprf-forum . texas instruments low-power rf developer network texas instruments has launched an extensive network of low-power rf development partners to help customers speed up their application development. the network consists of recommended companies, rf consultants, and independent design houses that provide a series of hardware module products and design services, including: ? rf circuit, low-power rf, and zigbee ? design services ? low-power rf and zigbee module solutions and development tools ? rf certification services and rf circuit manufacturing need help with modules, engineering services or development tools? search the low-power rf developer network tool to find a suitable partner. www.ti.com/lprfnetwork low-power rf enewsletter the low-power rf enewsletter keeps the user up-to-date on new products, news releases, developers ? news, and other news and events associated with low-power rf products from ti. the low-power rf enewsletter articles include links to get more online information. sign up today on www.ti.com/lprfnewsletter 26 submit documentation feedback copyright ? 2010 ? 2013, texas instruments incorporated product folder links: CC2540f128 CC2540f256
CC2540f128 , CC2540f256 www.ti.com swrs084f ? october 2010 ? revised june 2013 revision history changes from revision original (october 2010) to revision a page ? changed several items in features list ................................................................................................................................ 1 ? changed upper limit of storage temperature range .............................................................................................................. 4 ? changed esd rating for charged-device model ................................................................................................................... 4 ? changed adjacent-channel rejection from 5 db to ? 5 db ..................................................................................................... 5 changes from revision a (may 2011) to revision b page ? added the tps62730 compatible features list .................................................................................................................. 1 ? added the CC2540 with tps62730 applications .............................................................................................................. 2 ? added current consumption with tps62730 characteristics ................................................................................ 6 ? changed table 1 ................................................................................................................................................................ 23 ? added the typical current savings section ........................................................................................................... 23 changes from revision b (july 2011) to revision c page ? changed on page 2, under CC2540...item 2 from application run time to battery lifetime .............................................. 2 ? corrected block diagram ....................................................................................................................................................... 3 ? in the op-amp characteristics table, changed several values in the typ column ................................................... 9 changes from revision c (november 2011) to revision d page ? changed the temperature coefficient unit value from: mv/ c to: / 0.1 c ......................................................................... 8 ? changed figure 22 text from: optional 32-khz crystal to: 32-khz crystal ..................................................................... 24 changes from revision d (august 2012) to revision e page ? changed the " internal reference voltage " typ value from 1.15 v to: 1.24 v .................................................................. 11 changes from revision e (november 2012) to revision f page ? changed the rf transmit section, output power typ value from: ? 20 to: ? 23 ....................................................... 6 ? changed the rf transmit section, programmable output power range typ value from: 24 to: 27 ........................ 6 copyright ? 2010 ? 2013, texas instruments incorporated submit documentation feedback 27 product folder links: CC2540f128 CC2540f256
package option addendum www.ti.com 17-oct-2015 addendum-page 1 packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish (6) msl peak temp (3) op temp (c) device marking (4/5) samples CC2540f128rhar active vqfn rha 40 2500 green (rohs & no sb/br) cu nipdau | cu nipdauag level-3-260c-168 hr -40 to 85 CC2540 f128 CC2540f128rhat active vqfn rha 40 250 green (rohs & no sb/br) cu nipdau | cu nipdauag level-3-260c-168 hr -40 to 85 CC2540 f128 CC2540f256rhar active vqfn rha 40 2500 green (rohs & no sb/br) cu nipdau | cu nipdauag level-3-260c-168 hr -40 to 85 CC2540 f256 CC2540f256rhat active vqfn rha 40 250 green (rohs & no sb/br) cu nipdau | cu nipdauag level-3-260c-168 hr -40 to 85 CC2540 f256 (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. - the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. (4) there may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device. (5) multiple device markings will be inside parentheses. only one device marking contained in parentheses and separated by a "~" will appear on a device. if a line is indented then it is a continuation of the previous line and the two combined represent the entire device marking for that device. (6) lead/ball finish - orderable devices may have multiple material finish options. finish options are separated by a vertical ruled line. lead/ball finish values may wrap to two lines if the finish value exceeds the maximum column width.
package option addendum www.ti.com 17-oct-2015 addendum-page 2 important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis.
tape and reel information *all dimensions are nominal device package type package drawing pins spq reel diameter (mm) reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p1 (mm) w (mm) pin1 quadrant CC2540f128rhat vqfn rha 40 250 180.0 16.4 6.3 6.3 1.5 12.0 16.0 q2 CC2540f256rhar vqfn rha 40 2500 330.0 16.4 6.3 6.3 1.5 12.0 16.0 q2 CC2540f256rhat vqfn rha 40 250 180.0 16.4 6.3 6.3 1.5 12.0 16.0 q2 package materials information www.ti.com 14-may-2016 pack materials-page 1
*all dimensions are nominal device package type package drawing pins spq length (mm) width (mm) height (mm) CC2540f128rhat vqfn rha 40 250 213.0 191.0 55.0 CC2540f256rhar vqfn rha 40 2500 336.6 336.6 28.6 CC2540f256rhat vqfn rha 40 250 213.0 191.0 55.0 package materials information www.ti.com 14-may-2016 pack materials-page 2



important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, enhancements, improvements and other changes to its semiconductor products and services per jesd46, latest issue, and to discontinue any product or service per jesd48, latest issue. buyers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all semiconductor products (also referred to herein as ? components ? ) are sold subject to ti ? s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its components to the specifications applicable at the time of sale, in accordance with the warranty in ti ? s terms and conditions of sale of semiconductor products. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by applicable law, testing of all parameters of each component is not necessarily performed. ti assumes no liability for applications assistance or the design of buyers ? products. buyers are responsible for their products and applications using ti components. to minimize the risks associated with buyers ? products and applications, buyers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right relating to any combination, machine, or process in which ti components or services are used. information published by ti regarding third-party products or services does not constitute a license to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of significant portions of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti components or services with statements different from or beyond the parameters stated by ti for that component or service voids all express and any implied warranties for the associated ti component or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. buyer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and safety-related requirements concerning its products, and any use of ti components in its applications, notwithstanding any applications-related information or support that may be provided by ti. buyer represents and agrees that it has all the necessary expertise to create and implement safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences, lessen the likelihood of failures that might cause harm and take appropriate remedial actions. buyer will fully indemnify ti and its representatives against any damages arising out of the use of any ti components in safety-critical applications. in some cases, ti components may be promoted specifically to facilitate safety-related applications. with such components, ti ? s goal is to help enable customers to design and create their own end-product solutions that meet applicable functional safety standards and requirements. nonetheless, such components are subject to these terms. no ti components are authorized for use in fda class iii (or similar life-critical medical equipment) unless authorized officers of the parties have executed a special agreement specifically governing such use. only those ti components which ti has specifically designated as military grade or ? enhanced plastic ? are designed and intended for use in military/aerospace applications or environments. buyer acknowledges and agrees that any military or aerospace use of ti components which have not been so designated is solely at the buyer ' s risk, and that buyer is solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti has specifically designated certain components as meeting iso/ts16949 requirements, mainly for automotive use. in any case of use of non-designated products, ti will not be responsible for any failure to meet iso/ts16949. products applications audio www.ti.com/audio automotive and transportation www.ti.com/automotive amplifiers amplifier.ti.com communications and telecom www.ti.com/communications data converters dataconverter.ti.com computers and peripherals www.ti.com/computers dlp ? products www.dlp.com consumer electronics www.ti.com/consumer-apps dsp dsp.ti.com energy and lighting www.ti.com/energy clocks and timers www.ti.com/clocks industrial www.ti.com/industrial interface interface.ti.com medical www.ti.com/medical logic logic.ti.com security www.ti.com/security power mgmt power.ti.com space, avionics and defense www.ti.com/space-avionics-defense microcontrollers microcontroller.ti.com video and imaging www.ti.com/video rfid www.ti-rfid.com omap applications processors www.ti.com/omap ti e2e community e2e.ti.com wireless connectivity www.ti.com/wirelessconnectivity mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2016, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of CC2540

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X