Part Number Hot Search : 
CPC1967 2SA1411 CTS02M SPX29 S2744 CPC1967 2SA1411 6448TDHH
Product Description
Full Text Search
 

To Download BLM9435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.belling.com.cn v2.0 page1 blm 9435 pb free product p-channel enhancement mode power mosfet description the BLM9435 uses advanced trench technology to provi de excellent r ds(on) , low gate charge and operation with gate voltages as low as 4.5v. this device is suitable for use as a load switch or in pwm applications. general features v ds = -30v,i d = -5.1a r ds(on) < 105m @ v gs =-4.5v r ds(on) < 55m @ v gs =-10v high power and current handing capability lead free product is acquired surface mount package application pwm applications load switch power management d g s schematic diagram marking and pin assignment sop-8 top view package marking and ordering information device marking device device package reel size tape width quantity 9435 BLM9435 sop-8 ?330mm 12mm 2500 units absolute maximum ratings (ta=25 unless otherwise noted) parameter symbol limit unit drain-source voltage v ds -30 v gate-source voltage v gs 20 v drain current-continuous i d -5.1 a drain current-pulsed (note 1) i dm -20 a maximum power dissipation p d 2.5 w operating junction and storage temperature range t j ,t stg -55 to 150 thermal characteristic thermal resistance,junction-to-ambient (note 2) r ja 50 /w electrical characteristics (ta=25 unless otherwise noted) parameter symbol condition min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v i d =-250 a -30 -33 - v
www.belling.com.cn v2.0 page2 blm 9435 pb free product zero gate voltage drain current i dss v ds =-24v,v gs =0v - - -1 a gate-body leakage current i gss v gs =20v,v ds =0v - - 100 na on characteristics (note 3) gate threshold voltage v gs(th) v ds =v gs ,i d =-250 a -1 -1.6 -3 v v gs =-10v, i d =-5.1a - 48 55 m drain-source on-state resistance r ds(on) v gs =-4.5v, i d =-4.2a - 73 105 m forward transconductance g fs v ds =-15v,i d =-4.5a 4 7 - s dynamic characteristics (note4) input capacitance c lss - 1040 - pf output capacitance c oss - 420 - pf reverse transfer capacitance c rss v ds =-15v,v gs =0v, f=1.0mhz - 150 - pf switching characteristics (note 4) turn-on delay time t d(on) - 15 - ns turn-on rise time t r - 13 - ns turn-off delay time t d(off) - 58 - ns turn-off fall time t f v dd =-15v, id=-1a, v gs =-10v,r gen =6 21 - ns total gate charge q g - 12 - nc gate-source charge q gs - 2.2 - nc gate-drain charge q gd v ds =-15v,i d =-5.1a,v gs =-10v - 3 - nc drain-source diode characteristics diode forward voltage (note 3) v sd v gs =0v,i s =-1.7a - - -1.2 v notes: 1. repetitive rating: pulse width limited by maximum j unction temperature. 2. surface mounted on fr4 board, t 10 sec. 3. pulse test: pulse width 300 s, duty cycle 2%. 4. guaranteed by design, not subject to production
www.belling.com.cn v2.0 page3 blm 9435 pb free product typical electrical and thermal characteristics figure 1:switching test circuit t j -junction temperature( ) figure 3 power dissipation vds drain-source voltage (v) figure 5 output characteristics v in v out 10% 10% 50% 50% pulse width inverted t d(on) 90% t r t on 90% 10% t off t d(off) t f 90% v in v out 10% 10% 50% 50% pulse width inverted t d(on) 90% 90% t r t on 90% 10% t off t d(off) t f 90% figure 2:switching waveforms t j -junction temperature( ) figure 4 drain current i d - drain current (a) figure 6 drain-source on-resistance p d power(w) i d - drain current (a rdson on-resistance(m ) i d - drain current (a)
www.belling.com.cn v2.0 page4 blm 9435 pb free product vgs gate-source voltage (v) figure 7 transfer characteristics vgs gate-source voltage (v) figure 9 rdson vs vgs qg gate charge (nc) figure 11 gate charge t j -junction temperature( ) figure 8 drain-source on-resistance vds drain-source voltage (v) figure 10 capacitance vs vds vsd source-drain voltage (v) figure 12 source- drain diode forward i d - drain current (a) rdson on-resistance(m ) vgs gate-source voltage (v) normalized on-resistance c capacitance (pf) i s - reverse drain current (a)
www.belling.com.cn v2.0 page5 blm 9435 pb free product vds drain-source voltage (v) figure 13 safe operation area square wave pluse duration(sec) figure 14 normalized maximum transient thermal impe dance r(t),normalized effective transient thermal impedance i d - drain current (a)
www.belling.com.cn v2.0 page6 blm 9435 pb free product sop-8 package in formation


▲Up To Search▲   

 
Price & Availability of BLM9435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X