Part Number Hot Search : 
MEGA32 82B790 DAC2800D HER804FT 5Q0765 C2895A 2SC1514 5330H
Product Description
Full Text Search
 

To Download BAW56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20120305 BAW56W dual switching diodes device marking BAW56W = a1 maximum ratings (t a = 25c) rating symbol max unit reverse voltag v r 70 vdc forward current i f 200 madc peak forward surge current i fm(surge) 50 0 madc thermal characteristics characteristic symbol max unit total device dissipation fr?5 board (1) p d 200 mw t a = 25c derate above 25c 1.6 mw/c thermal resistance, junction to ambient r ja 0.625 c/w total device dissipation p d 300 mw alumina substrate (2) t a = 25c derate above 25c 2.4 mw/c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j , t stg ?55 to +150 c electrical characteristics (t a = 25c unless otherwise noted) characteristic symbol min max unit off characteristics reverse breakdown voltage v (br) 70 ? vdc (i (br) = 100 adc) reverse voltage leakage current i r adc (v r = 25 vdc, t j = 150c) ? 30 (v r = 70 vdc) ? 2.5 (v r = 70 vdc, t j = 150c) ? 50 diode capacitance c d ? 2.0 pf (v r = 0, f = 1.0 mhz) forward voltage v f mvdc (i f = 1.0 madc) ? 715 (i f = 10 madc) ? 855 (i f = 60 madc) ? 1000 (i f = 150 madc) ? 1250 reverse recovery time t rr ? 6.0 ns (i f = i r = 10 madc, r l = 100 ? , i r(rec) = 1.0 madc) (figure 1) 1. fr?5 = 1.0 0.75 0.062 in. 2. alumina = 0.4 0.3 0.024 in. 99.5% alumina. 3 anode cathode 1 cathode 2 z pb-free package is available. ordering information device marking shipping BAW56W a1 3000/tape&reel sot?323 1 2 3 h
http://www.yeashin.com 2 rev.02 20120305 device characteristics BAW56W notes: 1. a 2.0 k ? variable resistor adjusted for a forward current (i f ) of 10ma. 2. input pulse is adjusted so i r(peak) is equal to 10ma. 3. t p ? t rr figure 1. recovery time equivalent test circuit +10 v 2.0 k 820 ? 100 h 0.1 f d.u.t. 0.1 f 50 ? output pulse generator t r 50 ? input sampling oscilloscope t p t 10% 90% i f i r t rr t i r(rec) = 1.0 ma output pulse (i f = i r = 10 ma; measured at i r(rec) = 1.0 ma) input signal i f v r 100 10 1.0 0.1 0.2 0.4 0.6 0.8 1.0 1.2 0 10 20304050 10 1.0 0.1 0.01 0.001 02 4 6 8 2.0 1.0 i f , forward current (ma) v f , forward voltage (volts) figure 2. forward voltage v r , reverse voltage (volts) figure 3. leakage current v r , reverse voltage (volts) figure 4. capacitance i r , reverse current ( a) c d diode capacitance (pf)
http://www.yeashin.com 3 rev.02 20120305 package outline & dimensions BAW56W sot?323 a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref


▲Up To Search▲   

 
Price & Availability of BAW56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X