Part Number Hot Search : 
15TBG KA2S0765 SMCJ43 74ALVC1 40C20 GL5HS BUZ35 RG12864D
Product Description
Full Text Search
 

To Download BAW56W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-09-19 1 baw56... silicon switching diode ? for high-speed switching applications ? common anode configuration ? baw56s / u: for orientation in reel see package information below ? pb-free (rohs compliant) package 1) ? qualified according aec q101 baw56 BAW56W baw56s baw56u                      type package configuration marking baw56 baw56s baw56u BAW56W sot23 sot363 sc74 sot323 common anode double common anode double common anode common anode a1s a1s a1s a1s 1 pb-containing package may be available upon special request
2007-09-19 2 baw56... maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage v r 80 v peak reverse voltage v rm 85 forward current i f 200 ma non-repetitive peak surge forward current t = 1 s t = 1 ms t = 1 s, single t = 1 s, double i fsm 4.5 1 0.5 0.75 a total power dissipation baw56, t s 28c baw56s, t s 85c baw56u, t s 90c BAW56W, t s 103c p tot 330 250 250 250 mw junction temperature t j 150 c storage temperature t st g -65 ... 150 thermal resistance parameter symbol value unit junction - soldering point 1) baw56 baw56s baw56u BAW56W r thjs 360 260 240 190 k/w 1 for calculation of r thja please refer to application note thermal resistance
2007-09-19 3 baw56... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics breakdown voltage i (br) = 100 a v (br) 85 - - v reverse current v r = 70 v v r = 25 v, t a = 150 c v r = 70 v, t a = 150 c i r - - - - - - 0.15 30 50 a forward voltage i f = 1 ma i f = 10 ma i f = 50 ma i f = 100 ma i f = 150 ma v f - - - - - - - - - - 715 855 1000 1200 1250 mv ac characteristics diode capacitance v r = 0 v, f = 1 mhz c t - - 2 pf reverse recovery time i f = 10 ma, i r = 10 ma, measured at i r = 1ma, r l = 100 ? t rr - - 4 ns test circuit for reverse recovery time ehn00019 f d.u.t. oscillograph pulse generator: t p = 100ns, d = 0.05, t r = 0.6ns, r i = 50 ? oscillograph: r = 50 ? , t r = 0.35ns, c 1pf
2007-09-19 4 baw56... reverse current i r = ? ( t a ) v r = parameter 0 25 50 75 100 c 150 t a 1 10 2 10 3 10 4 10 5 10 na i r 70 v 25 v forward voltage v f = ? ( t a ) i f = parameter -40 -20 0 20 40 60 80 100 140 t a 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.2 v f if = 150ma if = 100ma if = 50ma if = 10ma if = 1ma if = 0,1ma forward current i f = ? ( v f ) t a = 25c ehb00091 baw 56 f 150 ma 100 50 0 v f 1.5 v 1.0 0.5 0 typ max forward current i f = ? ( t s ) baw56 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 ma 250 i f
2007-09-19 5 baw56... forward current i f = ? ( t s ) baw56s 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 ma 250 i f kei n forward current i f = ? ( t s ) baw56u 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 ma 250 i f forward current i f = ? ( t s ) BAW56W 0 15 30 45 60 75 90 105 120 c 150 t s 0 25 50 75 100 125 150 175 200 ma 250 i f permissible puls load r thjs = ? ( t p ) baw56 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -1 10 0 10 1 10 2 10 3 10 r thjs d = 0,5 0,2 0,1 0,05 0,02 0,01 0,005 0
2007-09-19 6 baw56... permissible pulse load i fmax / i fdc = ? ( t p ) baw56 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) baw56s 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load i fmax / i fdc = ? ( t p ) baw56s 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) baw56u 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
2007-09-19 7 baw56... permissible pulse load i fmax / i fdc = ? ( t p ) baw56u 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 k/w i fmax / i fdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 permissible puls load r thjs = ? ( t p ) BAW56W 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs 0.5 0.2 0.1 0.05 0.02 0.01 0.005 d = 0 permissible pulse load i fmax / i fdc = ? ( t p ) BAW56W 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 - i fmax / i fdc d = 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
2007-09-19 8 baw56... package sc74 package outline foot print standard packing 0.5 0.95 1.9 2.9 54 6 3 2 1 1.1 max. (0.35) (2.25) 0.2 2.9 b 0.2 +0.1 -0.05 0.35 pin 1 marking m b 6x 0.95 1.9 0.15 -0.06 +0.1 1.6 10? max. a 0.1 2.5 0.25 10? max. 0.1 0.1 a 0.2 m 0.1 max. 2.7 4 3.15 pin 1 marking 8 0.2 1.15 reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. manufacturer 2005, june date code (year/month) bcw66h type code pin 1 marking laser marking marking layout (example) small variations in positioning of date code, type code and manufacture are possible.
2007-09-19 9 baw56... package sot23 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel eh s bcw66 type code pin 1 0.8 0.9 0.9 1.3 0.8 1.2 0.25 m bc 1.9 -0.05 +0.1 0.4 0.1 2.9 0.95 c b 0...8? 0.2 a 0.1 max. 10? max. 0.08...0.15 1.3 0.1 10? max. m 2.4 0.15 0.1 1 a 0.15 min. 1) 1) lead width can be 0.6 max. in dambar area 12 3 3.15 4 2.65 2.13 0.9 8 0.2 1.15 pin 1 manufacturer 2005, june date code (ym)
2007-09-19 10 baw56... package sot323 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 1.25 0.1 0.1 max. 2.1 0.1 0.15 +0.1 -0.05 0.3 +0.1 0.1 0.9 12 3 a 0.2 2 -0.05 0.65 0.65 m 3x 0.1 0.1 min. 0.1 m 0.2 a 0.2 4 2.15 1.1 8 2.3 pin 1 pin 1 2005, june date code (ym) bcr108w type code 0.6 0.8 1.6 0.65 0.65 manufacturer
2007-09-19 11 baw56... p ackage sot363 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. small variations in positioning of date code, type code and manufacture are possible. manufacturer 2005, june date code (year/month) bcr108s type code pin 1 marking laser marking 0.3 0.7 0.9 0.65 0.65 1.6 0.2 4 2.15 1.1 8 2.3 pin 1 marking +0.1 0.2 1 6 23 5 4 0.2 2 +0.1 -0.05 0.15 0.1 1.25 0.1 max. 0.9 0.1 a -0.05 6x 0.1 m 0.65 0.65 2.1 0.1 0.1 0.1 min. m 0.2 a pin 1 marking
2007-09-19 12 baw56... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BAW56W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X