Part Number Hot Search : 
SD335 LB1413 PC1002 IRFP3 MC4053 C3500 100BGC LVC1G32
Product Description
Full Text Search
 

To Download ADS1110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbas276a ? march 2003 ? revised november 2003 16-bit analog-to-digital converter with onboard reference ADS1110 features  complete data acquisition system in a tiny sot23-6 package  onboard reference: accuracy: 2.048v 0.05% drift: 5ppm/ c  onboard pga  onboard oscillator  16-bits no missing codes  inl: 0.01% of fsr max  continuous self-calibration  single-cycle conversion  programmable data rate: 15sps to 240sps  i 2 c ? interface?eight available addresses  power supply: 2.7v to 5.5v  low current consumption: 240 a applications  portable instrumentation  industrial process control  smart transmitters  consumer goods  factory automation  temperature measurement description the ADS1110 is a precision, continuously self?calibrating analog-to-digital (a/d) converter with differential inputs and up to 16 bits of resolution in a small sot23-6 package. the onboard 2.048v reference provides an input range of 2.048v differentially. the ADS1110 uses an i 2 c-compatible serial interface and operates from a single power supply ranging from 2.7v to 5.5v. the ADS1110 can perform conversions at rates of 15, 30, 60, or 240 samples per second. the onboard programmable gain amplifier (pga), which offers gains of up to 8, allows smaller signals to be measured with high resolution. in single-conversion mode, the ADS1110 automatically powers down after a conversion, greatly reducing current consumption during idle periods. the ADS1110 is designed for applications requiring high-resolution measurement, where space and power consumption are major considerations. typical applications include portable instrumentation, industrial process control, and smart transmitters. www.ti.com copyright ? 2003, texas instruments incorporated please be aware that an important notice concerning availability, standard warranty, and use in critical applications of t exas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. all trademarks are the property of their respective owners.
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 2 absolute maximum ratings (1) v dd to gnd ?0.3v to +6v input current 100ma, momentary input current 10ma, continuous voltage to gnd, v in+ , v in? ?0.3v to v dd + 0.3v voltage to gnd, sda, scl ?0.5v to 6v maximum junction t emperature +150 c operating temperature range ?40 c to +125 c storage temperature range ?60 c to +150 c lead temperature (soldering, 10s) +300 c (1) stresses above those listed under ?absolute maximum ratings? may cause permanent damage to the device. exposure to absolute maximum conditions for extended periods may affect device reliability. this integrated circuit can be damaged by esd. texas instruments recommends that all integrated circuits be handled with appropriate precautions. failure to observe proper handling and installation procedures can cause damage. esd damage can range from subtle performance degradation to complete device failure. precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. package/ordering information product i 2 c address package?lead package designator (1) specified temperature range package marking ordering number transport media, quantity ADS1110 1001 000 sot23-6 dbv ?40 c to +85 c ed0 ADS1110a0idbvt tape and reel, 250 ADS1110 1001 000 sot23-6 dbv ?40 c to +85 c ed0 ADS1110a0idbvr tape and reel, 3000 ADS1110 1001 001 sot23-6 dbv ?40 c to +85 c ed1 ADS1110a1idbvt tape and reel, 250 ADS1110 1001 001 sot23-6 dbv ?40 c to +85 c ed1 ADS1110a1idbvr tape and reel, 3000 ADS1110 1001 010 sot23-6 dbv ?40 c to +85 c ed2 ADS1110a2idbvt tape and reel, 250 ADS1110 1001 010 sot23-6 dbv ?40 c to +85 c ed2 ADS1110a2idbvr tape and reel, 3000 ADS1110 1001 011 sot23-6 dbv ?40 c to +85 c ed3 ADS1110a3idbvt tape and reel, 250 ADS1110 1001 011 sot23-6 dbv ?40 c to +85 c ed3 ADS1110a3idbvr tape and reel, 3000 ADS1110 1001 100 sot23-6 dbv ?40 c to +85 c ed4 ADS1110a4idbvt tape and reel, 250 ADS1110 1001 100 sot23-6 dbv ?40 c to +85 c ed4 ADS1110a4idbvr tape and reel, 3000 ADS1110 1001 101 sot23-6 dbv ?40 c to +85 c ed5 ADS1110a5idbvt tape and reel, 250 ADS1110 1001 101 sot23-6 dbv ?40 c to +85 c ed5 ADS1110a5idbvr tape and reel, 3000 ADS1110 1001 110 sot23-6 dbv ?40 c to +85 c ed6 ADS1110a6idbvt tape and reel, 250 ADS1110 1001 110 sot23-6 dbv ?40 c to +85 c ed6 ADS1110a6idbvr tape and reel, 3000 ADS1110 1001 111 sot23-6 dbv ?40 c to +85 c ed7 ADS1110a7idbvt tape and reel, 250 ADS1110 1001 111 sot23-6 dbv ?40 c to +85 c ed7 ADS1110a7idbvr tape and reel, 3000 (1) for the most current specification and package information, refer to our web site at www .ti.com. top view sot23
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 3 electrical characteristics all specifications at ?40 c to +85 c, v dd = 5v, and all pgas, unless otherwise noted. ADS1110 parameter conditions min typ max unit analog input full-scale input voltage (v in+ ) ? (v in? ) 2.048/pga v analog input voltage v in+ to gnd or v in? to gnd gnd ? 0.2 v dd + 0.2 v differential input impedance 2.8/pga m ? common-mode input impedance pga = 1 3.5 m ? pga = 2 3.5 m ? pga = 4 1.8 m ? pga = 8 0.9 m ? system performance resolution and no missing codes dr = 00 12 12 bits resolution and no missing codes dr = 01 14 14 bits dr = 10 15 15 bits dr = 11 16 16 bits data rate dr = 00 180 240 308 sps data rate dr = 01 45 60 77 sps dr = 10 22 30 39 sps dr = 11 11 15 20 sps output noise see typical characteristic curves integral nonlinearity dr = 11, pga = 1, end point fit (1) 0.004 0.010 % of fsr (2) offset error pga = 1 1.2 8 mv offset error pga = 2 0.7 4 mv pga = 4 0.5 2.5 mv pga = 8 0.4 1.5 mv offset drift pga = 1 1.2 v/ c offset drift pga = 2 0.6 v/ c pga = 4 0.3 v/ c pga = 8 0.3 v/ c offset vs v dd pga = 1 800 v/v offset vs v dd pga = 2 400 v/v pga = 4 200 v/v pga = 8 150 v/v gain error (3) 0.05 0.40 % pga gain error match (3) match between any two pga gains 0.02 0.10 % gain error drift (3) 5 40 ppm/ c gain vs v dd 80 ppm/v common-mode rejection at dc and pga = 8 95 105 db common-mode rejection at dc and pga = 1 100 db digital input/output logic level v ih 0.7 ? v dd 6 v v il gnd ? 0.5 0.3 ? v dd v v ol i ol = 3ma gnd 0.4 v input leakage i h v ih = 5.5v 10 a i l v il = gnd ?10 a power-supply requirements power-supply v oltage v dd 2.7 5.5 v supply current power down 0.05 2 a supply current active mode 240 350 a power dissipation v dd = 5.0v 1.2 1.75 mw power dissipation v dd = 3.0v 0.675 mw (1) 99% of full-scale. (2) fsr = full-scale range = 2 2.048v/pga = 4.096v/pga. (3) includes all errors from onboard pga and reference.
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 4 typical characteristics at t a = 25 c and v dd = 5v, unless otherwise noted.
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 5 typical characteristics (continued) at t a = 25 c and v dd = 5v, unless otherwise noted.
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 6 typical characteristics (continued) at t a = 25 c and v dd = 5v, unless otherwise noted. theory of operation the ADS1110 is a fully differential, 16-bit, self-calibrating, delta-sigma a/d converter. extremely easy to design with and configure, the ADS1110 allows precise measure- ments to be obtained with a minimum of effort. the ADS1110 consists of a delta-sigma a/d converter core with adjustable gain, a 2.048v reference, a clock os- cillator, and an i 2 c interface. each of these blocks are de- scribed in detail in the sections that follow. analog-to-digital converter the ADS1110 a/d converter core consists of a differential switched-capacitor delta-sigma modulator followed by a digital filter. the modulator measures the voltage differ- ence between the positive and negative analog inputs and compares it to a reference voltage, which, in the ADS1110, is 2.048v. the digital filter receives a high-speed bitstream from the modulator and outputs a code, which is a number proportional to the input voltage. voltage reference the ADS1110 contains an onboard 2.048v voltage refer- ence. this reference is always used as the a/d converter?s voltage reference; an external reference cannot be con- nected. the ADS1110?s volta ge reference is internal only, and cannot be measured directly or used by external cir- cuitry. the onboard reference?s specifications are part of the ADS1110?s overall gain and drift specifications. the con- verter?s drift and gain error specifications reflect the perfor- mance of the onboard reference as well as the perfor- mance of the a/d converter core. there are no separate specifications for the onboard reference itself. output code calculation the output code is a scalar value that is, except for clip- ping, proportional to the voltage difference between the two analog inputs. the output code is confined to a finite range of numbers; this range depends on the number of bits needed to represent the code. the number of bits needed to represent the output code for the ADS1110 de- pends on the data rate, as shown in table 1. data rate number of bits minimum code maximum code 15sps 16 ?32,768 32,767 30sps 15 ?16,384 16,383 60sps 14 ?8192 8191 240sps 12 ?2048 2047 table 1. minimum and maximum codes for a minimum output code of min code, gain setting of pga, and positive and negative input voltages of v in+ and v in? , the output code is given by the expression: output code  ?1  min code  pga  (v in  )  (v in  ) 2.048v in the previous expression, it is important to note that the negated minimum output code is used. the ADS1110 outputs codes in binary two?s complement format, so the absolute values of the minima and maxima are not the same; the maximum n?bit code is 2 n?1 ? 1, while the minimum n?bit code is ?1 2 n?1 .
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 7 for example, the ideal expression for output codes with a data rate of 16sps and pga = 2 is: output code  16384  2  (v in  )  (v in  ) 2.048v the ADS1110 outputs all codes right-justified and sign-extended. this makes it possible to perform averaging on the higher data rate codes using only a 16-bit accumulator. table 2 shows the output codes for various input levels. self-calibration the previous expressions for the ADS1110?s output code do not account for the gain and offset errors in the modulator. to compensate for these, the ADS1110 incorporates self-calibration circuitry. the self-calibration system operates continuously and requires no user intervention. no adjustments can be made to the self-calibration system, and none need to be made. the self-calibration system cannot be deactivated. the offset and gain error figures shown in the electrical characteristics include the effects of calibration. clock oscillator the ADS1110 features an onboard clock oscillator, which drives the operation of the modulator and digital filter. the typical characteristics show variations in data rate over supply voltage and temperature. it is not possible to operate the ADS1110 with an external system clock. input impedance the ADS1110 uses a switched-capacitor input stage. to external circuitry, it looks roughly like a resistance. the resistance value depends on the capacitor values and the rate at which they are switched. the switching frequency is the same as the modulator frequency; the capacitor values depend on the pga setting. the switching clock is generated by the onboard clock oscillator, so its frequency, nominally 275khz, is dependent on supply voltage and temperature. the common-mode and differential input impedances are different. for a gain setting of pga, the differential input impedance is typically: 2.8m ? /pga the common-mode impedance also depends on the pga setting. see the electrical characteristics for details. the typical value of the input impedance often cannot be neglected. unless the input source has a low impedance, the ADS1110?s input impedance may affect the measurement accuracy. for sources with high output impedance, buffering may be necessary. bear in mind, however, that active buffers introduce noise, and also introduce of fset and gain errors. all of these factors should be considered in high-accuracy applications. because the clock oscillator frequency drifts slightly with temperature, the input impedances will also drift. for many applications, this input impedance drift can be neglected, and the expression given above for typical input impedance can be used. aliasing if frequencies are input to the ADS1110 that exceed half the data rate, aliasing will occur. to prevent aliasing, the input signal must be bandlimited. some signals are inherently bandlimited. for example, a thermocouple?s output, which has a limited rate of change, may nevertheless contain noise and interference components. these can fold back into the sampling band just as any other signal can. the ADS1110?s digital filter provides some attenuation of high-frequency noise, but the digital filter?s sinc 1 frequency response cannot completely replace an anti-aliasing filter. for a few applications, some external filtering may be needed; in such applications, a simple rc filter will suffice. when designing an input filter circuit, remember to take into account the interaction between the filter network and the input impedance of the ADS1110. data rate differential input signal data rate ?2.048v (1) ?1lsb zero +1lsb +2.048v 15sps 8000 h ffff h 0000 h 0001 h 7fff h 30sps c000 h ffff h 0000 h 0001 h 3fff h 60sps e000 h ffff h 0000 h 0001 h 1fff h 240sps f800 h ffff h 0000 h 0001 h 07ff h (1) differential input only; do not drive the ADS1110?s inputs below ?200mv. table 2. output codes for different input signals
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 8 using the ADS1110 operating modes the ADS1110 operates in one of two modes: continuous conversion or single conversion. in continuous conversion mode, the ads11 10 continuous- ly performs conversions. once a conversion has been completed, the ADS1110 places the result in the output register and immediately begins another conversion. in single conversion mode, the ADS1110 waits until the st/drdy bit in the conversion register is set to 1. when this happens, the ADS1110 powers up and performs a single conversion. after the conversion completes, the ADS1110 places the result in the output register, resets the st/drdy bit to 0, and powers down. writing a 1 to st/drdy while a conversion is in progress has no effect. when switched from continuous conversion mode to single conversion mode, the ADS1110 completes the current conversion, resets the st/drdy bit to 0, and powers down. reset and power?up when the ADS1110 powers up, it automatically performs a reset. as part of the reset, the ADS1110 sets all of the bits in the configuration register to their default settings. the ADS1110 responds to the i 2 c general call reset command. when the ADS1110 receives a general call reset, it performs an internal reset, exactly as though it had just been powered on. i 2 c interface the ADS1110 communicates through an i 2 c (inter-integrated circuit) interface. i 2 c is a two-wire open-drain interface supporting multiple devices and masters on a single bus. devices on the i 2 c bus only drive the bus lines low by connecting them to ground; they never drive the bus lines high. instead, the bus wires are pulled high by pull-up resistors, so the bus wires are high when no device is driving them low. this way, two devices cannot conflict; if two devices drive the bus simultaneously, there is no driver contention. communication on the i 2 c bus always takes place between two devices, one acting as the master and the other acting as the slave. both masters and slaves can read and write, but slaves can only do so under the direction of the master. some i 2 c devices can act as masters or slaves, but the ADS1110 can only act as a slave device. an i 2 c bus consists of two lines, sda and scl. sda carries data; scl provides the clock. all data is transmitted across the i 2 c bus in groups of eight bits. to send a bit on the i 2 c bus, the sda line is driven to the appropriate level while scl is low (a low on sda indicates the bit is zero; a high indicates the bit is one). once the sda line has settled, the scl line is brought high, then low. this pulse on scl clocks the sda bit into the receiver?s shift register. the i 2 c bus is bidirectional: the sda line is used both for transmitting and receiving data. when a master reads from a slave, the slave drives the data line; when a master sends to a slave, the master drives the data line. the master always drives the clock line. the ADS1110 never drives scl, because it cannot act as a master. on the ADS1110, scl is an input only. most of the time the bus is idle, no communication is taking place, and both lines are high. when communication is taking place, the bus is active. only master devices can start a communication. they do this by causing a start condition on the bus. normally, the data line is only allowed to change state while the clock line is low. if the data line changes state while the clock line is high, it is either a start condition or its counterpart, a stop condition. a start condition is when the clock line is high and the data line goes from high to low. a stop condition is when the clock line is high and the data line goes from low to high. after the master issues a star t condition, it sends a byte that indicates which slave device it wants to communicate with. this byte is called the address byte. each device on an i 2 c bus has a unique 7-bit address to which it responds. (slaves can also have 10-bit addresses; see the i 2 c specification for details.) the master sends an address in the address byte, together with a bit that indicates whether it wishes to read from or write to the slave device. every byte transmitted on the i 2 c bus, whether it is address or data, is acknowledged with an acknowledge bit. when a master has finished sending a byte (eight data bits) to a slave, it stops driving sda and waits for the slave to acknowledge the byte. the slave acknowledges the byte by pulling sda low. the master then sends a clock pulse to clock the acknowledge bit. similarly, when a master has finished reading a byte, it pulls sda low to acknowledge this to the slave. it then sends a clock pulse to clock the bit. (remember that the master always drives the clock line.) a not-acknowledge is performed by simply leaving sda high during an acknowledge cycle. if a device is not present on the bus, and the master attempts to address it, it will receive a not?acknowledge because no device is present at that address to pull the line low.
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 9 when a master has finished communicating with a slave, it may issue a st op condition. when a stop condition is issued, the bus becomes idle again. a master may also issue another start condition. when a start condition is issued while the bus is active, it is called a repeated start condition. a timing diagram for an ADS1110 i 2 c transaction is shown in figure 1. the parameters for this diagram are given in table 3. ADS1110 i 2 c addresses the ADS1110 i 2 c address is 1001 aaa , where aaa are bits set at the factory. the ADS1110 is available in eight different versions, each having a different i 2 c address. for example, the ADS1110a0 has address 1001000, and the ADS1110a3 has address 1001011. see the ordering information table for a complete listing. the i 2 c address is the only difference between the eight variants. in all other respects, they operate identically. each variant of the ADS1110 is marked with ed x , where x identifies the address variant. for example, the ADS1110a0 is marked ed0, and the ADS1110a3 is marked ed3. see the package/ordering information table for a complete listing. i 2 c general call the ADS1110 responds to a general call reset, which is an address byte of 00h followed by a data byte of 06 h . the ADS1110 acknowledges both bytes. on receiving a general call re set, the ADS1110 performs a full internal reset, just as though it had been powered off and then on. if a conversion is in process, it is interrupted; the output register is set to zero, and the configuration register is set to its default setting. the ADS1110 always acknowledges the general call address byte of 00 h , but it does not acknowledge any general call data bytes other than 04 h or 06 h . figure 1. i 2 c timing diagram fast mode high-speed mode parameter min max min max units sclk operating frequency t (sclk) 0.4 3.4 mhz bus free time between start and stop condition t (buf) 600 160 ns hold time after repeated start condition. after this period, the first clock is generated. t (hdsta) 600 160 ns repeated start condition setup time t (susta) 600 160 ns stop condition setup time t (susto) 600 160 ns data hold time t (hddat) 0 0 ns data setup time t (sudat) 100 10 ns sclk clock low period t (low) 1300 160 ns sclk clock high period t (high) 600 60 ns clock/data fall time t f 300 160 ns clock/data rise time t r 300 160 ns table 3. timing diagram definitions
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 10 i 2 c data rates the i 2 c bus operates in one of three speed modes: standard, which allows a clock frequency of up to 100khz; fast, which allows a clock frequency of up to 400khz; and high-speed mode (also called hs mode), which allows a clock frequency of up to 3.4mhz. the ADS1110 is fully compatible with all three modes. no special action needs to be taken to use the ADS1110 in standard or fast modes, but high-speed mode must be activated. to activate high-speed mode, send a special address byte of 00001 xxx following the start condition, where xxx are bits unique to the hs-capable master. this byte is called the hs master code. (note that this is dif ferent from normal address bytes: the low bit does not indicate read/write status.) the ADS1110 will not acknowledge this byte; the i 2 c specification prohibits acknowledgment of the hs master code. on receiving a master code, the ADS1110 will switch on its hs mode filters, and communicate at up to 3.4mhz. the ADS1110 will switch out of hs mode with the next stop condition. for more information on high-speed mode, consult the i 2 c specification. registers the ADS1110 has two registers that are accessible via its i 2 c port. the output register contains the result of the last conversion; the configuration register allows the user to change the ADS1110 operating mode and query the status of the device. output register the 16-bit output register contains the result of the last conversion in binary two?s complement format. following reset or power?up, the output register is cleared to zero; it remains zero until the first conversion is completed. the output register?s format is shown in table 4. bit 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 name d15 d14 d13 d12 d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 d1 d0 table 4. output register
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 11 configuration register the 8-bit configuration register can be used to control the ADS1110?s operating mode, data rate, and pga settings. the configuration register format is shown in table 5. the default setting is 8c h . bit 7 6 5 4 3 2 1 0 name st/drdy 0 0 sc dr1 dr0 pga1 pga0 default 1 0 0 0 1 1 0 0 table 5. configuration register bit 7: st/drdy the meaning of the st/drdy bit depends on whether it is being written to or read from. in single conversion mode, writing a 1 to the st/drdy bit causes a conversion to start, and writing a 0 has no ef fect. in continuous conversion mode, the ADS1110 ignores the value written to st/drdy . when read, st/drdy indicates whether the data in the output register is new data. if st/drdy is 0, the data just read from the output register is new , and has not been read before. if st/drdy is 1, the data just read from the output register has been read before. the ADS1110 sets st/drdy to 0 when it writes data into the output register. it sets st/drdy to 1 after any of the bits in the configuration register have been read. (note that the read value of the bit is independent of the value written to this bit.) in continuous-conversion mode, use st/drdy to determine when new conversion data is ready. if st/drdy is 1, the data in the output register has already been read, and is not new. if it is 0, the data in the output register is new, and has not yet been read. in single-conversion mode, use st/drdy to determine when a conversion has completed. if st/drdy is 1, the output register data is old, and the conversion is still in process; if it is 0, the output register data is the result of the new conversion. note that the output register is returned from the ADS1110 before the configuration register. the state of the st/drdy bit applies to the data just read from the output register, and not to the data from the next read operation. bits 6?5: reserved bits 6 and 5 must be set to zero. bit 4: sc sc controls whether the ADS1110 is in continuous conversion or single conversion mode. when sc is 1, the ADS1110 is in single conversion mode; when sc is 0, the ADS1110 is in continuous conversion mode. the default setting is 0. bits 3?2: dr bits 3 and 2 control the ads1 110?s data rate, as shown in table 6. dr1 dr0 data rate 0 0 240sps 0 1 60sps 1 0 30sps 1 (1) 1 (1) 15sps (1) (1) default setting. table 6. dr bits bits 1?0: pga bits 1 and 0 control the ADS1110?s gain setting, as shown in table 7. pga1 pga0 gain 0 (1) 0 (1) 1 (1) 0 1 2 1 0 4 1 1 8 (1) default setting. table 7. pga bits
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 12 reading from the ADS1110 to read the output register and the configuration register from the ADS1110, address the ADS1110 for reading, then read three bytes. the first two bytes will be the output register?s contents, and the third will be the configuration register?s contents. it is not required to read the configuration register byte. it is permissible to read fewer than three bytes during a read operation. reading more than three bytes from the ADS1110 has no effect. all bytes following the third will be ff h . it is possible to ignore the st/drdy bit and read data from the ADS1110?s output register at any time, without regard to whether a new conversion is complete. if the output register is read more than once during a conversion cycle, it will return the same data each time. new data will be returned only when the output register has been updated. a timing diagram of a typical ADS1110 read operation is shown in figure 2. writing to the ADS1110 to write to the configuration register, address the ADS1110 for writing, and send one byte. the byte will be written to the configuration register. note that the output register cannot be written to. writing more than one byte to the ADS1110 has no ef fect. the ADS1110 will ignore any bytes sent to it after the first one, and it will only acknowledge the first byte. a timing diagram of a typical ADS1110 write operation is shown in figure 3. figure 2. timing diagram for reading from the ADS1110 figure 3. timing diagram for writing to the ADS1110
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 13 applications information the sections that follow give example circuits and tips for using the ADS1110 in various situations. basic connections for many applications, connecting the ADS1110 is extremely simple. a basic connection diagram for the ADS1110 is shown in figure 4. figure 4. typical connections of the ADS1110 the fully differential voltage input of the ADS1110 is ideal for connection to differential sources with moderately low source impedance, such as bridge sensors and thermistors. although the ADS1110 can read bipolar differential signals, it cannot accept negative voltages on either input. it may be helpful to think of the ADS1110 positive voltage input as non?inverting, and of the negative input as inverting. when the ads11 10 is converting, it draws current in short spikes. the 0.1 f bypass capacitor supplies the momentary bursts of extra current needed from the supply. the ADS1110 interfaces directly to standard mode, fast mode, and high?speed mode i 2 c controllers. any microcontroller?s i 2 c peripheral, including master-only and non-multiple-master i 2 c peripherals, will work with the ADS1110. the ADS1110 does not perform clock-stretching (i.e., it never pulls the clock line low), so it is not necessary to provide for this unless clock-stretching devices are on the same i 2 c bus. pull-up resistors are necessary on both the sda and scl lines because i 2 c bus drivers are open-drain. the size of these resistors depends on the bus operating speed and capacitance of the bus lines. higher-value resistors consume less power, but increase the transition times on the bus, limiting the bus speed. lower-value resistors allow higher speed at the expense of higher power consumption. long bus lines have higher capacitance and require smaller pull-up resistors to compensate. the resistors should not be too small; if they are, the bus drivers may not be able to pull the bus lines low. connecting multiple devices connecting multiple ADS1110s to a single bus is trivial. the ADS1110 is available in eight different versions, each of which has a different i 2 c address. an example showing three ADS1110s connected on a single bus is shown in figure 5. up to eight ADS1110s (provided their addresses are different) can be connected to a single bus. figure 5. connecting multiple ADS1110s note that only one set of pull-up resistors is needed per bus. the pull-up resistor values may need to be lowered slightly to compensate for the additional bus capacitance presented by multiple devices and increased line length.
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 14 figure 6 shows a circuit with several different devices connected to a single i 2 c bus. a texas instruments tmp100 temperature sensor and a texas instruments dac8574 4-channel 16-bit digital-to-analog converter share the bus with two ADS1110s. figure 6. connecting multiple device types the tmp100 and dac8574 devices detect their i 2 c bus addresses based on the states of pins. in the example, the tmp100 has the address 1001011, and the dac8574 has the address 1001100. consult the dac8574 and tmp100 data sheets, located at www.ti.com, for details. using gpio ports for i 2 c most microcontrollers have programmable input/output pins that can be set in software to act as inputs or outputs. if an i 2 c controller is not available, the ADS1110 can be connected to gpio pins and the i 2 c bus protocol simulated, or ?bit-banged?, in software. an example of this for a single ADS1110 is shown in figure 7. figure 7. using gpio with a single ADS1110 bit-banging i 2 c with gpio pins can be done by setting the gpio line to zero and toggling it between input and output modes to apply the proper bus states. to drive the line low, the pin is set to output a zero; to let the line go high, the pin is set to input. when the pin is set to input, the state of the pin can be read; if another device is pulling the line low, this will read as a zero in the port?s input register. note that no pull-up resistor is shown on the scl line. in this simple case, the resistor is not needed; the microcontroller can simply leave the line on output, and set it to one or zero as appropriate. it can do this because the ADS1110 never drives its clock line low. this technique can also be used with multiple devices, and has the advantage of lower current consumption due to the absence of a resistive pull-up. if there are any devices on the bus that may drive their clock lines low, the above method should not be used; the scl line should be high-z or zero and a pull-up resistor provided as usual. note also that this cannot be done on the sda line in any case, because the ADS1110 does drive the sda line low from time to time, as all i 2 c devices do. some microcontrollers have selectable strong pull-up circuits built in to their gpio ports. in some cases, these can be switched on and used in place of an external pull-up resistor. weak pull-ups are also provided on some microcontrollers, but usually these are too weak for i 2 c communication. if there is any doubt about the matter, test the circuit before committing it to production.
ADS1110 sbas276a ? march 2003 ? revised november 2003 www.ti.com 15 single-ended inputs although the ADS1110 has a fully differential input, it can easily measure single-ended signals. a simple single-ended connection scheme is shown in figure 8. the ADS1110 is configured for single-ended measurement by grounding either of its input pins, usually v in? , and applying the input signal to v in+ . the single-ended signal can range from 0v to 2.048v. the ADS1110 loses no linearity anywhere in its input range. negative voltages cannot be applied to this circuit because the ADS1110 inputs can only accept positive voltages. figure 8. measuring single-ended inputs the ADS1110 input range is bipolar differential with respect to the reference, i.e. 2.048v. the single-ended circuit shown in figure 8 covers only half the ADS1110 input scale because it does not produce differentially negative inputs; therefore, one bit of resolution is lost. low-side current monitor figure 9 shows a circuit for a low-side shunt-type current monitor. the circuit reads the voltage across a shunt resistor, which is sized as small as possible while still giving a re adable output voltage. this voltage is amplified by an opa335 low-drift op amp and the result is read by the ADS1110. figure 9. low-side current measurement it is suggested that the ADS1110 be operated at a gain of 8. the gain of the opa335 can then be set lower. for a gain of 8, the op amp should be set up to give a maximum output voltage of no greater than 0.256v. if the shunt resistor is sized to provide a maximum voltage drop of 50mv at full-scale current, the full-scale input to the ADS1110 is 0.2v. advice the ADS1110 is fabricated in a small-geometry low-voltage process. the analog inputs feature protection diodes to the supply rails. however, the current-handling ability of these diodes is limited, and the ADS1110 can be permanently damaged by analog input voltages that remain more than approximately 300mv beyond the rails for extended periods. one way to protect against overvoltage is to place current-limiting resistors on the input lines. the ADS1110 analog inputs can withstand momentary currents of as large as 10ma. the previous paragraph does not apply to the i 2 c ports, which can both be driven to 6v regardless of the supply. if the ADS1110 is driven by an op amp with high-voltage supplies, such as 12v, protection should be provided, even if the op amp is configured so that it does not output out-of-range voltages. many op amps seek to one of the supply rails immediately when power is applied, usually before the input has stabilized; this momentary spike can damage the ADS1110. sometimes this damage is incremental and results in slow, long-term failure?which can be disastrous for permanently installed, low-maintenance systems. if an op amp or other front-end circuitry is used with the ADS1110, its performance characteristics must be taken into account. a chain is only as strong as its weakest link.
package option addendum www.ti.com 24-jan-2013 addendum-page 1 packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) op temp (c) top-side markings (4) samples ADS1110a0idbvr active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed0 ADS1110a0idbvrg4 active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed0 ADS1110a0idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed0 ADS1110a0idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed0 ADS1110a1idbvr active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed1 ADS1110a1idbvrg4 active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed1 ADS1110a1idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed1 ADS1110a1idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed1 ADS1110a2idbvr active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed2 ADS1110a2idbvrg4 active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed2 ADS1110a2idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed2 ADS1110a2idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed2 ADS1110a3idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed3 ADS1110a3idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed3 ADS1110a4idbvr active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed4 ADS1110a4idbvrg4 active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed4 ADS1110a4idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed4
package option addendum www.ti.com 24-jan-2013 addendum-page 2 orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) op temp (c) top-side markings (4) samples ADS1110a4idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed4 ADS1110a5idbvr active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed5 ADS1110a5idbvrg4 active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed5 ADS1110a5idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed5 ADS1110a5idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed5 ADS1110a6idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed6 ADS1110a6idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed6 ADS1110a7idbvr active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed7 ADS1110a7idbvrg4 active sot-23 dbv 6 3000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed7 ADS1110a7idbvt active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed7 ADS1110a7idbvtg4 active sot-23 dbv 6 250 green (rohs & no sb/br) cu nipdau level-1-260c-unlim ed7 (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above.
package option addendum www.ti.com 24-jan-2013 addendum-page 3 green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. (4) only one of markings shown within the brackets will appear on the physical device. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis.
tape and reel information *all dimensions are nominal device package type package drawing pins spq reel diameter (mm) reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p1 (mm) w (mm) pin1 quadrant ADS1110a0idbvr sot-23 dbv 6 3000 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a0idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a1idbvr sot-23 dbv 6 3000 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a1idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a2idbvr sot-23 dbv 6 3000 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a2idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a3idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a4idbvr sot-23 dbv 6 3000 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a4idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a5idbvr sot-23 dbv 6 3000 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a5idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a6idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a7idbvr sot-23 dbv 6 3000 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 ADS1110a7idbvt sot-23 dbv 6 250 178.0 9.0 3.23 3.17 1.37 4.0 8.0 q3 package materials information www.ti.com 26-jan-2013 pack materials-page 1
*all dimensions are nominal device package type package drawing pins spq length (mm) width (mm) height (mm) ADS1110a0idbvr sot-23 dbv 6 3000 180.0 180.0 18.0 ADS1110a0idbvt sot-23 dbv 6 250 180.0 180.0 18.0 ADS1110a1idbvr sot-23 dbv 6 3000 180.0 180.0 18.0 ADS1110a1idbvt sot-23 dbv 6 250 180.0 180.0 18.0 ADS1110a2idbvr sot-23 dbv 6 3000 180.0 180.0 18.0 ADS1110a2idbvt sot-23 dbv 6 250 180.0 180.0 18.0 ADS1110a3idbvt sot-23 dbv 6 250 180.0 180.0 18.0 ADS1110a4idbvr sot-23 dbv 6 3000 180.0 180.0 18.0 ADS1110a4idbvt sot-23 dbv 6 250 180.0 180.0 18.0 ADS1110a5idbvr sot-23 dbv 6 3000 180.0 180.0 18.0 ADS1110a5idbvt sot-23 dbv 6 250 180.0 180.0 18.0 ADS1110a6idbvt sot-23 dbv 6 250 180.0 180.0 18.0 ADS1110a7idbvr sot-23 dbv 6 3000 180.0 180.0 18.0 ADS1110a7idbvt sot-23 dbv 6 250 180.0 180.0 18.0 package materials information www.ti.com 26-jan-2013 pack materials-page 2


important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, enhancements, improvements and other changes to its semiconductor products and services per jesd46, latest issue, and to discontinue any product or service per jesd48, latest issue. buyers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all semiconductor products (also referred to herein as ? components ? ) are sold subject to ti ? s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its components to the specifications applicable at the time of sale, in accordance with the warranty in ti ? s terms and conditions of sale of semiconductor products. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by applicable law, testing of all parameters of each component is not necessarily performed. ti assumes no liability for applications assistance or the design of buyers ? products. buyers are responsible for their products and applications using ti components. to minimize the risks associated with buyers ? products and applications, buyers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right relating to any combination, machine, or process in which ti components or services are used. information published by ti regarding third-party products or services does not constitute a license to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of significant portions of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti components or services with statements different from or beyond the parameters stated by ti for that component or service voids all express and any implied warranties for the associated ti component or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. buyer acknowledges and agrees that it is solely responsible for compliance with all legal, regulatory and safety-related requirements concerning its products, and any use of ti components in its applications, notwithstanding any applications-related information or support that may be provided by ti. buyer represents and agrees that it has all the necessary expertise to create and implement safeguards which anticipate dangerous consequences of failures, monitor failures and their consequences, lessen the likelihood of failures that might cause harm and take appropriate remedial actions. buyer will fully indemnify ti and its representatives against any damages arising out of the use of any ti components in safety-critical applications. in some cases, ti components may be promoted specifically to facilitate safety-related applications. with such components, ti ? s goal is to help enable customers to design and create their own end-product solutions that meet applicable functional safety standards and requirements. nonetheless, such components are subject to these terms. no ti components are authorized for use in fda class iii (or similar life-critical medical equipment) unless authorized officers of the parties have executed a special agreement specifically governing such use. only those ti components which ti has specifically designated as military grade or ? enhanced plastic ? are designed and intended for use in military/aerospace applications or environments. buyer acknowledges and agrees that any military or aerospace use of ti components which have not been so designated is solely at the buyer ' s risk, and that buyer is solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti has specifically designated certain components as meeting iso/ts16949 requirements, mainly for automotive use. in any case of use of non-designated products, ti will not be responsible for any failure to meet iso/ts16949. products applications audio www.ti.com/audio automotive and transportation www.ti.com/automotive amplifiers amplifier.ti.com communications and telecom www.ti.com/communications data converters dataconverter.ti.com computers and peripherals www.ti.com/computers dlp ? products www.dlp.com consumer electronics www.ti.com/consumer-apps dsp dsp.ti.com energy and lighting www.ti.com/energy clocks and timers www.ti.com/clocks industrial www.ti.com/industrial interface interface.ti.com medical www.ti.com/medical logic logic.ti.com security www.ti.com/security power mgmt power.ti.com space, avionics and defense www.ti.com/space-avionics-defense microcontrollers microcontroller.ti.com video and imaging www.ti.com/video rfid www.ti-rfid.com omap applications processors www.ti.com/omap ti e2e community e2e.ti.com wireless connectivity www.ti.com/wirelessconnectivity mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2013, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of ADS1110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X