Part Number Hot Search : 
8051D ANTXV1N WM859407 C18F44 MAX34561 89C516 KMOC30 TVR07220
Product Description
Full Text Search
 

To Download 6020158 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet im05-0b8ns-zt1 imm inductive proximity sensors 38 (1.50) 23 (0.91) 18 (0.71) m5 x 0.5 3 2 1 m8 x 1 bn bk bu + (l+) no - (m) 14 3 a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im05-0b8ns-zt1 | imm inductive proximity sensors illustration may differ ordering information type part no. im05-0b8ns-zt1 6020158 other models and accessories www.sick.com/imm detailed technical data features housing cylindrical thread design housing standard design thread size m5 0.5 diameter ??5?mm sensing range s n 0.8?mm safe sensing range s a 0.648?mm installation type flush switching frequency 5,000?hz connection type connector m8, 3-pin switching output npn output function no electrical wiring dc 3-wire enclosure rating ip67? 1) 1) ?according to en?60529. mechanics/electronics supply voltage 10?v?dc?... 30?v?dc ripple ?20?%? 1) voltage drop ?2?v? 2) current consumption ?10?ma? 3) time delay before availability ?10?ms hysteresis 1?%?... 10?% reproducibility ?1.5?%? 4) temperature drift (of s r ) ?10?% 1) ?of v s . 2) ?with ia?= 200?ma. 3) ?without load. 4) ?ub?= 20?v?dc?... 30?v?dc, ta?= 23?c 5?c. 2 proximity sensors | sick online data sheet | 2018-06-11 10:11:13 subject to change without notice 38 (1.50) 23 (0.91) 18 (0.71) m5 x 0.5 3 2 1 m8 x 1 bn bk bu + (l+) no - (m) 14 3 a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im05-0b8ns-zt1 | imm inductive proximity sensors emc en?60947-5-2 iec?61000-4-2: (testlevel 2) iec?61000-4-4: (testlevel 2) short-circuit protection ? reverse polarity protection ? shock and vibration resistance 30?g, 11?ms?/?10?... 55?hz, 1?mm ambient operating temperature C25?c?... +70?c housing material stainless steel, stainless steel (v2a, 304) sensing face material plastic, plastic housing length 38?mm thread length 22?mm tightening torque, max. 1.5?nm ul file no. nrkh.e191603 1) ?of v s . 2) ?with ia?= 200?ma. 3) ?without load. 4) ?ub?= 20?v?dc?... 30?v?dc, ta?= 23?c 5?c. reduction factors note the values are reference values which may vary stainless steel (v2a, 304) approx.?0.8 aluminum (al) approx.?0.5 copper (cu) approx.?0.45 brass (br) approx.?0.55 installation note remark associated graphic see "installation" a 0.8?mm b 0?mm c 5?mm d 2.4?mm e 0?mm f 7?mm classifications ecl@ss 5.0 27270101 ecl@ss 5.1.4 27270101 ecl@ss 6.0 27270101 ecl@ss 6.2 27270101 ecl@ss 7.0 27270101 ecl@ss 8.0 27270101 ecl@ss 8.1 27270101 ecl@ss 9.0 27270101 etim 5.0 ec002714 etim 6.0 ec002714 2018-06-11 10:11:13 | online data sheet subject to change without notice proximity sensors | sick 3 38 (1.50) 23 (0.91) 18 (0.71) m5 x 0.5 3 2 1 m8 x 1 bn bk bu + (l+) no - (m) 14 3 a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im05-0b8ns-zt1 | imm inductive proximity sensors unspsc 16.0901 39122230 installation note quasi-flush installation connection diagram cd-002 dimensional drawing (dimensions in mm (inch)) standard-body, flush, connector ??connection ??indication led ??fastening nuts (2?x); 7?mm hex, stainless steel 4 proximity sensors | sick online data sheet | 2018-06-11 10:11:13 subject to change without notice 38 (1.50) 23 (0.91) 18 (0.71) m5 x 0.5 3 2 1 m8 x 1 bn bk bu + (l+) no - (m) 14 3 a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
im05-0b8ns-zt1 | imm inductive proximity sensors recommended accessories other models and accessories www.sick.com/imm brief description type part no. plug connectors and cables head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 2?m yf8u13-020va1xleax 2095860 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 5?m yf8u13-050va1xleax 2095884 head a: female connector, m8, 3-pin, straight, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 10?m yf8u13-100va1xleax 2095885 head a: female connector, m8, 3-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 2?m yg8u13-020va1xleax 2096165 head a: female connector, m8, 3-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 5?m yg8u13-050va1xleax 2096166 head a: female connector, m8, 3-pin, angled, a-coded head b: flying leads cable: sensor/actuator cable, pvc, unshielded, 10?m yg8u13-100va1xleax 2096209 head a: female connector, m8, 3-pin, straight, a-coded head b: male connector, m12, 3-pin, straight, a-coded cable: sensor/actuator cable, pvc, unshielded, 2?m yf8u13-020va1m2a13 2096605 head a: female connector, m8, 3-pin, straight, a-coded head b: male connector, m12, 3-pin, straight, a-coded cable: sensor/actuator cable, pvc, unshielded, 5?m yf8u13-050va1m2a13 2096606 head a: female connector, m8, 3-pin, straight head b: - cable: unshielded dos-0803-g 7902077 head a: female connector, m8, 3-pin, angled head b: - cable: unshielded dos-0803-w 7902078 head a: male connector, m8, 3-pin, straight head b: - cable: unshielded ste-0803-g 6037322 2018-06-11 10:11:13 | online data sheet subject to change without notice proximity sensors | sick 5 38 (1.50) 23 (0.91) 18 (0.71) m5 x 0.5 3 2 1 m8 x 1 bn bk bu + (l+) no - (m) 14 3 a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
38 (1.50) 23 (0.91) 18 (0.71) m5 x 0.5 3 2 1 m8 x 1 bn bk bu + (l+) no - (m) 14 3 a a c b d e f online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of 6020158

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X