Part Number Hot Search : 
PCF85 RX301 STK3042 90BAI BR358L C0411 DBB0410 S2305
Product Description
Full Text Search
 

To Download 5N40G-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 5n40 power mosfet www.unisonic.com.tw 1 of 6 copyright ? 2014 unisonic technologies co., ltd qw-r502-571.c 5a, 400v n-channel power mosfet ? description the utc 5n40 is an n-channel mode power mosfet using utc? s advanced technology to provide customers with planar stripe and dmos technology. this technology specializes in allowing a minimum on-state resistance and supe rior switching performance. it also can withstand high energy pulse in the avalanche and commutation mode. the utc 5n40 is universally applied in electronic lamp ballast based on half bridge topology and high efficient switched mode power supply. ? features * r ds(on) <1.2 ? @ v gs =10v * high switching speed * 100% avalanche tested ? symbol to-220 1 1 to-252 1 to-220f1 ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 5n40l-ta3-t 5N40G-TA3-T to-220 g d s tube 5n40l-tf1-t 5n40g-tf1-t to-220f1 g d s tube 5n40l-tn3-r 5n40g-tn3-r to-252 g d s tape reel note: pin assignment: g: gate d: drain s: source 5n40l-ta3-t (1)packing type (2)package type (3)lead free (1) t: tube, r: tape reel (2) ta3: to-220, tf1: to-220f1, tn3: to-252 (3) l: lead free, g: halogen free ? marking
5n40 power mosfet unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r502-571.c ? absolute maximum ratings (t c =25c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 400 v gate-source voltage v gss 30 v drain current continuous (t c =25c) i d 5 a pulsed (note 2) i dm 20 a avalanche current (note 2) i ar 5 a avalanche energy single pulsed (note 3) e as 300 mj repetitive (note 2) e ar 7.3 mj peak diode recovery dv/dt (note 4) dv/dt 4.5 v/ns power dissipation to-220 p d 69 w to-220f1 38 w to-252 54 w junction temperature t j +150 c storage temperature t stg -55~+150 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. repetitive rating: pulse width limit ed by maximum junction temperature 3. l = 21.5mh, i as = 5a, v dd = 50v, r g = 25 ? , starting t j = 25c 4. i sd 5a, di/dt 200a/s, v dd bv dss , starting t j = 25c ? thermal data parameter symbol ratings unit junction to ambien to-220/to-220f1 ja 62.5 c/w to-252 110 junction to case to-220 jc 1.8 c/w to-220f1 3.25 to-252 2.13
5n40 power mosfet unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r502-571.c ? electrical characteristics (t c =25c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss i d =250a, v gs =0v 400 v breakdown voltage temperature coefficient bv dss /t j reference to 25c, i d =250a 0.4 v/c drain-source leakage current i dss v ds =400v, v gs =0v 1 a gate- source leakage current forward i gss v gs =+30v, v ds =0v +100 na reverse v gs =-30v, v ds =0v -100 na on characteristics gate threshold voltage v gs ( th ) v ds =v gs , i d =250a 2.0 4.0 v static drain-source on-state resistance r ds ( on ) v gs =10v, i d =2.5a 0.96 1.2 ? dynamic parameters input capacitance c iss v gs =0v, v ds =25v, f=1.0mhz 480 625 pf output capacitance c oss 80 105 pf reverse transfer capacitance c rss 15 20 pf switching parameters total gate charge q g v gs =10v, v ds =320v, i d =5a (note 1, 2) 18 24 nc gate to source charge q gs 2.2 nc gate to drain charge q gd 9.7 nc turn-on delay time t d ( on ) v dd =200v, i d =5a, r g =25 ? (note 1, 2) 12 35 ns rise time t r 46 100 ns turn-off delay time t d ( off ) 50 110 ns fall-time t f 48 105 ns source- drain diode ratings and characteristics maximum body-diode continuous current i s 5 a maximum body-diode pulsed current i sm 20 a drain-source diode forward voltage v sd i s =5a, v gs =0v 1.4 v body diode reverse recovery time t r r i s =5a, v gs =0v, di f /dt=100a/s (note 1) 263 ns body diode reverse recovery charge q rr 1.9 c notes: 1. pulse test: pulse width 300s, duty cycle 2% 2. essentially independent of operating temperature
5n40 power mosfet unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r502-571.c ? test circuits and waveforms same type as d.u.t. l v dd driver v gs r g - v ds d.u.t. + * dv/dt controlled by r g * i sd controlled by pulse period * d.u.t.-device under test - + peak diode recovery dv/dt test circuit p. w. period d= v gs (driver) i sd (d.u.t.) i fm , body diode forward current di/dt i rm body diode reverse current body diode recovery dv/dt body diode forward voltage drop v dd 10v v ds (d.u.t.) v gs = p.w. period peak diode recovery dv/dt waveforms
5n40 power mosfet unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r502-571.c ? test circuits and waveforms (cont.) v ds 90% 10% v gs t d(on) t r t d(off) t f switching test circuit switching waveforms 10v charge q gs q gd q g v gs gate charge test circuit gate charge waveform v dd t p time bv dss i as i d(t) v ds(t) unclamped inductive switching test circuit unclamped inductive switching waveforms
5n40 power mosfet unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r502-571.c ? typical characteristics drain current, i d (a) drain current, i d (a) drain current, i d (a) drain current, i d (a) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 5N40G-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X