Part Number Hot Search : 
RN296 CS128 11803 FT441 6204D47B AT28C MAX478 500000
Product Description
Full Text Search
 

To Download 1N4937G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4933g - 1N4937G glass passivated junction fast recovery rectifiers prv : 50 - 600 volts io : 1.0 amperes features : * glass passivated chip * high current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency mechanical data : * case : do-41 molded plastic * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 0.34 gram maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol 1n4933g 1n4934g 1n4935g 1n4936g 1N4937G unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 v maximum rms voltage v rms 35 70 140 280 420 v maximum dc blocking voltage v dc 50 100 200 400 600 v maximum average forward current 0.375"(9.5mm) lead length ta = 50 c peak forward surge current, 8.3ms single half sine wave superimposed on rated load (jedec method) maximum peak forward voltage at i f = 1.0 a v f 1.2 v maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 100 c i r(h) 100 m a maximum reverse recovery time ( note 1 ) trr 150 ns typical junction capacitance ( note 2 ) c j 15 pf junction temperature range t j - 65 to + 150 c storage temperature range t stg - 65 to + 150 c notes : ( 1 ) reverse recovery test conditions : i f = 0.5 a, i r = 1.0 a, irr = 0.25 a. ( 2 ) measured at 1.0 mhz and applied reverse voltage of 4.0 v dc page 1 of 2 rev. 01 : april 17, 2002 a a rating i f(av) i fsm 1.0 30 do - 41 dimensions in inches and ( millimeters ) 1.00 (25.4) min. 0.107 (2.7) 0.080 (2.0) 0.205 (5.2) 0.166 (4.2) 1.00 (25.4) min. 0.034 (0.86) 0.028 (0.71)
rating and characteristic curves ( 1n4933g - 1N4937G ) fig.1 - reverse recovery time characteristic and test circuit diagram + notes : 1. rise time = 7 ns max., input impedance = 1 megaohm, 22 pf. 2. rise time = 10 ns max., source impedance = 50 ohms. 3. all resistors = non-inductive types. fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts page 2 of 2 rev. 01 : april 2, 2002 60hz resistive or inductive load 0.8 0.6 0.4 0.2 1.0 20 10 1.0 24 0 30 0 18 12 6 0.1 10 80 0.01 0.01 1.0 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c t j = 25 c pulse width = 300 m s 2% duty cycle 8.3 ms single half sine wave ta = 50 c set time base for 50-100 ns/cm trr + 0.5 0 - 0.25 - 1.0 a 1 50 vdc (approx.) oscilloscope ( note 1 ) 1 w 50 w 10 w d.u.t. pulse generator ( note 2 )


▲Up To Search▲   

 
Price & Availability of 1N4937G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X