|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
usa/canada: toll free: europe : (315) 432-8909 (800) 411-6596 +44 2392-232392 model 110210 power detectors outline drawing applications_____________ ? rf power monitor ? output load return loss features________________ ? military grade ? 0.8 ? 2.5 ghz ? low insertion loss ? low vswr ? -40c to +85c operation ? 140 watts ? 12 bit serial word outputs (2) ? n type connectors w/ flexible cables ? rugged aluminum housing notes : electrical and mechanical specifications subject to change without notice ew products power detectors photo shown may not be current; contact anaren for the latest available image.
usa/canada: toll free: europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 parameter specification comments frequency 800 ? 2500 mhz return loss 20db min insertion loss 0.4db max nominal 0.28db (wc) at room temp. +15 to +51.5 dbm forward power detection operational power +30 to +51.5 dbm vswr detection power detection accuracy 1.5db over all frequencies, temps and units coupler directivity 18db min. timing 500ns rf present at j1 to read delay power handling 140w max into infinite vswr load - +85 c baseplate dc power required +5v @ 75ma max. logic interface 12 bit serial word for forward and reverse power user must supply clock and chip select operational temperature -40 c to +85 c * all parameters based on 50 ohm source and load impedances specifications ew products power detectors model 110210 |
Price & Availability of 110210 |