abspulrichtung - reel off direction anforderungsstufe 1 performance level 1 kontaktbereich vergoldet mating area gold plating anschlussbereich verzinnt 4-6 m terminal area 4-6 m tin plating koplanarit?t der anschlsse 0,1 mm coplanarity area of termination 0,1 mm 330 verpackt in gurtverpackung tape on reel packaging verpackungseinheit: 420 stck packaging unit: 420 pcs 0,8 4,6 5,85 1,5 6,3 3,675 ansaughaube hood 8,95 11 12,15 0,6 6,95 0,5 0,65 4,8 12,15 index mspeed copyright by erni gmbh contact one of the erni companies proprietary notice pursuant to iso 16016 to be obse rved. a3 class k male con. smd, powerm. 1mm messerleiste smd, powerm. 1mm 100802650001 5:1 i 05.09.2012 www.erni.com before using. version of this drawing, please drawing will not be updated. designation in mm all dimensions scale tolerances information: all rights reserved. only for information. to ensure that this is the latest subject to modification without prior notice. date leiterplatten-layout vorschlag / drill tool 1) pcb-layout proposal 1) durchmesser des bohrers / 1) 0,65 0,8 0,03 3 9 3 x 3 = 8 4 x 2 = 11 4,45 2 0,75 0,85 0,8 0,03 0,9 2,6 1,5 0,7 0,03 0,85 a1 16 32 32 without hood ohne angsaughaube a1 a5 8 4 x 2 = 2
|