Part Number Hot Search : 
KA3021D 07A045 OP28204 2SD11 0232025 ELT3082 STK7404 ON2398
Product Description
Full Text Search
 

To Download 0740268114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 09/10/2018 please check www.molex.com for latest part information part number: 0740268114 status: active overview: vhdm backplane connector systems description: vhdm board-to-board daughtercard receptacle, 2.00mm pitch, right-angle, 8 rows, 3 blade power module, 3 circuits, mating blade length: 7.50mm blade 1, 7.50mm blade 2, 12.00mm blade 3 documents: 3d model packaging specification pk-70873-201 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family backplane connectors series 74026 application daughtercard application tooling documents tm-622010999 comments daughtercard receptacle module, power, 3-blade component type power receptacle overview vhdm backplane connector systems product name vhdm upc 800756568348 physical circuits (loaded) 3 circuits (maximum) 3 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination gold, tin-lead material - resin high temperature thermoplastic number of columns n/a number of pairs open pin field number of rows 8 orientation right angle pc tail length 2.80mm pcb locator no pcb retention none pcb thickness - recommended 1.80mm packaging type tube pitch - mating interface 2.00mm plating min - mating 0.762m plating min - termination 0.889m polarized to pcb yes surface mount compatible (smc) yes temperature range - operating -55 to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 10.0a data rate 2.5 gbps real signals (per 25mm) 100 voltage - maximum 250v series image - reference only eu elv not reviewed eu rohs china rohs not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not reviewed elv not reviewed rohs phthalates not reviewed search parts in this series 74026 series mates with 74029 vhdm board-to-board backplane receptacle power module
material info reference - drawing numbers packaging specification pk-70873-201 sales drawing sd-74026-002 this document was generated on 09/10/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0740268114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X