Part Number Hot Search : 
SP6132CU MMST5401 LTM8032 LTC34 512K3 SSM3K14T U63716DC HB170
Product Description
Full Text Search
 

To Download 0740266240 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 10/08/2018 please check www.molex.com for latest part information part number: 0740266240 status: active overview: vhdm backplane connector systems description: vhdm board-to-board daughtercard receptacle, 2.00mm pitch, right-angle, 6 rows, 2 blade power module, 1 circuit, mating blade length: 9.00mm blade 1, 12.00mm blade 2 documents: 3d model packaging specification pk-70873-200 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family backplane connectors series 74026 application daughtercard application tooling documents tm-622010999 comments daughtercard receptacle module, power, 2-blade component type power receptacle overview vhdm backplane connector systems product name vhdm upc 800755837384 physical circuits (loaded) 1 circuits (maximum) 2 color - resin black durability (mating cycles max) 200 first mate / last break no guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic net weight 2.155/g number of columns n/a number of pairs open pin field number of rows 6 orientation right angle pc tail length 2.80mm pcb locator no pcb retention none pcb thickness - recommended 1.80mm packaging type tube pitch - mating interface 2.00mm plating min - mating 0.762m plating min - termination 0.889m polarized to pcb yes surface mount compatible (smc) yes temperature range - operating -55 to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 10.0a data rate 2.5 gbps real signals (per 25mm) 72 voltage - maximum 250v series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/61/2018 (27 june 2018) halogen-free status low-halogen for more information, please visit contact us china rohs green image elv not relevant rohs phthalates not contained search parts in this series 74026 series mates with 74029 vhdm board-to-board backplane receptacle power module
solder process data lead-freeprocess capability n/a material info reference - drawing numbers packaging specification pk-70873-200 sales drawing sd-74026-001 this document was generated on 10/08/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0740266240

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X