Part Number Hot Search : 
MG80C 4066B LR48252 SP6338 MS78L 70M25V4 MG80C MG80C
Product Description
Full Text Search
 

To Download 0430201010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/29/2018 please check www.molex.com for latest part information part number: 0430201010 status: active overview: micro-fit 3.0 connector system product family description: micro-fit 3.0 plug housing, dual row, 10 circuits, ul 94v-2, panel mount ears, glow wire capable, black documents: drawing (pdf) product specification ts-46235-001-001 (pdf) 3d model packaging specification pk-43020-001-001 (pdf) product specification ps-43045 (pdf) rohs certificate of compliance (pdf) product specification ts-43045-001-001 (pdf) product literature (pdf) agency certification csa lr19980 general product family crimp housings series 43020 application power, wire-to-wire comments this molex product is manufactured from material that has the following ratings, tested by independent agencies:
a) a glow wire ignition temperature (gwit) of at least 775 deg c per iec 60695-2-13.
b) a glow wire flammability index (gwfi) above 850 deg c per iec 60695-2-12 and hence complies with the requirements set out in the international standard iec 60335-1 5th edition - household and similar electrical appliances - safety, section 30 resistance to heat and fire.
the customers using this product must determine its suitability for use in their particular application through testing or other acceptable means as described in end-product glow-wire flammability test standard iec 60695-2-11 and any applicable product end-use standard(s).
if it is determined during the customer's evaluation of suitability, that higher performance is required, please contact molex for possible product options. overview micro-fit 3.0 connector system product family product literature order no 987650-5984 product name micro-fit 3.0 upc 889056704793 physical circuits (maximum) 10 color - resin black flammability 94v-0 gender plug glow-wire capable yes keying to mating part none lock to mating part yes material - resin nylon net weight 1.270/g number of rows 2 packaging type bag panel mount yes pitch - mating interface 3.00mm pitch - termination interface 3.00mm series image - reference only eu elv not reviewed eu rohs china rohs not reviewed reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs not reviewed elv not reviewed rohs phthalates not reviewed search parts in this series 43020 series mates with micro-fit 3.0 receptacle housings 43025
micro-fit 3.0 cable assembly 245132 use with micro-fit 3.0 male crimp terminals 43031
polarized to mating part yes stackable no temperature range - operating -40c to +105c material info reference - drawing numbers packaging specification pk-43020-001-001 product specification ps-43045, ts-43045-001-001, ts-46235-001-001 sales drawing sd-43020-002 this document was generated on 05/29/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0430201010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X