Part Number Hot Search : 
2SC1683 MMSZ47 12SPR05 MIC1832 LBT07061 C2004 PIC18 TY26MX
Product Description
Full Text Search
 

To Download 0014441208-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 09/10/2018 please check www.molex.com for latest part information part number: 0014441208 status: active overview: sl modular connectors description: 2.54mm pitch sl insulation displacement connector assembly, male, single row, version d, back ribs, for wire size 24 awg, 0.38m gold (au), 8 circuits documents: 3d model packaging specification pk-70873-0001-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-70400-001 (pdf) agency certification csa lr19980 ul e29179 general product family ribbon cable / wire trap connectors series 70475 comments terminals preloaded component type housing glow-wire capable no overview sl modular connectors product name sl upc 800753605725 physical circuits (loaded) 8 circuits (maximum) 8 color - resin black durability (mating cycles max) 50 entry angle vertical flammability 94v-0 lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester alloy net weight 1.548/g number of rows 1 pcb retention none packaging type tube pitch - mating interface 2.54mm polarized to mating part no stackable yes surface mount compatible (smc) n/a temperature range - operating -40 to +105c termination interface: style idt or pierce wire insulation diameter 1.35mm max. wire size awg 24 wire/cable type discrete wire, ribbon cable electrical current - maximum per contact 3.0a voltage - maximum 250v material info engineering number a-70475-0602 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/61/2018 (27 june 2018) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant prop65 compliant rohs phthalates not contained search parts in this series 70475 series mates with 70004 interim clip (single row), 70013 interim clip (dual row) use with 7307 tinned 28awg, 7767 topcoat 28awg, 24241 tinned 26awg, 8996 topcoat 26awg, 24226 tinned 24awg, 8997 topcoat 24awg, 24369 high flex 26awg, 24389 high flex 24awg
reference - drawing numbers packaging specification pk-70873-0001-001 product specification ps-70400-001 sales drawing sd-70475-0***, sda-70475-0596-0619 this document was generated on 09/10/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0014441208-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X