Part Number Hot Search : 
T6200715 KBU800G 09105 M1041 90FEB F4010 NJU7017 90FEB
Product Description
Full Text Search
 

To Download TTA1943 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description ? with to-3pl package ? complement to type ttc5200 applications ? power amplifier applications ? recommended for 100w high fidelity audio frequency amplifier output stage pinning pin description 1 emitter 2 collector;connected to mounting base absolute maximum ratings( t a=2 5 ?? ) symbol parameter conditions max unit v cbo collector-base voltage open emitter -230 v v ceo collector-emitter voltage open base -230 v v ebo emitter-base voltage open collector -5 v i c collector current -15 a i b base current -1.5 a p c collector power dissipation t c =25 ?? 150 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pl) and symbol pb free plating product TTA1943 150 watt silicon epitaxial planar pnp power transistors pb b c e 3 base base collector emitter TTA1943 ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 1/2 rev.08c
characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma ;i b =0 -230 v v cesat collector-emitter saturation voltage i c =-8a i b =-0.8a -3.0 v v be base-emitter voltage i c =-7a ; v ce =-5v -1.5 v i cbo collector cut-off current v cb =-230v; i e =0 -5 | a i ebo emitter cut-off current v eb =-5v; i c =0 -5 | a h fe-1 dc current gain i c =-1a ; v ce =-5v 55 160 h fe-2 dc current gain i c =-7a ; v ce =-5v 35 f t transition frequency i c =-1a ; v ce =-5v 30 mhz c ob collector output capacitance f=1mhz;v cb =-10v 360 pf ? h fe-1 classifications r o 55-110 80-160 style 2: pin 1. base 2. collector 3. emitter dim a min max min max inches 28.0 29.0 1.102 1.142 millimeters b 19.3 20.3 0.760 0.800 c 4.7 5.3 0.185 0.209 d 0.93 1.48 0.037 0.058 e 1.9 2.1 0.075 0.083 f 2.2 2.4 0.087 0.102 g 5.45 bsc 0.215 bsc h 2.6 3.0 0.102 0.118 j 0.43 0.78 0.017 0.031 k 17.6 18.8 0.693 0.740 l 11.2 ref 0.411 ref n 4.35 ref 0.172 ref p 2.2 2.6 0.087 0.102 q 3.1 3.5 0.122 0.137 r 2.25 ref 0.089 ref u 6.3 ref 0.248 ref w 2.8 3.2 0.110 0.125 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 0.25 (0.010) m tb m j r h n u l p a k c e f d g w 2 pl 3 pl 0.25 (0.010) m tb s 123 ?b? ?t? q mechanical dimensions to-3pl TTA1943 ? 2006 thinki semiconductor co., ltd. http://www.thinkisemi.com/ page 2/2 rev.08c


▲Up To Search▲   

 
Price & Availability of TTA1943

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X