Part Number Hot Search : 
PG3202 C40H0 D1157 DTC114EK STP5N MC908 A6810EA DMSB15D
Product Description
Full Text Search
 

To Download SXR330M100ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type sxr is a radial leaded aluminum electrolytic capacitor with a +105 oc, 2000 to 5000 hours long life ratings. the low esr and high ripple current ratings make it ideal for output fltering applications in switching power supplies. highlights - +105 oc - 2000 to 5000 hours - long life - low esr - high ripple current - available in t & r and ammo pack specifcations temperature range C40 oc to +105 oc rated voltage range 6.3 to 100 vdc capacitance range 22 to 15,000 f capacitance tolerance 20% dc leakage current i .01cv or 3 a after 2 minutes @ +20 oc, whichever is greater c = capacitance in (f) v = rated voltage i = leakage current in a ripple current multipliers dissipation factor @ 120 hz, +25 oc for capacitors whose capacitance value exceeds 1000 f, the value of df (%) is increased 2% for every additional 1000 f load life test apply wvdc for: capacitance change within 25% of initial value dc leakage current meets initial limits df 200% of initial limit shelf life 1000 hrs with no voltage applied at +105 oc cap change within 25% of initial values df 200% of initial limit dc leakage current meets initial limits rohs compliant type sxr 105 oc long life aluminum electrolytic capacitors low esr, high ripple, radial leaded aluminum electrolytic capacitors wv (v) 6.3 10 16 25 35 50 63 100 df(%) 22 19 16 14 12 10 9 8 rated ripple multipliers wvdc 60hz 120hz 400 hz 1 khz 10 khz 100 khz 10 - 16 0.45 0.60 0.83 0.94 0.98 1.00 25 - 35 0.38 0.50 0.75 0.90 0.97 1.00 50 - 100 0.36 0.46 0.70 0.88 0.94 1.00 temperature (oc) +65 +75 +85 +95 +105 multiplier 2.12 1.92 1.69 1.50 1.00 case dia. lifetime (hours) 6.3 mm 2000 8.0 mm 3000 10.0 mm 4000 13.0 mm 5000 cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830
outline drawing part numbering system type sxr 105 oc long life aluminum electrolytic capacitors low esr, high ripple, radial leaded aluminum electrolytic capacitors sxr 101 m 100 s t capacitance rated lead type capacitance tolerance voltage packaging confguration sxr (f) (%) (vdc) a = tape & ammo 1 = lead cut 1r0 = 1 k = 10 6r3 = 6.3 e = diferent characteristic 2 = lead form 100 = 10 m = 20 010 = 10 r = tape & reel 4 = lead crimp & cut (form) 101 = 100 100 = 100 s = standard 102 = 1000 vinyl sleeve adds .5 max. to diameter and 2.0 max. to length case vented on diameters 6.3 and greater l s 0.5 15 min. d 5 + pvc sleeve d 0.05 + - outline dimensions (millimeters) max esr max ripple catalog 100 khz 100 khz size in. (mm) cap part number 25 oc 105 oc diameter length lead space lead dia. (f) () (ma) (d) (l) (s) (d) 6.3 vdc (8 volts surge) 120 sxr121m6r3st 2.43 154 .197 (5.0) .433 (11.0) .079 (2.0) .0197 (0.5) 150 sxr151m6r3st 1.95 210 .236 (6.0) .433 (11.0) .098 (2.5) .0197 (0.5) 220 sxr221m6r3st 1.33 260 .315 (8.0) .433 (11.0) .138 (3.5) .0236 (0.6) 330 sxr331m6r3st 0.88 350 .315 (8.0) .433 (11.0) .138 (3.5) .0236 (0.6) 470 sxr471m6r3st 0.62 510 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 680 sxr681m6r3st 0.43 635 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 820 sxr821m6r3st 0.36 650 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 1000 sxr102m6r3st 0.29 860 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 1200 sxr122m6r3st 0.24 860 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 1500 sxr152m6r3st 0.20 1030 .394 (10.0) .984 (25.0) .197 (5.0) .0236 (0.6) 3300 sxr332m6r3st 0.10 1280 .472 (12.0) 1.38 (35.0) .197 (5.0) .0236 (0.6) 4700 sxr472m6r3st 0.08 1770 .472 (12.0) 1.38 (35.0) .197 (5.0) .0236 (0.6) 6800 sxr682m6r3st 0.07 1810 .630 (16.0) 1.26 (32.0) .295 (7.5) .0315 (0.8) 8200 sxr822m6r3st 0.06 2030 .630 (16.0) 1.40 (36.0) .295 (7.5) .0315 (0.8) 10000 sxr103m6r3st 0.05 2320 .630 (16.0) 1.57 (40.0) .295 (7.5) .0315 (0.8) 15000 sxr153m6r3st 0.04 2460 .709 (18.0) 1.57 (40.0) .295 (7.5) .0315 (0.8) ratings cde cornell dubilier 1605 e. rodney french blvd. new bedford, ma 02744 phone: (508)996-8561 fax: (508)996-3830
type sxr 105 oc long life aluminum electrolytic capacitors low esr, high ripple, radial leaded aluminum electrolytic capacitors cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 max esr max ripple catalog 100 khz 100 khz size in. (mm) cap part number 25 oc 105 oc diameter length lead space lead dia. (f) () (ma) (d) (l) (s) (d) 10 vdc (13 volts surge) 100 sxr101m010st 2.52 180 .236 (6.0) .433 (11.0) .098 (2.5) .0197 (0.5) 120 sxr121m010st 2.10 210 .236 (6.0) .433 (11.0) .098 (2.5) .0197 (0.5) 150 sxr151m010st 1.68 240 .236 (6.0) .433 (11.0) .098 (2.5) .0197 (0.5) 220 sxr221m010st 1.15 300 .315 (8.0) .433 (11.0) .138 (3.5) .0236 (0.6) 330 sxr331m010st 0.76 400 .315 (8.0) .472 (12.0) .138 (3.5) .0236 (0.6) 470 sxr471m010st 0.54 500 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 680 sxr681m010st 0.37 650 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 820 sxr821m010st 0.31 860 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 1000 sxr102m010st 0.25 970 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 1200 sxr122m010st 0.21 1030 .394 (10.0) .984 (25.0) .197 (5.0) .0236 (0.6) 1500 sxr152m010st 0.18 1150 .394 (10.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 2200 sxr222m010st 0.13 1320 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 3300 sxr332m010st 0.09 1770 .512 (13.0) 1.42 (36.0) .197 (5.0) .0236 (0.6) 4700 sxr472m010st 0.08 1810 .630 (16.0) 1.26 (32.0) .295 (7.5) .0315 (0.8) 6800 sxr682m010st 0.06 2030 .630 (16.0) 1.42 (36.0) .295 (7.5) .0315 (0.8) 10000 sxr103m010st 0.05 2460 .709 (18.0) 1.57 (40.0) .295 (7.5) .0315 (0.8) 16 vdc (20 volts surge) 100 sxr101m016st 2.12 230 .315 (8.0) .630 (16.0) .138 (3.5) .0197 (0.5) 120 sxr121m016st 1.77 260 .315 (8.0) .433 (11.0) .138 (3.5) .0236 (0.6) 150 sxr151m016st 1.42 300 .315 (8.0) .433 (11.0) .138 (3.5) .0236 (0.6) 220 sxr221m016st 0.97 400 .315 (8.0) .433 (11.0) .138 (3.5) .0236 (0.6) 330 sxr331m016st 0.64 500 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 470 sxr471m016st 0.45 650 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 680 sxr681m016st 0.31 860 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 820 sxr821m016st 0.26 1030 .394 (10.0) .984 (25.0) .197 (5.0) .0236 (0.6) 1000 sxr102m016st 0.21 1150 .394 (10.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 1200 sxr122m016st 0.18 1120 .472 (12.0) .984 (25.0) .197 (5.0) .0236 (0.6) 1500 sxr152m016st 0.15 1320 .472 (12.0) .984 (25.0) .197 (5.0) .0236 (0.6) 2200 sxr222m016st 0.11 1540 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 3300 sxr332m016st 0.08 1980 .472 (12.0) 1.57 (40.0) .197 (5.0) .0236 (0.6) 4700 sxr472m016st 0.07 2030 .630 (16.0) 1.42 (36.0) .295 (7.5) .0315 (0.8) 6800 sxr682m016st 0.05 2240 .709 (18.0) 1.42 (36.0) .295 (7.5) .0315 (0.8) 8200 sxr822m016st 0.05 2460 .709 (18.0) 1.57 (40.0) .295 (7.5) .0315 (0.8) 25 vdc (32 volts surge) 100 sxr101m025st 1.86 300 .315 (8.0) .630 (16.0) .138 (3.5) .0197 (0.5) 120 sxr121m025st 1.55 350 .315 (8.0) .433 (11.0) .138 (3.5) .0236 (0.6) 150 sxr151m025st 1.24 400 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 220 sxr221m025st 0.84 500 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 330 sxr331m025st 0.56 650 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 470 sxr471m025st 0.40 860 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 680 sxr681m025st 0.27 1150 .394 (10.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 820 sxr821m025st 0.23 1120 .472 (12.0) .984 (25.0) .197 (5.0) .0236 (0.6) 1000 sxr102m025st 0.19 1320 .472 (12.0) .984 (25.0) .197 (5.0) .0236 (0.6) 1200 sxr122m025st 0.15 1400 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 1500 sxr152m025st 0.13 1540 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 2200 sxr222m025st 0.10 1980 .472 (12.0) 1.57 (40.0) .197 (5.0) .0236 (0.6) 3300 sxr332m025st 0.07 2030 .630 (16.0) 1.42 (36.0) .295 (7.5) .0315 (0.8) 4700 sxr472m025st 0.06 2460 .709 (18.0) 1.57 (40.0) .295 (7.5) .0315 (0.8)
type sxr 105 oc long life aluminum electrolytic capacitors low esr, high ripple, radial leaded aluminum electrolytic capacitors cde cornell dubilier ? 1605 e. rodney french blvd. ? new bedford, ma 02744 ? phone: (508)996-8561 ? fax: (508)996-3830 max esr max ripple catalog 100 khz 100 khz size in. (mm) cap part number 25 oc 105 oc diameter length lead space lead dia. (f) () (ma) (d) (l) (s) (d) 35 vdc (44 volts surge) 100 sxr101m035st 1.59 400 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 120 sxr121m035st 1.33 510 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 150 sxr151m035st 1.06 550 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 220 sxr221m035st 0.72 650 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 330 sxr331m035st 0.48 860 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 470 sxr471m035st 0.34 1150 .394 (10.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 680 sxr681m035st 0.23 1320 .472 (12.0) .984 (25.0) .197 (5.0) .0236 (0.6) 820 sxr821m035st 0.19 1400 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 1000 sxr102m035st 0.16 1540 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 1200 sxr122m035st 0.13 1770 .472 (12.0) 1.38 (35.0) .197 (5.0) .0236 (0.6) 1500 sxr152m035st 0.12 1980 .472 (12.0) 1.57 (40.0) .197 (5.0) .0236 (0.6) 2200 sxr222m035st 0.08 2030 .630 (16.0) 1.40 (36.0) .295 (7.5) .0315 (0.8) 3300 sxr332m035st 0.47 2460 .709 (18.0) 1.57 (40.0) .295 (7.5) .0315 (0.8) 50 vdc (63 volts surge) 68 sxr680m050st 1.95 400 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 100 sxr101m050st 1.33 635 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 120 sxr121m050st 1.11 650 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 150 sxr151m050st 0.88 860 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 220 sxr221m050st 0.60 1030 .394 (10.0) .984 (25.0) .197 (5.0) .0236 (0.6) 330 sxr331m050st 0.40 1150 .394 (10.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 470 sxr471m050st 0.28 1320 .472(12.0) .984 (25.0) .197 (5.0) .0236 (0.6) 680 sxr681m050st 0.20 1770 .472 (12.0) 1.38 (35.0) .197 (5.0) .0236 (0.6) 820 sxr821m050st 0.16 1980 .472 (12.0) 1.57 (40.0) .197 (5.0) .0236 (0.6) 1000 sxr102m050st 0.13 1810 .630 (16.0) 1.26 (32.0) .295 (7.5) .0315 (0.8) 1200 sxr122m050st 0.11 2030 .630 (16.0) 1.40 (36.0) .295 (7.5) .0315 (0.8) 1500 sxr152m050st 0.10 2320 .630 (16.0) 1.57 (40.0) .295 (7.5) .0315 (0.8) 63 vdc (79 volts surge) 47 sxr470m063st 2.26 305 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 68 sxr680m063st 1.56 500 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 100 sxr101m063st 1.06 550 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 120 sxr121m063st 0.88 620 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 150 sxr151m063st 0.71 795 .394 (10.0) .984 (25.0) .197 (5.0) .0236 (0.6) 220 sxr221m063st 0.48 890 .472 (12.0) .984 (25.0) .197 (5.0) .0236 (0.6) 330 sxr331m063st 0.32 1320 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 470 sxr471m063st 0.23 1450 .472 (12.0) 1.38 (35.0) .197 (5.0) .0236 (0.6) 680 sxr681m063st 0.16 1790 .630 (16.0) 1.26 (32.0) .295 (7.5) .0315 (0.8) 1000 sxr102m063st 0.11 2200 .709 (18.0) 1.40 (36.0) .295 (7.5) .0315 (0.8) 1200 sxr122m063st 0.09 2370 .709 (18.0) 1.57 (40.0) .295 (7.5) .0315 (0.8) 100 vdc (125 volts surge) 22 sxr220m100st 4.22 305 .394 (10.0) .472 (12.0) .197 (5.0) .0236 (0.6) 33 SXR330M100ST 2.81 500 .394 (10.0) .630 (16.0) .197 (5.0) .0236 (0.6) 47 sxr470m100st 1.98 600 .394 (10.0) .787 (20.0) .197 (5.0) .0236 (0.6) 68 sxr680m100st 1.37 795 .394 (10.0) .984 (25.0) .197 (5.0) .0236 (0.6) 100 sxr101m100st 0.93 905 .394 (10.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 120 sxr121m100st 0.77 1040 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 150 sxr151m100st 0.62 1200 .472 (12.0) 1.18 (30.0) .197 (5.0) .0236 (0.6) 220 sxr221m100st 0.42 1440 .630 (16.0) 1.26 (32.0) .295 (7.5) .0315 (0.8) 330 sxr331m100st 0.28 1790 .709 (18.0) 1.40 (36.0) .295 (7.5) .0315 (0.8)
taping & packaging fig. 2 - straight taping (5 , 6.3 , 8 ) fig. 1 - formed taping fig. 4- straight taping (16 , 18 ) t ih d 0 h 0 h w 0 w f p 2 p 1 p 0 p d a d max. 0.2 0.2 0.5 0.75 min. 0.5 1.3 0.7 0.2 1.0 0.05 1.0 0.5 tolerance +0.8 -0.2 fig. code item 8 5, 6.3 5 ~ 8 4 ~ 6.3 10 12, 13 16, 18 26.0 26.0 21.0 12.5 12.5 12.5 7.0 0.45 0.6 0.6 0.5 0.5 0.5 30.0 0.8 15.0 15.0 12.7 12.7 12.7 12.7 12.7 12.7 12.7 15.0 12.7 12.7 12.7 3.75 5.0 3.85 4.6 5.1 3.85 3.85 7.5 7.5 6.35 6.35 6.35 6.35 6.35 7.5 5.0 5.0 3.5 2.5 5.0 5.0 18.0 18.0 18.0 18.0 18.0 18.0 18.0 12.5 12.5 12.5 12.5 12.5 12.5 12.5 18.0 18.5 18.5 18.5 18.5 18.5 18.5 16.0 16.0 4.0 4.0 4.0 4.0 4.0 4.0 4.0 0.7 0.7 0.7 0.7 0.7 0.7 0.7 2.0 2.0 2.0 2.0 2.0 2.0 2.0 3 2 1 ammo pack ammo pack boxes are shipped 5 to the outer packing carton 4 44 1500 5 44 1200 6 44 1000 8 44 800 10 (12l) 44 600 10 (16l) 50 600 12, 13 - - 16 - - tape and reel quantities case diameter reel reel qty. d (mm) width (pcs.) fig. 3- straight taping (under 10 , 12 , 13 ) 4 standard lead spacing of taped components is 5mm other lead spacing is available by special order type sxr 105 oc long life aluminum electrolytic capacitors low esr, high ripple, radial leaded aluminum electrolytic capacitors cde cornell dubilier 1605 e. rodney french blvd. new bedford, ma 02744 phone: (508)996-8561 fax: (508)996-3830 4 250 340 54 3000 5 250 340 54 2,000 6.3 290 340 54 2,000 8 250 340 54 1,000 10 (12 l) 290 340 54 600 10 (16 l) 350 340 59 600 10 (20 l) 340 340 71 600 12, 13 340 340 71 400 16 340 340 71 300 c3 a5 b max quantity per ammo pack box capacitor diameter d (mm) ammo pack box dimensions (mm)
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of SXR330M100ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X