Part Number Hot Search : 
PBTR05 AT1461 D2016UK XXXDN 0441106 AP03N70 18TRU 5B17AG
Product Description
Full Text Search
 

To Download SSQ109N12SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente ssq10912sg 109a, 120v, r ds(o) 10m" -ch enhancement mode power mosfet 29-jun-2017 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. to - 2 20 109n12sg     rohs compliant product a suffix of -c specifies halogen free description the SSQ109N12SG is the highest performance trenc h n-ch mosfets with extreme high cell density , which provide excellent r ds(on) and gate charge for most of the synchronous buck converter applications. the SSQ109N12SG meet the rohs and green product wit h function reliability approved. features  r ds(on) Q 10m6 @v gs =10v  high speed power switching  enhanced body diode dv/dt capability  enhanced avalanche ruggedness  100% uis tested, 100% rg tested  to-220 package marking absolute maximum ratings (t j =25 c unless otherwise specified) parameter symbol ratings unit drain-source voltage v ds 120 v gate-source voltage v gs 20 v t c =25c 109 continuous drain current (silicon limited) t c =100c i d 77 a pulsed drain current i dm 300 a avalanche energy, single pulse, @l=0.4mh t c =25c e as 320 mj power dissipation t c =25c p d 214 w operating junction and storage temperature range t j , t stg -55 ~ 175 c thermal resistance ratings maximum thermal resistance junction-ambient r ja 50 maximum thermal resistance junction-case r jc 0.7 c / w 1 gate 3 source 2 drain date code millimeter millimeter ref. min. max. ref. min. max. a 9.96 10.36 h 2.54 bsc. b 14.7 16 i 2.04 2.92 c 2.74 bsc. j 3.745 ref. d 12.7 14.73 k 0.356 0.5 e 1.15 1.82 l 5.85 6.85 f 0.39 1.01 m 0.51 1.39 g 3.56 4.82
elektronische bauelemente ssq10912sg 109a, 120v, r ds(o) 10m" -ch enhancement mode power mosfet 29-jun-2017 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t j =25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions drain-source breakdown voltage bv dss 120 - - v v gs =0, i d =250a gate threshold voltage v gs(th) 2 3 4 v v ds =v gs , i d =250a forward transfer conductance g fs - 65 - s v ds =5v, i d =20a gate-source leakage current i gss - - 100 na v gs =20v t j =25c - - 1 drain-source leakage current t j =100c i dss - - 100 a v ds =120v, v gs =0 static drain-source on-resistance r ds(on) - 8.6 10 m6 v gs =10v, i d =20a total gate charge q g - 56 - gate-source charge q gs - 18 - gate-drain (miller) change q gd - 6 - nc i d =20a v dd =60v v gs =10v turn-on delay time t d(on) - 16 - rise time t r - 21 - turn-off delay time t d(off) - 38 - fall time t f - 19 - ns v dd =60v i d =20a v gs =10v r g =106 input capacitance c iss - 4470 - output capacitance c oss - 235 - reverse transfer capacitance c rss - 9.5 - pf v gs =0 v ds =60v f=1.0mhz source-drain diode forward on voltage v sd - 0.9 1.2 v i f =20a, v gs =0 reverse recovery time t rr - 70 - ns reverse recovery charge q rr - 600 - nc v r =60v, i f =20a, dl/dt=500a/s
elektronische bauelemente ssq10912sg 109a, 120v, r ds(o) 10m" -ch enhancement mode power mosfet 29-jun-2017 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. typical characteristics curve
elektronische bauelemente ssq10912sg 109a, 120v, r ds(o) 10m" -ch enhancement mode power mosfet 29-jun-2017 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. typical characteristics curve


▲Up To Search▲   

 
Price & Availability of SSQ109N12SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X