Part Number Hot Search : 
3261I07 CJL818C 3P242L 000A9 FR16JR02 OM5193 IZ1583 MBR1040F
Product Description
Full Text Search
 

To Download SS24-M3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ss22-m3, ss23-m3, SS24-M3, ss25-m3, ss26-m3 www.vishay.com vishay general semiconductor revision: 04-aug-15 1 document number: 89278 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount schottky barrier rectifier typical applications for use in low voltage high frequency inverters, freewheeling, dc/dc converte rs, and polarity protection applications. features ? low profile package ? ideal for automated placement ? guardring for overvoltage protection ? low power losses, high efficiency ? low forward voltage drop ? high surge capability ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 mechanical data case: do-214aa (smb) ? molding compound meets ul 94 v-0 flammabi lity rating ? base p/n-m3 - halogen-free, rohs-compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? m3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes cathode end ? ? ? note (1) pulse test: 300 s pulse width, 1 % duty cycle primary characteristics i f(av) 2.0 a v rrm 20 v, 30 v, 40 v, 50 v, 60 v i fsm 75 a v f 0.50 v, 0.70 v t j max. 150 c package do-214aa (smb) diode variations single do-214aa ( s mb) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol ss22 ss23 ss24 ss25 ss26 unit device marking code s2 s3 s4 s5 s6 maximum repetitive pe ak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v max. average forward rectified current at t l (fig. 1) i f(av) 2.0 a peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 75 a non-repetitive avalanche energy at t a = 25 c, ? i as = 2.0 a, l = 10 mh e as 20 mj electrostatic discharg e capacitor voltage ? human body model: c = 100 pf, r = 1.5 k ? v c 8.0 kv voltage rate of change (rated v r ) dv/dt 10 000 v/s operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol ss22 ss23 ss24 ss25 ss26 unit maximum instantaneous forward voltage (1) 2.0 a v f 0.5 0.7 v maximum dc reverse current at rated dc blocking voltage (1) t a = 25 c i r 0.4 ma t a = 100 c 10
ss22-m3, ss23-m3, SS24-M3, ss25-m3, ss26-m3 www.vishay.com vishay general semiconductor revision: 04-aug-15 2 document number: 89278 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pcb mounted with 0.55" x 0.55" (14 mm x 14 mm) copper pad areas ratings and characteristics curves (t a = 25 ? c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - maximum non-re petitive surge current fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse current characteristics thermal characteristics (t a = 25 c unless otherwise noted) parameter symbolss22ss23ss24ss25ss26unit typical thermal resistance (1) r ? ja 75 c/w r ? jl 17 ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode SS24-M3/52t 0.096 52t 750 7" diam eter plastic tape and reel SS24-M3/5bt 0.096 5bt 3200 13" diam eter plastic tape and reel 0 0.5 1.0 1.5 2.0 2.5 0255075100125150 average forward rectified current (a) lead temperature ( c) pcb mounted on 0.2 " x 0.2 " (5.0 mm x 5.0 mm) copper pad area ss 22 thru ss 26 1 10 100 0 20 40 60 80 100 at rated t l 8.3 ms single half sine-wave number of cycles at 60 hz peak forward surge current (a) 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 in s tantaneou s forward current (a) in s tantaneou s forward voltage (v) t j = 25 c ss22 thru ss24 ss25 and ss26 pul s ewidth = 300  s 1 % duty cycle t j = 150 c 0.001 0.01 0.1 1 10 100 1000 0 20406080100 in s tantaneou s rever s e current (ma) percent of rated peak rever s e voltage (%) t j = 150 c t j = 125 c ss22 thru ss24 ss25 and ss26 t j = 25 c t j = 75 c
ss22-m3, ss23-m3, SS24-M3, ss25-m3, ss26-m3 www.vishay.com vishay general semiconductor revision: 04-aug-15 3 document number: 89278 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - typical junction capacitance ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? package outline dimensions in inches (millimeters) 10 100 1000 0.1 1 10 100 reverse voltage (v) junction capaci tance (pf) ss22 thru ss24 ss25 and ss26 t j = 25 c f = 1.0 mhz v sig = 50 mv p-p 0.012 (0.305) 0.006 (0.152) 0.008 (0.2) 0.180 (4.57) 0.160 (4.06) 0.155 (3.94) 0.130 (3.30) 0.086 (2.20) 0.077 (1.95) 0.220 (5.59) 0.205 (5.21) 0.060 (1.52) 0.030 (0.76) 0.096 (2.44) 0.084 (2.13) do-214aa (smb) 0 (0) cathode band 0.085 (2.159) max. 0.220 ref. 0.086 (2.18) min. 0.060 (1.52) min. mounting pad layout
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SS24-M3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X