Part Number Hot Search : 
JANTX C68HC705 M3062 FUF2004 TDA7563B OM7639SM BZV80TRL 950T45
Product Description
Full Text Search
 

To Download SR2050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 180 - sr2020 thru sr2060 20.0 amps. schottky barrier rectifiers voltage range 20 to 60 volts current 20.0 amperes f eatures  low forward voltage drop  high current capability  high reliability  high surge current capabilit y m echanical data  cases: to-220 molded plastic  epoxy: ul 94v-o rate flame retardant  terminals: lead solderable per mil-std-202, method 208 guaranteed  polarity: as marked  high temperature soldering guaranteed: 260 o c/10 seconds .25?,(6.35mm) from case.  weight: 2.24 grams to-220 dimensions in inches and (millimeters) m aximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sr 2020 sr 2030 sr 2040 sr 2050 sr 2060 units maximum recurrent peak reverse voltage v rrm 20 30 40 50 60 v maximum rms voltage v rms 14 21 28 35 42 v maximum dc blocking voltage v dc 20 30 40 50 60 v maximum average forward rectified current see fig. 1 i (av) 20.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 250 a maximum instantaneous forward voltage @ 10.0a v f 0.55 0.70 v maximum d.c. reverse current @ tc=25 at rated dc blocking voltage @ tc=100 i r 1.0 50 ma ma typical thermal resistance (note 1) r jc 1.0 /w typical junction capacitance (note 2) cj 430 360 pf operating junction temperature range t j -65 to +125 -65 to +150 storage temperature range t stg -65 to +150 notes: 1 . thermal resistance from junction to case per leg, with heatsink size (4?x6?x0.25?) al-plate. 2. measured at 1mhz and applie d reverse voltage of 4.0v d.c.
- 181 - ratings and characteristic curves (sr2020 thru sr2060) fig.3- typical reverse characteristics per leg instantaneous reverse current . (ma) 0 20 40 60 80 100 120 140 .001 .01 .10 1.0 10 percent of rated peak reverse voltage. (%) tj=100 c 0 tj=25 c 0 t j=75 c 0 fig.1- forward current derating curve average for ward current . (a) 0 50 100 150 0 4.0 8.0 12.0 16.0 20.0 case temperature. ( c) o s r 2050-60 sr2020-40 fig.2- maximum non-repetitive peak forward surge current per leg peak for ward surge current . (a) 1 2 5 10 20 100 50 25 50 200 150 100 250 300 number of cycles at 60hz 8.3ms single half sine wave per leg. (jedge method) tj=tj max. fig.4- typical forward characteristics per leg instantaneous for ward current . (a) .2 .3 .4 .5 .6 .7 .8 .9 0.1 1.0 10 100 instantaneous forward voltage. (v) s r 2 0 5 0 -2 0 6 0 sr2020-2040 tj=25 c pulse width-300 s 1% duty cycle 0 fig.5- typical junction capacitance per leg junction cap acitance.(pf) 0.1 1.0 0.4 4 10 40 80100 100 200 400 600 800 2000 1000 4000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 SR2050-60 sr2020-40


▲Up To Search▲   

 
Price & Availability of SR2050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X