Part Number Hot Search : 
1N6625 MP1010B 1N6625 1100E 1N6625 200CA PD57060S 1N6625
Product Description
Full Text Search
 

To Download SMART3000NET-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 120v 3kva 2.4kw line-interactive ups, extended run, tower, 3-db9 ports model number: smart3000net description tripp lite's smart3000net intelligent, line interactive large tower ups system protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 23 minutes half load runtime and 7 minutes fully loaded. runtime is expandable with optional bp24v28-2u (limit 1) and bp24v70-3u (multi-pack compatible) external battery packs. 3000va/2400 watt power handling capability supports a variety of networking, telecom and other sensitive electronic applications. includes 8 protected outlets. supports remote monitoring of ups and site power conditions via built-in rs-232 enabled monitoring port, plus standard ups monitoring via 2 built in contact closure ports. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in audible alarm and front panel leds indicate line power, battery power, battery charge level, load level and voltage regulation status. network grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. features smart 3000net line interactive ups offers battery derived ac output during power outages, voltage regulation during brownouts and overvoltages, plus network-grade ac surge suppression 3000va/2400 watt power handling capability supports a variety of networking, telecom and other sensitive electronic devices large internal batteries offer runtimes of 23 minutes at half load (1500va/1200 watts) and 7 minutes at full load (3000va/2400 watts) runtime is further expandable with optional external bp24v28-2u (limit 1) and bp24v70-3u (multi-pack compatible) battery packs automatic voltage regulation (avr) circuits maintain 120v nominal output over an input voltage range of 87-140v includes 8 fully protected outlets (4 nema 5-15r & 4 nema 5-15/20r) with 2 single outlet load banks that can be individually powered off and back on again via software interface poweralert ups monitoring and unattended shutdown software enables configurable network broadcast messaging, email notification, event logging and running user defined script commands offers simultaneous monitoring of up to 3 directly connected devices through included db9 contact closure and rs-232 enabled interfaces, or the monitoring of any number of additional servers over ip with included poweralert monitoring software in addition to the contact closure monitoring of on battery, low battery and power restored messaging, built-in rs-232 interface supports messaging of ups and line power status, including ac line voltage, dc battery voltage and remaining battery capacity supports activate self-test and ups output power control for delayed or immediate reboot of connected equipment highlights 3kva / 3000va / 2400w line interactive, extended-run tower ups 120v output, corrects brownouts and overvoltages from 87v to 140v 3 db9 ports (1 rs232 / 2 contact-closure) front panel status leds with load and battery capacity display 2 independently switchable output load banks nema l5-30p input; 4 nema 5-15/20r & 4 nema 5-15r outlets package includes smart 3000net ups system poweralert software and three 6 foot network cables instruction manual 1 / 4
supports activate self-test and ups output power control for delayed or immediate reboot of connected equipment diagnostic leds (indicate 17 performance conditions) specifications output output capacity details 2400w maximum output with up to 1 external battery pack connected; 1600w maximum capacity with 2-3 external battery packs connected; 1250w maximum capacity with 4 or more external battery packs connected output volt amp capacity (va) 3000 output kva capacity (kva) 3 output watt capacity (watts) 2400 output kw capacity (kw) 2.4 power factor 0.8 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -13% / +5% output voltage regulation (battery mode) +/- 5% output receptacles (4) 5-15r; (4) 5-15/20r load management receptacles two switchable single-outlet 5-15r load banks output circuit breakers 15a branch rated (x2) - each breaker protects 4 outlets output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 22a nominal input voltage(s) supported 120v ac ups input connection type l5-30p ups input cord length (ft.) 8 ups input cord length (m) 2.4 recommended electrical service 30a 120v input phase single-phase battery full load runtime (min.) 7 min. (2400w) half load runtime (min.) 23 min. (1200w) 2 / 4
expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp24v28-2u (limit 1); bp24v70-3u (multi-pack compatible) dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 9 hours from 10% to 90% (typical, full load discharge) voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 87 to 140 overvoltage correction input voltages between 127 and 140 are reduced by 12% undervoltage correction input voltages between 95 and 105 are boosted by 10% severe undervoltage correction input voltages between 87 and 94 are boosted by 22% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation; set of 4 rear-panel switches control system enable and contact closure port inverter shutoff commands alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical primary form factor tower ups power module dimensions (hwd, in.) 17 x 9 x 12.5 ups power module dimensions (hwd, cm) 43.2 x 22.9 x 31.8 ups power module weight (lbs.) 89 ups power module weight (kg) 40.4 ups shipping dimensions (hwd / in.) 22.2 x 12.8 x 16.5 ups shipping dimensions (hwd / cm) 56.5 x 32.4 x 41.9 shipping weight (lbs.) 96 shipping weight (kg) 43.6 cooling method fan 3 / 4
ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 82.4 ac mode efficiency rating (100% load) 99% communications communications interface db9 serial; contact closure network monitoring port description supports detailed monitoring of ups and site power conditions; contact closure communications via two additional db9 ports (3 total) poweralert software included communications cable 3 db9 cables included line / battery transfer transfer time 4 ms. typical low voltage transfer to battery power (setpoint) 87 high voltage transfer to battery power (setpoint) 140 special features cold start (startup in battery mode during a power failure) cold-start operation supported green energy-saving features individually controllable load banks certifications ups certifications meets fcc part 15 category a (emi); rohs (restriction of hazardous substances); tested to csa (canada); tested to nom (mexico); tested to ul1778 (usa) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4


▲Up To Search▲   

 
Price & Availability of SMART3000NET-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X