Part Number Hot Search : 
EL2157 PC817C EL2157 BL6513 2SD917 7311505 SUF520J M7628
Product Description
Full Text Search
 

To Download SBL10U100-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sbl10u100 voltage 100v 10.0 amp low vf trench barrier schottky rectifier 02-dec-2013 rev. c page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? ? ? ? ? ? a m p j k l l g f b n d e o c h rohs compliant product a suffix of ?-c? specifies halogen free features ? trench barrier schottky technology ? low forward voltage drop ? low reverse current ? high current capability ? high reliability ? high surge current capability ? epitaxial construction mechanical data ? case: molded plastic ? epoxy: ul94v-0 rate flame retardant ? lead: lead solderable per mil-std-202 method 208 guaranteed ? polarity: as marked ? mounting position: any ? weight: 1.98 g (approximate) maximum ratings and electrical characteristics (rating 25c ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum recurrent peak reverse voltage v rrm 100 v working peak reverse voltage v rsm 100 v maximum dc blocking voltage v dc 100 v (per leg) 5 maximum average forward rectified current (per device) i f 10 a peak forward surge current, 8.3 ms single half sine-wave i fsm 80 a voltage rate of chance (rated v r ) dv/dt 10000 v / s typical thermal resistance r ? electrical characteristics parameter symbol typ. max. unit test condition 0.57 0.63 i f = 3a, t j = 25c 0.68 0.75 i f = 5a, t j = 25c maximum instantaneous forward voltage v f 0.61 - v i f = 5 a, t j = 125c - 0.1 t j =25c maximum dc reverse current at rated dc blocking voltage 2 i r - 10 ma t j =100c typical junction capacitance 1 c j 220 - pf notes: 1. measured at 1mhz and applied reverse voltage of 5.0v d.c. 2. pulse test pulse width = 300 s, duty cycle Q 2.0%. to-220 millimete r millimete r ref. min. max. ref. min. max. a 14.22 16.51 j 0.7 1.78 b 9.65 10.67 k 0.38 1.02 c 12.50 14.75 l 2.39 2.69 d 3.56 4.90 m 2.50 3.43 e 0.51 1.45 n 3.10 4.09 f 2.03 2.92 o 8.38 9.65 g 0.31 0.76 p 0.89 1.45 h 3.5 4.5
elektronische bauelemente sbl10u100 voltage 100v 10.0 amp low vf trench barrier schottky rectifier 02-dec-2013 rev. c page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SBL10U100-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X