Part Number Hot Search : 
CY7C144 APU429 DSPIC3 29GL032 ISPLSI 300DT GC4712 FDP50S
Product Description
Full Text Search
 

To Download PTF01070 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 wires of 70mm ? level sensor with reed switch closed : float at the top - open : float at the bottom ? typical applications: liquid level detection for drink vending or coffee machines, washing machines, petrol level, ... ? capteur de niveau ampoule reed: 1 contact ouvert en position bas ; ferm en position haut ? applications typiques: dtecteur de niveau pour distributeurs de boissons, machines laver, niveau d'essence,.... page 1 /2 f/gb p/spe/PTF01070/d/25/03/2008 capteur de niveau level sensor materiaux : bo?tiers et crous : polyamide 6/6 charg 15% de fibre de verre flotteur : polypropylne joint torique: nitrile fils de raccordement :pvc ul 1007 22awg temprature : 80c materials: housing and nuts : polyamide 6/6 resin with 15% glass fiber content. float : polypropylen o-rin : nitrile rubber lead wires : ul 1007 22awg heat-resistant pvc wire : 80c
p/spe/PTF01070/d/25/03/2008 caractristiques ( 20c) / specifications (at 20c) paramtre / parameter electrique /electrical symbol typ. unit puissance maximum commutable/ max switching power courant maximum commutable/ max switching current tension maximale commutable/ max switching voltage tension maximale commutable/ max switching voltage 10 0,5 100 125 va a vdc vac rsistance de contact/ contact resistance generales/ mechanical and environmental temprature de fonctionnement / temperature rating 200 0 -70 dure de vie / operating life dimensions /dimensions dtection / operation level densit du flotteur / density of the float 1 x10 6 fig 1 fig 2 0,8 m? c operations page 2 / 2 f/gb on/off fig 2 inversion flotteur/ upside down normalement en inversant le flotteur, le fonctionnement est invers : contact ouvert en position haut ; ferm en position bas ce fonctionnement n'est pas garanti 100%. un essai est ncessaire ou consulter celduc pour une rfrence spcifique. normally with the float upside down, the working is inverted: closed : float at the bottom open : float at the top this working is not 100% sure. so make a functionnal test or contact celduc for another product reference r e l a i s www.celduc.com celduc a 5, rue ampre bp30004 42290 sorbiers - france e-mail : celduc-relais@celduc.com fax +33 (0) 4 77 53 85 51 service commercial france tl. : +33 (0) 4 77 53 90 20 sales dept.for europe tel. : +33 (0) 4 77 53 90 21 sales dept. asia : tl. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of PTF01070

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X