Part Number Hot Search : 
MAX4571 R61A106 X0202DA CONTROL BT2222 226X0 2N3392 WKO332
Product Description
Full Text Search
 

To Download OV00798-B56G-1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  battery-operated smart home monitoring camera applications ov798 camera video processor product brief lead free available in a lead-free package the ov798 is a highly integrated, low power and fast boot up camera video processor aimed at battery-operated, smart home monitoring camera applications. the ov798 reduces system integration cost with more embedded image processing functions, as well as more embedded peripherals. it also supports various types of ddr sdram in order to accommodate power/speed requirements for different applications. the ov798 runs efficiently and consumes low power. a sophisticated boot up mechanism wakes up the ov798 quickly and starts recording video once it is triggered. the ov798 supports three camera interfaces. it supports a mipi receiver, a dedicated dvp input port, and a shared dvp input port. the mipi receiver can be configured as four single- lane receivers, two dual-lane receivers, or one 4-lane receiver. the ov798 has an embedded advanced image signal processor (isp) that supports 1080p full hd video or still pictures of up to 16 megapixels. in addition to rgb raw image sensors, the isp also supports rgb-ir and hdr image sensors. the ov798 implements an advanced video engine to achieve high performance video recording at up to 1080p resolution. the engine is capable of recording dual video streams of up to one 1080p video stream and one 720p video stream. along with an embedded audio engine and depending on audio formats, the ov798 also records and decodes the audio stream. the ov798 supports a 2-lane mipi transmitter, dvp output, or bt1120 output. the ov798 combines various parallel and serial peripheral interfaces including a storage card interface, serial interface, serial audio interface, sccb interface, uart interface, ddr- sdram interface, and usb device and host interfaces with embedded phy. find out more at www.ovt.com.
v e r s i o n 1 . 1 , o c t o b e r , 2 0 1 7 o m n i v i s i o n r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o t h e i r p r o d u c t s o r t o d i s c o n t i n u e a n y p r o d u c t o r s e r v i c e w i t h o u t f u r t h e r n o t i c e . o m n i v i s i o n a n d t h e o m n i v i s i o n l o g o a r e r e g i s t e r e d t r a d e m a r k s o f o m n i v i s i o n t e c h n o l o g i e s , i n c . a l l o t h e r t r a d e m a r k s a r e t h e p r o p e r t y o f t h e i r r e s p e c t i v e o w n e r s . 4275 burton drive santa clara, ca 95054 usa tel: + 1 408 567 3000 fax: + 1 408 567 3001 www.ovt.com ? ? general purpose i/o (gpio) - flexible gpio capability for most of the i/o pins - 12 dedicated gpios equipped with interrupt capabilities miscellaneous - dedicated jtag interface - embedded power switches to control power domains - embedded plls - embedded usb phy ? ? product features (continued) ? OV00798-B56G-1C (lead-free, 256-pin bga) ? ov00798-u96g-2c (lead-free, 196-pin bga) ordering information ? ? battery doorbell battery ipc ? battery home automation cameras applications ov798 embedded dual microcontrollers - main arm? cortex? a5 mcu - supports 32 kb instruction cache and 32 kb data cache - secondary 32-bit risc mcu - supports 8 kb instruction cache and 8 kb data cache ddr-sdram controller (256-pin only) - supports ddr2/lpddr2 16 bits wide - supports ddr3 16 bits wide - built-in ddr phy which supports various internal ddr memories ? ? power requirements: - active (256-pin): 380 mw (measured at 1080p @ 30 fps) - active (196-pin): 430 mw (measured at 1080p @ 30 fps) package dimensions: - 256-pin: 11 mm x 11 mm - 196-pin: 9.5 mm x 9.5 mm ? ? product specifications power supply: - core: 1.1v - analog: 2.5v/3.3v - ddr i/o: 1.2v (lpddr2) ( / 1.35v (ddr3l) /1.5v (ddr3) 256-pin only) - i/o: 1.8v/3.3v - pll: 1.8v temperature range: - commercial grade operational temperature: -30c to +85c ? ? ? ? ? host interfaces (196-pin only) ? two uart interfaces ? three serial interfaces (multiplexed with other functions) storage interfaces - storage i/o peripheral interface - nand flash interface usb host - usb2.0 hs/fs host controller usb device - usb2.0 hs/fs device controller - supports uvc video class - supports mass storage class audio codec and audio engine - built-in 16-bit mono audio adc and 20-bit mono audio dac - supports external audio codec through two audio serial interfaces for full duplex audio functions - embedded audio engine for audio recording and playback - supports various audio formats security engine - supports aes/des/ 3des encryption/decryption display interface - supports mipi two-lane transmitter up to 1080p - supports 8-bit or 16-bit dvp output (256-pin only) - supports hdmi and bt1120 digital output (256-pin only) - supports on-screen-display (osd) and scaling functions ? ? ? ? ? ? ? product features general features - highly integrated low power and fast boot up video processor camera interfaces - mipi one 4-lane, two 2-lane or four 1-lane receiver - 10-bit raw rgb (or 8-bit yuv dvp input - in 256-pin only) - supports up to 16mp image sensor - sccb master to access image sensor image signal processor - dual sensor 10-bit raw to yuv processing - adjustable aec/agc, awb and auto focus - color correction/adjustment, gamma correction and contrast adjustment - digital effects - 16x16 zone lens shading correction and online color shading correction - lens distortion and prospective correction - defective pixel correction - mirror, flip and rotation - supports up to 4x digital zoom - 3d/2d de-noise filter - rgb-ir processing - hdr processing video engine - supports single video recording with a maximum resolution of up to 1080p (1920x1080) - supports dual video stream recording with one 1080p (1920x1080) stream and one 720p (1280x720) stream - rate control to support various and constant bit rates - flexible motion detection with 8 windows of roi still picture - supports still picture capture up to 16mp - supports still picture compression functional block diagram o v798 camer a interf ace peripher al interf ace display interf ace memory bus system bus mipi rx d vp sram ddr mipi tx d vp memory controller isp image encode video encode is ds dma corte x a5 arbiter jt a g serial interf ace usb nand flash audio interf ace stor age card if sccb


▲Up To Search▲   

 
Price & Availability of OV00798-B56G-1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X