Part Number Hot Search : 
1L0380RB ISL97652 2SB1417A AD7242JN LYT66F 2520C 2SK16 DTA11
Product Description
Full Text Search
 

To Download MUR860D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MUR860D rev.f jun.-2016 data sheet http://www.fsbrec.com 1 / 6 to-252 ?? ?? ultrafast recovery diode in a to-252 plastic package. ???????????  silicon epitaxial process to produc e ultrafast recovery diode with low reverse leakage current and high reliability. ?????? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications. pin1 nc pin 2 cathode pin 3 anode pin 4:case ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1 4
MUR860D rev.f jun.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit peak repetitive reverse voltage v rrm 600 v working peak reverse voltage v rms 420 v average rectified forward current i f 8 a non repetitive peak surge current i fsm 125 a thermal resistance, junction to case r jc 3.5 /w junction and storage temperature range t j t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit reverse voltage v br i r =100ua 600 v forward voltage v f i f =8a tc=25 1.4 1.7 v i f =16a tc=25 1.7 2.1 v i f =8a tc=125 1.4 1.7 v instantaneous reverse current i r note 1 v r =600v ta=25 5 ua v r =480v ta=125 300 ua v r =600v ta=125 500 ua total capacitance c t v r =200v 25 pf reverse recovery time t rr i f =0.5a, i r =1.0a, i rr =0.25a 50 ns ?/notes 1. ????? ?? /short duration pulse test used to minimize self-heating effect. 2. ??????? / unless otherwise noted, values for the parameters of a single chip ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MUR860D rev.f jun.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve if - tc 0 2 4 6 8 10 25 50 75 100 125 150 175 tc if(a) if - vf 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 vf(v) if(a) ta=125 ta=25 ta=150 ir - vr 0.001 0.01 0.1 1 10 100 0 100 200 300 400 500 600 vr(v) ir(ua) ta=125 ta=25 ta=150 cj - vr 1 10 100 1 10 100 1000 vr(v) cj(pf) ifsm 0 25 50 75 100 125 150 1 10 100 no.of cycles at 60hz peak forward surge current-(a) 8.3ms single half sine wave jedec method
MUR860D rev.f jun.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
MUR860D rev.f jun.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br    ?? mur860  ??? ****   ???? note: br:   company code mur860 product type. ****:  lot no. code, code change with lot no. br **** mur860
MUR860D rev.f jun.-2016 data sheet http://www.fsbrec.com 6 / 6 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:2605 time:101 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box to-252 2,500 2 5,000 5 25,000 13 16 36036050 385257392 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-251/252 75 48 3,600 5 18,000 52620.55.25 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of MUR860D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X