Part Number Hot Search : 
00080 00225 324C8 2N700 MAX5106 FC154 7555CD 162244
Product Description
Full Text Search
 

To Download KDS160-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2014. 3. 31 1/3 semiconductor technical data kds160 silicon epitaxial planar diode revision no : 8 ultra high speed switching application. features h small package : usc. h low forward voltage. h fast reverse recovery time. h small total capacitance. maximum rating (ta=25 ? ) 1. anode 2. cathode usc dim millimeters a b c d e f g h j k 2.50 0.2 1.25 0.05 0.90 0.05 1.70 0.05 0.126 0.03 0~0.1 0.15 0.05 0.4 2 +4/-2 l m 4~6 i 1.0 max cathode mark m m i c j g d 2 1 b e k a f h l + _ + _ + _ + _ 0.30 0.06 + _ 0.27 0.10 + _ + _ + _ electrical characteristics (ta=25 ? ) marking uf type name lot no. characteristic symbol rating unit maximum (peak) reverse voltage v rm 85 v reverse voltage v r 80 v maximum (peak) forward current i fm 300 ma average forward current i o 100 ma surge current (10ms) i fsm 2 a power dissipation p d * 200 mw junction temperature t j 150 ? storage temperature range t stg -55 q 150 ? characteristic symbol test condition min. typ. max. unit forward voltage v f(1) i f =1ma - 0.60 - v v f(2) i f =10ma - 0.72 - v f(3) i f =100ma - 0.90 1.20 reverse current i r v r =80v - - 0.5  a total capacitance c t v r =0v, f=1mhz - 0.9 3.0 pf reverse recovery time t rr i f =10ma - 1.6 4.0 ns * : mounted on a glass epoxy circuit board of 20 ? 20mm, pad dimension of 4 ? 4mm.
2014. 3. 31 2/3 kds160 revision no : 8 1 0.1 reverse voltage v (r) r r t c - v reverse current i ( a) r 10 0 reverse voltage v (v) r total capacitance c (pf) 0 i - v i - v f forward voltage v (v) 0 f 10 forward current i (ma) ff 0.2 0.4 0.6 0.8 1.0 1.2 -2 -1 10 2 10 3 10 10 1 ta=100 c t a=25 c ta=-25 c rr 20 40 60 80 -3 -2 10 -1 10 1 10 ta=100 c ta=75 c ta=50 c ta=25 c t 0.4 0.8 1.2 1.6 2.0 3 10 30 100 f=1mhz ta=25 c t - i f forward current i (ma) 0.1 0.5 rr reverse recovery time t (ns) rr f 0.3 1 3 10 30 100 1 3 5 10 30 50 100 0.3 110 t ime t ( ms ) fsm i - t peak surge forward current 1 i (a) fsm 10 100 ta=25 c fig. 1 i fsm t
2010. 8. 25 3/3 kds160 revision no : 7 fig. 1. reverse recovery time(t ) test circuit rr 50 ? 2k ? e 50 ? input waveform input 0.01 f dut output sampling oscilloscope (r =50 ? ) in waveform 0.1 i r 0 i r f i =10ma rr t pulse generator (r =50 ? ) out 50ns -6v 0


▲Up To Search▲   

 
Price & Availability of KDS160-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X