Part Number Hot Search : 
CT194E RT9173DP M18XRYPQ 20611 4016506 KDV153D SSI50N06 PT15D
Product Description
Full Text Search
 

To Download IN74HC21AN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data in74hc21a dual 4-input and gate ordering information in74hc 21an pl ast i c in74hc 21ad soic t a = -55 t o 125 c for all packages the in74hc 21a i s hi gh-speed si -gat e c m os devi ce and i s pi n com p atible with pullup resistors with low power schottky ttl (lsttl). the devi ce provi de t h e dual 4-i nput and funct i on. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices logic diagram pin 14 =v cc pin 7 = gnd pin assignment a1 c1 y1 b1 a2 c2 d2 y2 b2 1 2 3 5 4 6 7 v c c 14 13 12 11 10 8 9 gn d a1 b1 b2 a2 y2 y1 c1 c2 d2 d1 function table input s o u t put a b d y l x x x l x l x x l x x l x l x x x l l h h h h h x = don?t care rev. 00
in74hc21a maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip* * soic package** 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c *m axi m um r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. **derat i ng - pl ast i c dip: - 10 m w / c from 65 t o 125 c soic package: : - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. rev. 00
in74hc21a dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c un it v ih m i ni m u m hi gh-level input vol t a ge 2 . 0 3.0 4.5 6.0 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 1.5 2.1 3.15 4.2 v v il m a x i mu m l o w - l e v e l input vol t a ge 2 . 0 3.0 4.5 6.0 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 v v in =v ih or v il ? i out ? = -50 a 2.0 3.0 4.5 6.0 1.92 2.92 4.42 5.92 1.9 2.9 4.4 5.9 1.9 2.9 4.4 5.9 v in =v ih or v il ? i out ? = -2.4 m 3 . 0 2 . 4 8 2 . 3 4 2 . 2 v in =v ih or v il ? i out ? = -4 m 4 . 5 3 . 9 8 3 . 8 4 3 . 7 v oh m i ni m u m hi gh-level out put vol t a ge v in =v ih or v il ? i out ? = -5.2 m 6 . 0 5 . 4 8 5 . 3 4 5 . 2 v v in = v ih or v il ? i out ? = 50 a 2.0 3.0 4.5 6.0 0.09 0.09 0.09 0.09 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v in =v ih or v il ? i out ? = 2.4 m 3 . 0 0 . 2 6 0 . 3 3 0 . 4 v in =v ih or v il ? i out ? = 4 m 4 . 5 0 . 2 6 0 . 3 3 0 . 4 v ol m a x i mu m l o w - l e v e l out put vol t a ge v in =v ih or v il ? i out ? = 5.2 m 6 . 0 0 . 2 6 0 . 3 3 0 . 4 v i il m a x i mu m l o w - l e v e l input leakage c u rrent v in = 0 v 6.0 -0.1 -1.0 -1.0 a i ih m a xi m u m hi gh-level input leakage c u rrent v in = v cc 6 . 0 0 . 1 1 . 0 1 . 0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent v in =v cc or 0 v 6 . 0 4 . 0 4 0 1 6 0 a rev. 00
in74hc21a ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -55 c 85 c 125 c un it t phl , t plh m a xi m u m propagat i on del a y (fi gure 1) 2.0 4.5 6.0 110 22 19 140 28 24 165 33 28 ns t thl , t tlh m a xi m u m out put transi t i on ti m e (fi gure 1) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns c in m a xi m u m input c a paci t a nce 5.0 10 10 10 pf power di ssi pat i on c a paci t a nce (per gat e ) t a =25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 5 0 p f 0. 1 0.1 0.9 0. 9 v 2 v 2 v 1 t phl t hl t pl h t lh gnd v 2 v 2 v = 0. 5 v 1 c c in p u t ou t p u t 0. 1 0.1 0. 9 0.9 t thl t tl h 0 v v cc fi gure 1. swi t c hi ng w a veform s pu l s e g e ne ra t o r d evi c e unde r te s t v cc v i v o c 50 pf l r t termination resistance r t ? should be equal to z out of pulse generators fi gure 2. test c i rcui t rev. 00
in74hc21a n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC21AN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X