Part Number Hot Search : 
P6KE75CA 1602CT V16100 PM2105 TA7666 M100D SMCJ58 1N988B
Product Description
Full Text Search
 

To Download DB207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2.0 a we ight: 0.38 grams (approx.) case: db, molded plastic low forward voltage drop high surge current capability glass passivated die construction classification 94v-o mil-std-202, method 208 designed for surface mount application db201 ? DB207 2.0a glass passivated bridge rectifier features    high cur rent capability    plastic material ? ul recognition flammability mec h anical data   te r minals: plated leads solderable per  polarity: as marked on case   mounting position: any  marking: type number maximum ra t ings and electrical characteristics @t a =25c unle s s otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol DB207 unit pea k repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms revers e voltage v r(rms) 35 70 140 280 420 560 700 v a v erage rec tified output current @t a = 40 c i o non-repeti t ive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 60 a forward v oltage per element @i f fm 1.1 v p e a k reverse current @t a = 25 c a t rated dc blocking voltage @t a = 125c i rm 5.0 500 a ty pi cal junction capacitance per element (note 1) c j 25 pf ty pi cal thermal resistance per leg (note 2) r ja r jl 40 15 c/w operating and storage temperature range t j , t stg -65 to +150 c note: 1. measured at 1.0 mhz and applied reverse voltage of 4.0v d.c. 2. mounted on pc board with 13mm 2 copper pad . 1 of 2 db201 - DB207 d e h j k l m b a c g db dim min max a 6.20 6.50 b 6.80 8.40 c 7.24 8.70 d 0.20 0.38 e g h 1.30 j 3.80 4.90 k l m all dimensions in mm 0.90 1.40 5.00 5.20 0.45 0.58 8.12 8.80 2.15 3.40 - db202 db201 db203 db204 db205 db206 ! lead fr ee: for rohs / lead free version, www.senocn.com z ibo seno electronic engineering co., ltd.


▲Up To Search▲   

 
Price & Availability of DB207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X