title scale date dr dwg rev the information contained in this document is propr ietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by lp11oa1naswb 2 1/29/2010 B230009 c blr 1 1 luminous intensity @ 20ma led specs forward voltage @20ma forward current mcd v ma 20 500 3.0-3.6 white units blue 20 3.3-3.8 70 l2 (blue) l1 (white) lc notes: 1. all dimensions in mm [inch] 2. general tolerance: x.x= ` 0.4 x.xx= ` 0.25 3. term. nos. for reference only. 4. rating: 100ma @ 12vdc 5. contact material: gold plated 6. contact resistance: 200 milli-ohm max. 7. insulation resistance: 500vdc, 100 mega-ohm min. 8. operating force: 250 ` 100gf 9. mechancial life: 1,000,000 cycles 10. operating temp: -20 ~ c to +70 ~ c 11. led colors: white - blue 12. travel: 4.50mm0.20 13. 2002/95/ec (rohs) compliant 14. denotes critical parameter. led schematic 12.00 [.472 in] 12.00 [.472 in] 12.70 [.500 in] 15.00 [.591 in] o 12.70 [.500 in] 11.50 [.453 in] 3.60 [.142 in] 6.00 [.236 in] a 18750 release for production 1/29/10 blr circuit: spst 1 2 1 2 1 2 l1 l2 lc l1 l2 lc 12.70 [.500 in] 6.35 [.250 in] 2.54 [.100 in] 5.08 [.200 in] 7.62 [.300 in] 4.50 [.177 in] 6.35 [.250 in] 5.00 [.197 in] n 1.30 [.051 in] n .70 [.028 in] n .80 [.031 in] 12.70 [.500 in] pcb layout l1 l2 1 2 23.00 [.906 in] 6.50 [.256 in] 3.00 [.118 in] 2.60 [.102 in] .40 [.016 in] 7.62 [.300 in] b 19357 update housing, cover, plunger 11/08/10 bma c 21454 change contact material to gold 5/13/14 ebp c
|