Part Number Hot Search : 
15KPA 101MC OC22T12S TC514CPJ RGP15MT M2AZ10 000001 RF840
Product Description
Full Text Search
 

To Download AEE02A48 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  north america (usa): 1-888-41-astec europe (uk): 44 (1384) 842-211 asia (hk): 852-2437-9662 2 special features electrical specs 10 watts aee01,02 ? 10 w, single output ? 2:1 input range ? 1.0" x 2.0" x 0.33 case ? replaces aa10b ? industry standard package ? low profile ? low cost operating base temperature range: -25c to +95c storage temperature: -40c to +105c mtbf: 3 million hours (belcore tr332) ul ul1950 recognition csa csa22.2-950 recognition tuv en60950 recognition input input range 18 to 36 vdc 36 to 72 vdc efficiency 79% typical (5v) output voltage tolerance 1.0% (2.0% for 3.3v) overall regulation 1% max noise/ripple 1% (mv p-p) transient response 200 usec typical (50% step load change to within 5%vo) temperature regulation 0.02 %vo/c switching frequency 330khz isolation i/o isolation 500 vdc isolation resistance 300 mohms total power: 10 watts input voltages: 48v, 24v no. of outputs: single environmental safety
europe astec house, waterfront business park merry hill, dudley west midlands, dy5 1lx, uk telephone: 44 (1384) 842-211 facsimile: 44 (1384) 843-355 americas 5810 van allen way carlsbad, ca 92008 telephone: 760-930-4600 facsimile: 760-930-0698 3 ordering information www.astec.com rev:july 03 asia units 2111-2116, level 21 tower1, metroplaza 223, hing fong road fwai fong, new territories hong kong telephone: 852-2437-9662 facsimile: 852-2402-4426 input output efficiency model number voltage voltage 18-36 v 3.3 @ 2.5 a 76% aee02f24 18-36 v 5.0 @ 2.0 a 78% aee02a24 18-36 v 8.0 @ 1.25a 78% aee01l24 18-36 v 12.0 @ 0.84 a 82% aee00b24 18-36 v 15.0 @ 0.67 a 82% aee00c24 36-72 v 3.3 @ 2.5 a 77% aee02f48 36-72 v 5.0 @ 2.0 a 79% AEE02A48 36-72 v 8.0 @ 1.25 a 77% aee01l48 36-72 v 12.0 @ 0.84 a 84% aee00b48 36-72 v 15.0 @ 0.67 a 86% aee00c48 notes: 1. 20 mhz bandwidth. an external 0.1 uf ceramic capacitor is recommended to be placed from +v out to comm. 2. all specifications are typical at nominal line, full load, and 25c unless otherwise noted. 3. all specifications subject to change without notice. 4. mechanical drawings are for reference only. mechanical dimensions and pin assignments


▲Up To Search▲   

 
Price & Availability of AEE02A48

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X