Part Number Hot Search : 
2BT3N OFC1210 P2010 L7809 EM55002 1008D BRF13N50 P2010
Product Description
Full Text Search
 

To Download ACP-4000BP-30CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acp-4000 quiet 4u rackmount chassis with visual & audible alarm notifcation ? supports either an atx motherboard or picmg backplane with up to 15 slots ? shock-resistant disk drive bay design holds up to three 5.25" and one 3.5" disk drives ? led indicators and alarm notifcation for system fault detection ? low noise system fans ? built-in intelligent system module enables whole system fan control and remote manageability specifcations drive bay external 3.5" 1 5.25" 3 cooling fan 2 (12 cm / 85 cfm each) air filter yes front i/o interface usb 2.0 2 ps/2 1 miscellaneous led indicators power, hdd, temperature, fan, and power voltage status rear panel backplane version: one 9-pin d-sub opening motherboard version: five 9-pin d-sub & one 25-pin d-sub openings intelligent system module remote monitoring cpu/system fan speed , cpu/system temperature , motherboard voltage (only selected advantech mbs/cpu cards with wise-paas/rmm installed can fully enable these functions, check with advantech local rep. for detailed information.) environment operating non-operating temperature 0 ~ 40 c (32 ~ 104 f) -20 ~ 60 c (-4 ~ 140 f) humidity 10 ~ 85% @ 40 c, non-condensing 10 ~ 95% @ 40 c, non-condensing vibration (5 ~ 500 hz) 1 grms 2 g shock 10 g (with 11 ms duration, half sine wave) physical characteristics dimensions (w x h x d) 482 x 177 x 479 mm (19" x 7" x 18.9") weight 15.2 kg (33.5 lb) two 85 cfm cooling fans three 5.25" drive bays (devices not included) system reset button alarm reset button ps/2 keyboard connector usb one 3.5" drive bay power switch front view last updated: 18-aug-2017 all product specifications are subject to change without notice. industrial chassis features
acp-4000 ordering information part number power supply wattage switch type backplane version acp-4000bp-00ce na - atx ACP-4000BP-30CE ps8-300atx-zbe 300w atx acp-4000bp-40ce ps8-400atx-ze 400w atx acp-4000bp-50ce ps8-500atx-ze 500w atx mother board version acp-4000mb-00ce na - atx acp-4000mb-30ce ps8-300atx-zbe 300w atx acp-4000mb-40ce ps8-400atx-ze 400w atx acp-4000mb-50ce ps8-500atx-ze 500w atx acp-4000mb-50rce rps8-500atx-xe 500w (1+1) redundant atx power supply options (for detailed power supply specs, please refer to chapter 13) part number 80 plus grade wattage type input rps8-350atx-xe gold 350w 1+1 redundant ac 100 ~ 240 v (full range) rps8-500atx-xe bronze 500w 1+1 redundant ac 100 ~ 240 v (full range) ps-300atx-dc48e n/a 300w single dc -48 v optional accessories part number description 1700006915 atx 24p/20p + 4p + 8p 60cm cable (connecting from power supply to alarm board) 1700006917 two mini din (connect to mb) / 6p (connect to front i/o board) ps2 kb/mouse cable ipc-dt-5230e mobile rack for converting dual 5.25" drive bays to three 3.5" sata hdd trays * if users use aimb-763 or 3rd party motherboard, they need to purchase 1700006915 or 1700006916 for the front voltage leds to function normally. and they also need to purchase 1700006917 to make front ps/2 function normally. * if users use asmb-822, they need to purchase 1700006915 for the front voltage leds to function normally. spare parts part number description 2130006147s000 door flter 97.6 x 36.6 x 5 mm 2130004803s000 fan flter 115 x 195 x 5 mm dimensions unit: mm [inch] 468.0 [18.43] 426.0 [16.77] 523.1 [20.59] 478.6 [18.84] 98.0 [3.86] 92.0 [3.62] 92.0 [3.62] 92.0 [3.62] 86.4 [3.40] 482.1 [18.98] 177.0 [6.97] 101.6 [4.00] 172.7 [6.80] www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of ACP-4000BP-30CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X