Part Number Hot Search : 
BAS70 NTE5536 0CTFP LVC00A C1446 GRM31MR PC2508 PC1002
Product Description
Full Text Search
 

To Download 5218NHH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc axial compact fan 5218 nhh ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com nominal data type 5218 nhh nominal voltage vdc 48 nominal voltage range vdc 36 .. 60 speed min -1 4900 power input w 18 min. ambient temperature c -20 max. ambient temperature c 65 air flow m 3 /h 340 sound power level b 6.6 sound pressure level db(a) 58 ml = max. load me = max. efficiency rfa = running at free air cs = customer specs cu = customer unit subject to alterations web data sheet d page 1 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
dc axial compact fan 5218 nhh technical features dimensions 127 x 127 x 38 mm general description particular design features: optional vario-pro: highly flexible software configuration for the fan ensures an easily customisable solution to meet the individual requirements of your application. general features: material: fibreglass-reinforced plastic. impeller pa, housing pbt. electronic commutation completely integrated. protected against reverse polarity and locking. connection via single strands awg 22, tr 64, bared and tin-plated. air exhaust over bars. direction of rotation counter-clockwise seen on rotor. mass: 310 g. connection line single strands awg 22, tr 64, bared and tin-plated. direction of rotation left, looking at rotor direction of air flow air exhaust over bars bearing ball bearings lifetime l10 at 40 c 45000 h lifetime l10 at maximum temperature 25000 h mass 0.310 kg housing material fiberglass-reinforced pbt plastic material of impeller fiberglass-reinforced pa plastic motor protection protected against reverse polarity and locking. web data sheet d page 2 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
dc axial compact fan 5218 nhh product drawing web data sheet d page 3 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com
dc axial compact fan 5218 nhh charts: air flow web data sheet d page 4 of 4 ebm-papst st. georgen gmbh & co. kg hermann-papst-stra?e 1 d-78112 st. georgen phone +49 7724 81-0 fax +49 7724 81-1309 info2@de.ebmpapst.com www.ebmpapst.com 0 40 80 120 160 200 100 50 100 p f 150 200  m3/h pa v ? 200 300   cfm 0,8 0,6 0,4 0,2 (in h o) 2


▲Up To Search▲   

 
Price & Availability of 5218NHH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X