Part Number Hot Search : 
1609012 74HCT190 4C7V5 LT551 LN476YPX 002000 MC33363 C4020
Product Description
Full Text Search
 

To Download 510109204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .046 compliant pin typ. 84 plcs. tin plated see note 3 2. bag (2) m2 x 8 pan head phillips screw & (2) m2 hex nuts included with header 5. see sheet 2 for note. of nickel 3. header contact pins plated 30 min. microinches of gold over 100 min. microinches of nickel. the compliant pins plated 100-200 microinches of tin over 50 min. microi nches 6. see sheet 2 for note. 4. continuous max. carry current 5 amps dwg.no. rev description revisions date engr a do not scale drawing b c d a b c d 4 3 2 1 4 3 2 1 b notes: 1. for application use & care information consult v pc users guide @www.vpc.com j shand 9/9/2014 ecn #5477 10/12/2009 c inches dimensions are shown as: 510109204 sheet 1 of 2 rev provided. consult with virginia panel corporation e ngineering if more detail is required. 510109204 customer drawing www.vpc.com b module hdr 84 position 18117 cage code size virginia panel corporation 3:1 scale: or disclosed in whole or in part for any purpose ot her than to maintain the equipment and is submittedfor use by the customer only. the d ata shall not be duplicated, used, the information contained herein is the exclusive p roperty of virginia panel corporation [millimeters] rt ang comp pin 1.12 28.40 .59 14.86 3.12 .12 typ. .70 17.65 .10 2.54 .12 3.05 thru .09 2 plcs. typ. 2.38 46.86 1.85 .53 37.97 1.50 13.46 .05r 1.27 typ. 42.39 1.67 17.27 .68 .15 3.81 locator boss dim. @base typ. 2 plcs 1.85 .56 14.10 3.18 .13 .07 1.74 44.07 contact pins .025 [0.64] sq. posts gold plated see note 3
1 pcb layout and mounting compliant pin module header 84 positon right angle with complian t pin ab e df c 14 18117 a b c d a b c d 4 3 2 1 4 3 2 1 rev b 2 of 2 and is submitted for use by the customer only. the data shall not be duplicated, used, or 510109204 510109204 dwg.no. cage code sheet 2:1 scale: size c 5. for application use and care information consult vpc users guide @ www.vpc.com the information contained herein is the exclusive p roperty of virginia panel corporation disclosed in whole or in part for any purpose other than to maintain the equipment provided. do not scale drawing customer drawing - customer drawing - custome r drawing notes: 6. recommended pcb layout connector mounts this side board thickness = [1.57] .062 or [2.29] .090 dimension tolerance = .[.13].005 unless otherwise specified location optional screening and optional marking outline header perimeter b a c b a .006 c 13.41 .528 + 2 plcs. mounting boss unplated thru hole typ. .002 .072 0.05 2 plcs. unplated mounting screw typ. thru hole .100 .001- 0.05 3.12 3.76 .148 42.39 1.669 44.07 1.735 46.86 1.845 .002 .123 3.76 5.51 typ. .217 .148 .050r 0.97 1.09 (hasl) tin/lead plated typ. 84 plcs. plated thru hole .038 .043 1.300 33.02 13 eq. spcs@.100[2.54] 17.78 .700 both sides pad .002 .062 14.05 .002 .500 5 eq. spcs. @ .100 [2.54] 12.70 .553 .033 0.84 2 module layout for 310130101 receiver 1.950 49.53


▲Up To Search▲   

 
Price & Availability of 510109204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X