Part Number Hot Search : 
ST2204 ST19WP18 SMLJ40CA ADG467 HI576605 766104 EMK23 TND517VS
Product Description
Full Text Search
 

To Download 50SMDJ54CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shanghai semitech semiconductor co., ltd 5.0smdj series 5 00 0 w surface mount transient voltage su p pressors features l peak power d issipation 5 0 0 0 w @10 x 100 0 us pulse l low profile p ackage. l excellent clamping c apability. l glass passivated j unction. l typical i r le ss than 5 ua when v br above 2 2v. l fast r esponse t ime : t ypically less than 1.0 ps from 0 volts to bv min l iec 61000 - 4 - 2 esd 30kv(air), 30kv(contact) l esd protection of data lines in accordance with iec 61000 - 4 - 2 l eft protection of data lines in accordance with iec 61000 - 4 - 4 l ha logen free and rohs compliant l lead - free finis h mecha nical characteristics l case: smc ( do - 214ab ) molded plastic over glass passivated junction. l mounting position: any l polarity: by cathode band denotes uni - directional device, none cathode band denotes bi - directional device. l terminal: solder plated maximum ratings and characteristics @ 25 c ambient temperature (unless otherwise noted) parameter symbo l value units peak pulse power dissipation on 10/1000 us waveform (note 1 , 2, fig.1 ) p p pm 50 0 0 w power dissipation on infinite heat sink at t l =50c p d 6.5 w peak pulse current of on 10/1000us waveform (note 1, fig.3) i ppm see table 1 a peak forward surge current, 8.3ms single half sine - wave (note 2. 3) i fsm 300 a operating junction temperature range t j - 55 to 150 c storage temperature range t stg - 55 to 150 c notes: 1. non - repetitive current pulse, per fig.3 and derated above t a =25 c per fig.2. 2. mounted on 8 .0 x8 .0 mm 2 (0.03mm thick) copper pads to each terminal. 3. measured on 8.3 ms single half sine - wave, or equivalent square wave, for unidirectional device only. rev. 2.0, 15 - nov. - 16 www.semitech . cn smc bi - directional uni - directional cathode anode
5.0smdj series rev. 2.0, 15 - nov. - 16 www.semitech . cn electrical specification @ tamb 25 c type number marking reverse stand - off voltage breakdown voltage min. @i t breakdown voltage max. @ i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) 5.0 sm d j 12a 5.0 sm d j 12 c a 5pep 5 b ep 12 .0 13.3 0 14.7 0 1 0 19.9 252.00 800 5.0 sm d j 13 a 5.0 sm d j 13 c a 5peq 5beq 13 .0 14.4 0 15.9 0 10 21.5 233.00 5 00 5.0 sm d j 14 a 5.0 sm d j 14 c a 5per 5ber 14 .0 15.6 0 17.2 0 10 23.2 216.00 200 5.0 sm d j 15a 5.0 sm d j 15 c a 5pes 5 b es 15 .0 16.7 0 18.5 0 1 24.4 205.00 100 5.0 sm d j 16a 5.0 sm d j 16 c a 5pet 5 b et 16 .0 17.8 0 20.5 0 1 26.0 193.00 50 5.0smdj17a 5.0smdj17ca 5peu 5beu 17 .0 18.9 0 20.9 0 1 27.6 181.00 20 5.0 sm d j 18a 5.0 sm d j 18 c a 5pev 5 b ev 18 .0 20.0 0 22.1 0 1 29.2 172.00 10 5.0 sm d j 20a 5.0 sm d j 20 c a 5pew 5 b ew 20 .0 22.2 0 24.5 0 1 32.4 155.00 5 5.0 sm d j 22a 5.0 sm d j 22 c a 5pex 5 b ex 22 .0 24.4 0 26.9 0 1 35.5 141.00 5 5.0 sm d j 24a 5.0 sm d j 24 c a 5pez 5 b ez 24 .0 26.7 0 29.5 0 1 38.9 129.00 5 5.0 sm d j 26a 5.0 sm d j 26 c a 5pfe 5 b fe 26 .0 28.9 0 31.9 0 1 42.1 119.00 5 5.0 sm d j 28a 5.0 sm d j 28 c a 5pfg 5 b fg 28 .0 31.1 0 34.4 0 1 45.4 110.00 5 5.0 sm d j 30a 5.0 sm d j 30 c a 5pfk 5 b fk 30 .0 33.3 0 36.8 0 1 48.4 103.00 5 5.0 sm d j 33a 5.0 sm d j 33 c a 5pfm 5 b fm 33 .0 36.7 0 40.6 0 1 53.3 93.90 5 5.0smdj 36a 5.0smdj 36ca 5pfp 5bfp 36 .0 40.0 0 4 4.2 0 1 58.1 86.10 5 5.0smdj 40a 5.0smdj 40ca 5pfr 5bfr 40 .0 44.4 0 49.1 0 1 64.5 77.60 5 5.0smdj 43a 5.0smdj 43ca 5pft 5bft 43 .0 47.8 0 5 2.8 0 1 69.4 72.10 5 5.0smdj 45a 5.0smdj 45ca 5pfv 5bfv 45 .0 50.0 0 5 5.3 0 1 72.7 68.80 5 5.0smdj 48a 5.0smdj 48ca 5pfx 5bfx 48 .0 53.3 0 58.9 0 1 77.4 64.70 5 5.0smdj 51a 5.0smdj 51ca 5pfz 5bfz 51 .0 56.7 0 6 2.7 0 1 82.4 60.70 5 5.0smdj 54a 5.0smdj 54ca 5pge 5bge 54 .0 60.0 0 6 6.3 0 1 87.1 57.50 5 5.0smdj 58a 5.0smdj 58ca 5pgg 5bgg 58 .0 64.4 0 7 1.2 0 1 93.6 53.50 5 5.0smdj 60a 5.0smdj 60ca 5pgk 5bgk 60 .0 66.7 0 7 3.7 0 1 96.8 51.70 5 5.0smdj 64a 5.0smdj 64ca 5pgm 5bgm 64 .0 71.1 0 78.6 0 1 103 .0 48.60 5 5.0smdj 70a 5.0smdj 70ca 5pgp 5bgp 70 .0 77. 8 0 8 6.0 0 1 113 .0 44.30 5 5.0smdj 75a 5.0smdj 75ca 5pgr 5bgr 75 .0 83.0 0 9 2.1 0 1 121 .0 41.40 5 5.0smdj 78a 5.0smdj 78ca 5pgt 5bgt 78 .0 86.0 0 9 5.8 0 1 126.0 39.70 5 5.0smdj 85a 5.0smdj 85ca 5pgv 5bgv 85 .0 94.0 0 10 4.0 0 1 137.0 36.50 5 5.0smdj 90a 5.0smdj 90ca 5pgx 5bgx 90 .0 100 .00 11 1.0 0 1 146.0 34.30 5 5.0smdj 100a 5.0smdj 100ca 5pgz 5bgz 100 .0 111 .00 12 3.0 0 1 162.0 30.90 5 5.0smdj 110a 5.0smdj 110ca 5phe 5bhe 110 .0 122 .00 1 35.0 0 1 177.0 28.30 5 5.0smdj 120a 5.0smdj 120ca 5phg 5bhg 120 .0 133 .00 1 47.0 0 1 193.0 26.00 5 5.0smdj 130a 5.0smdj 130ca 5phk 5bhk 130 .0 144 .00 1 59.0 0 1 209.0 24.00 5 5.0smdj 150a 5.0smdj 150ca 5phm 5bhm 150 .0 167 .00 1 85.0 0 1 243.0 20.60 5 5.0smdj 160a 5.0smdj 160ca 5php 5bhp 160 .0 178 .00 197.0 0 1 259.0 19.30 5 5.0 sm dj 170a 5.0smdj 170ca 5phr 5bhr 170 .0 189 .00 209.0 0 1 275.0 18.20 5 for bi - directional type having v rwm of 2 0 volts and less, the i r limit is double . for parts without a, the vbr is 10% and vc is 5% higher than with a parts.
5.0smdj series rev. 2.0, 15 - nov. - 16 www.semitech . cn i - v curve characteristics p ppm peak pulse power dissipation - max power dissipation v rwm reverse stand - off voltage - maximum voltage that can be applied to tvs without operation v br breakdown voltage C maximum voltage that flows though the tvs at a specified current (i t ) v c clamping voltage C peak voltage measured across the tvs at a specified i ppm (peak impulse current) i r reverse leakage current C current measured at v r v f forward voltage drop for uni - directional ratings and characteristic curves ( t a =25 c unless otherwise noted ) fig.1 - peak pulse power rating fig.2 - pulse derating cure bi - directional un i - directional
5.0smdj series rev. 2.0, 15 - nov. - 16 www.semitech . cn fig.3 C pulse waveform fig . 4 - typical junction capacitance package outline dimensions and pad layouts do - 214a b (sm c ) d im millimeters inches min max min max a 6.60 7.11 0.260 0.280 b 5.59 6.22 0.220 0.245 c 2.90 3.20 0.114 0.126 d 0.125 0.305 0.006 0.012 e 7.75 8.13 0.305 0.320 f ---- 0.203 ---- 0.008 g 2.06 2.62 0.079 0.103 h 0.76 1.52 0.030 0.060


▲Up To Search▲   

 
Price & Availability of 50SMDJ54CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X