Part Number Hot Search : 
FES2B M85049 RT9503A EGA64 2SA16 1N5405GM TA0836A A0LMAI
Product Description
Full Text Search
 

To Download 1990000505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ark-5261 intel ? celeron ? processor j1900 fanless embedded box pc with pci/pcie expansion and dual mobile hdds/ssds ? sealed construction with fanless operation, supports intel ? celeron ? processor j1900 up to 2.41 ghz ? supports 2 giga lan and 1 usb 3.0 + 5 usb 2.0 ? support 4 rs-232/422/485 with auto-fow control and com 1 & 2 port with 5v/12v power ? built-in 1 x pcie, and 2 x pci expansion slots or 3 x pci expansion slots ? support 4 rs-422/485 isolation module type ? rubber anti-vibration card-holder for pc expansion boards ? supports wide power range of 9 ~ 30v dc input ? support wide range operating temperature of -20 ~ 60 c ? supports susiaccess and embedded software apis specifcations processor system cpu intel ? celeron ? processor j1900 2.0ghz max. speed 2.41 ghz bios ami 16 mbit spi bios memory technology dual channel ddr3l-1333 (low power 1.35v) max. capacity build-in 4gb memory, up to 8gb socket 2x 204-pin so-dimm graphics chipset chipset integrated intel hd graphic vram shared system memory up to 224 mb sdram interface vga: 2560 x 1600 @ 60hz ethernet lan1 10/100/1000 mbps gigalan controller, intel i211, supports wake on lan lan2 10/100/1000 mbps gigalan controller, intel i211, supports wake on lan audio interface line-out, mic-in io interface serial ports standard type: 4x rs-232/422/485, com 1 & com 2 with 5v/12v power, support auto-fow control (ark-5261s-j0a1e) isolation type: 4x rs-422/485 ports; esd protection: 15kv, surge production: 2kv, electrical isolation: 2kv (ark-5261i-j0a1e) usb interface 1 x usb 3.0, 4 x usb 2.0, 1 internal type a usb 2.0 keyboard/mouse 1 x ps/2 port, supports ps/2 mouse and keyboard parallel port supports d-sub 25-pin connector digital i/o supports 8-bit digital io (db9 connector) other watchdog timer 255-level timer interval, setup by software storage hdd/ssd supports two drive days space for sata hdd/ssd 2.5 (9.5mm height only) msata support one msata storage and shard with sata 2 expansion pci/pcie slot 2 pci slot, and 1 pciex1 slot (akr-5261s-j0a1e & ark-5261i-j0a1e) 3 pci slot, and 1 mini-pcie socket (full size) (ark-5261p-j0a1e) supports maximum 15w power for expansion supports maximum dimension of 99 mm (width) x 186 mm (length) for expansion pc board software support microsoft windows windows 7/8.1, win7/8.1 embedded, linux fedora 19 power requirement power type atx / at power input voltage 9 ~ 30 v dc minimum power input 9v @ 6.6a ~ 30v @ 2a power adapter ac-to-dc, 65 w dc19 v/3.4 a power consumption idle 9.9 w (with intel ? celeron ? processor j1900 2.0ghz and with memory & sata hdd) max. 12.9 w (with intel ? celeron ? processor j1900 2.0ghz and with memory & sata hdd) mechanical construction aluminum housing mounting desk/wall-mounting dimensions (w x h x d) 137 x 189 x 221 mm (5.39" x 7.44" x 8.70") weight 4.2 kg (9.24 lbs) environment temperature operating (with industry ssd) -20 ~ 60 c with 0.7m/sec air fow (with 2 x industrial ssd without pc expansion boards) operating (with hdd) 0 ~ 40 c with 0.7m/sec air fow (with 1 x 2.5" hdd or msata without pc expansion boards) non-operating - 40 ~ 85 c (-40 ~185 f) storage temperature - 40 ~ 85 c (-40 ~185 f) relative humidity 95% @ 40 c (non-condensing) vibration loading during operation with 2.5-inch hdd: 1 grms, iec 60068-2-64, random, 5 ~ 500 hz, 1 oct./min, 1 hr/axis with ssd disk: 5 grms, iec 60068-2-64, random, 5 ~ 500 hz, 1 oct./min, 1 hr/axis emc ce/fcc, ccc, bsmi safety certifcations ccc, bsmi ark-5261s ark-5261p ? u l all product specifications are subject to change without notice last updated : 30-sep-2015 modular ipc features
dimensions unit: mm ark-5261 ordering information part number vga usb3.0/2.0 gbe rs-232 rs-422/485 ps/2 pcie exp pci exp power ark-5261s-j0a1e 1 1 +5 2 4 4 1 1(x1) 2 dc9 ~ 30v ark-5261p-j0a1e 1 1 +4 2 4 4 1 x (mini-pcie) 3 dc9 ~ 30v ark-5261i-j0a1e 1 1 +5 2 4 4 1 1(x1) 2 dc9 ~ 30v optional items part number description 1700021831-01 dp to dvi-d cable w/bkt pca-tpm-00a1e tpm module 96psa-a120w24t2 adp a/d 100-240v 120w 24v 1702002600 power cord 3p ul/csa(usa) 125v 10a 1.83m 180d (for 120w) 1700022940-01 power cord pse 7a 125v 3p 3m dac-st01 (for 120w) 1702002605 power cord 2p france 10a/16a 220v 1.83m 90d (for 120w) 96psa-a65w19p2-2 adp a/d 100-240v 65w 19v wo/pfc 1700001524 power cord 3p ul 10a 125v 180cm (for 65w) 170203183c power code 3p europe (ws-010+ws-083)183cm (for 65w) 1700021376-01 power cord 3p pse 7a 125v 250cm(iec60320-c5) (for 65w) embedded os part number description 2070013108 img we8s ark-5261 x64 v6.5.2 10mui; sap 2070013109 img wes7p ark-5261 x64 v.5.6.6 10mui ;sap front view rear view vga lan 1 lan 2 k/b &mouse power dc input usb 3.0 usb 1~4 digital i/o lpt hdd status hdd1 hdd2 line out mic in com 1 com 2 com 3 com 4 packing list part number description - 1x ark-5261 unit 2061526100 1 x driver/utility cd/manual 2001526110 startup manual (english/simple chinese) 1960049826n001 1 x mounting bracket upper 1960049827n001 1 x mounting bracket lower 1990000505 3 x shock proof rubber 2001526120 startup manual (cht) 240.97 234.07 221 90 137 11 ?5 189 215 234 90 120 ?5 www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of 1990000505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X