Part Number Hot Search : 
Z5233 YG865C08 110220 1100P KJ04BB 1100P JE310 32EDE
Product Description
Full Text Search
 

To Download 1725018002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/30/2017 please check www.molex.com for latest part information part number: 1725018002 status: active overview: zsfp+ interconnect system description: zsfp+ stacked ganged assembly with metal spring fingers, 2-by-8, with enhanced airflow, 320 circuits documents: drawing (pdf) product specification ts-170071-0001-001 (pdf) product specification ps-170071-0001 (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 172501 application module-to-board component type receptacle overview zsfp+ interconnect system product name zsfp plus, zsfp+ type n/a upc 889056079679 physical circuits (loaded) 320 color - resin black durability (mating cycles max) 100 gender female lock to mating part yes material - metal high performance alloy (hpa) material - plating mating gold material - plating termination matte tin material - resin high performance thermoplastic net weight 153.860/g number of rows 2 orientation right angle pc tail length 1.70mm pcb locator yes pcb retention yes pcb thickness - recommended 1.57mm packaging type tray panel mount no pitch - mating interface 0.80mm pitch - termination interface 0.80mm plating min - mating 0.762m plating min - termination 0.762m polarized to mating part yes polarized to pcb yes ports 16 surface mount compatible (smc) no temperature range - operating -40c to +85c termination interface: style through hole - compliant pin electrical current - maximum per contact 0.5a shield type emi fingers shielded yes voltage - maximum 30v ac (rms)/dc solder process data series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 172501 series
lead-freeprocess capability n/a material info reference - drawing numbers electrical model document ee-170071-0001 product specification ps-170071-0001, ts-170071-0001-001 s-parameter model sp-170426-1000 sales drawing sd-172501-0002 this document was generated on 11/30/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1725018002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X