Part Number Hot Search : 
T7300 T7300 LV432 LN524GK T7300 SDD10N04 167BZX 014014
Product Description
Full Text Search
 

To Download 0831521 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/pi/products/0831521 09/06/2018???page? 1 ?/? 2 cable marker?-?ls-wmtb-v4a (d30)?-?0831521 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) cable marker, stainless steel label, silver, unlabeled, can be labeled with: topmark laser, topmark?neo, mounting type: assembly with cable binders, cable diameter: > 2.9 mm, lettering field size: d 30 mm why buy this product ?stainless steel cable marking for assembly with cable binders ?high-quality appearance ?suitable for large-surface marking of conductors and cables > 2.9 mm in diameter key commercial data packing unit 5 stk gtin gtin 4046356925310 technical data dimensions length (b) 30 mm width (a) 30 mm material thickness (g) 0.50 mm ambient conditions ambient temperature (operation) -80 c ... 400 c general color silver type card form components free from silicone, halogen, and cadmium material v4a rohs compliant yes wipe resistance din en 61010-1 (vde 0411-1)
https://www.phoenixcontact.com/pi/products/0831521 09/06/2018???page? 2 ?/? 2 cable marker?-?ls-wmtb-v4a (d30)?-?0831521 technical data general number of individual labels 20 printability direct laser marking device 0831831 topmark laser test for substances that would hinder coating with paint or varnish vw pv 3.10.7:2005-02 result test passed test specification weathering-resistance following iso 4892-2:2013-03 test duration 96 h wipe resistance test result test passed salt spray test specification din?en?60068-2-11:2000-02 test duration 96 h salt spray testing result test passed alternating condensation climate with so2 test specification following din?50018:2013-05 climate level aht 1.0 s cycles 2 condensation test result test passed wipe resistance of test specification inscriptions din en 61010-1 (vde 0411-1):2011-07 result test passed marking mounting type assembly with cable binders standards and regulations wipe resistance din en 61010-1 (vde 0411-1) phoenix contact 2018 ? - all rights reserved http://www.phoenixcontact.com phoenix contact gmbh & co. kg flachsmarktstr. 8 32825 blomberg germany tel. +49 5235 300 fax +49 5235 3 41200 http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 0831521

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X