Part Number Hot Search : 
BR1510 BY8210 2N2828 BA857 SE5561F SV992AIY 15700 MVCO1
Product Description
Full Text Search
 

To Download 04-06100SS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new new new new new new new new new new new new 6 nte electronics, inc.  voice (973) 748 ? 5089  fax (973) 748 ? 6224  http://www.nteinc.com stainless steel cable ties features ? industry standard type 304 ? lock ball style ? rohs compliant ? maximum temperature: +1472  f (+800  c) ideal applications ? harsh, corrosive, and salt ? water environments, chemical and radiation exposure, food processing and vibrating equipment width thickness length wt ? 08 100 lb. stainless steel nte type no. tensile strength length width thickness max. bundle dia. qty. per bag diag no. 04 ? 06100ss 100 lb. 5.9 / 150 .180 / 4.6 .012 / .305 1.38 / 35.052 100 wt ? 08 04 ? 09100ss 100 lb. 9.45 / 240 .180 / 4.6 .012 / .305 2.17 / 55.118 100 wt ? 08 04 ? 14100ss 100 lb. 13.78 / 350 .180 / 4.6 .012 / .305 3.54 / 89.916 100 wt ? 08 150 lb. stainless steel nte type no. tensile strength length width thickness max. bundle dia. qty. per bag diag no. 04 ? 06150ss 150 lb. 5.9 / 150 .315 / 8.0 .012 / .305 1.38 / 35.052 100 wt ? 08 04 ? 09150ss 150 lb. 9.45 / 240 .315 / 8.0 .012 / .305 2.17 / 55.118 100 wt ? 08 04 ? 12150ss 150 lb. 11.81 / 300 .315 / 8.0 .012 / .305 2.86 / 72.644 100 wt ? 08 04 ? 14150ss 150 lb. 13.78 / 350 .315 / 8.0 .012 / .305 3.54 / 89.916 100 wt ? 08 04 ? 20150ss 150 lb. 19.69 / 500 .315 / 8.0 .012 / .305 5.91 / 150.114 100 wt ? 08 04 ? 24150ss 150 lb. 23.62 / 600 .315 / 8.0 .012 / .305 6.69 / 169.926 100 wt ? 08 250 lb. stainless steel nte type no. tensile strength length width thickness max. bundle dia. qty. per bag diag no. 04 ? 08250ss 250 lb. 7.87 / 200 .455 / 13.0 .015 / .381 1.97 / 50.038 100 wt ? 08 04 ? 14250ss 250 lb. 13.78 / 350 .455 / 13.0 .015 / .381 3.54 / 89.916 100 wt ? 08 04 ? 20250ss 250 lb. 19.69 / 500 .455 / 13.0 .015 / .381 5.91 / 150.114 100 wt ? 08 note 1. dimensions are listed as ?inch / millimeter?. cable tie convenience packs features ? 3 convenient sizes in 1 package ? saves time with 3 easy access doors ? no more sorting. individual compartments eliminates time spent searching through various sizes in a canister ? easy storage package designed to fit into tool boxes or hang on peg boards ? exceptional value compared to purchasing items separately cable tie convenience packs nte type no. color quantity part number tie type length (in. / mm) width (in. / mm) mil spec 04 ? cpblk black 200 04 ? 04180 18 lb. miniature 4.12 / 104.77 .095 / 2.413 ms3367 ? 4 black 100 04 ? 07500 50 lb. standard 7.56 / 192.07 .180 / 4.572 ms3367 ? 1 black 100 04 ? 11500 50 lb. standard 11.25 / 285.75 .180 / 4.572 ms3367 ? 7 04 ? cpnat natural 200 04 ? 04180 18 lb. miniature 4.12 / 104.77 .095 / 2.413 ms3367 ? 4 natural 100 04 ? 07500 50 lb. standard 7.56 / 192.07 .180 / 4.572 ms3367 ? 1 natural 100 04 ? 11500 50 lb. standard 11.25 / 285.75 .180 / 4.572 ms3367 ? 7


▲Up To Search▲   

 
Price & Availability of 04-06100SS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X