Part Number Hot Search : 
P1000B 4VHC1G 2NK90Z B1300 1N5386 D13AN KBPC2514 KBPC2514
Product Description
Full Text Search
 

To Download 0015474037-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/31/2017 please check www.molex.com for latest part information part number: 0015474037 status: active overview: sl? modular connectors description: sl? single row, female, version g receptacle, 3 circuits documents: 3d model packaging specification pk-70873-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-70430-001 (pdf) agency certification csa lr19880 ul e29179 general product family ffc/fpc connectors series 70430 overview sl? modular connectors product name sl? upc 800755015485 physical circuits (loaded) 3 color - resin black contact position n/a durability (mating cycles max) 50 entry angle vertical flammability 94v-0 material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin polyester alloy net weight 0.524/g number of rows 1 orientation vertical pc tail length 3.30mm pcb retention none pcb thickness - recommended 1.60mm, 2.40mm packaging type tube pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 0.762m plating min - termination 1.905m polarized to pcb n/a stackable yes temperature range - operating -40c to +105c termination interface: style idt or pierce wire/cable type ffc/fpc electrical current - maximum per contact 1.0a, 2.0a voltage - maximum 250v material info engineering number 70430-0492 reference - drawing numbers packaging specification pk-70873-0001 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/30/2017 (7 july 2017) halogen-free status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 70430 series mates with sl? header 70541 , 70543 , 70545 , 70551 , 70553 , 70555 , 74099 , 70634 , 70107 , 70018
product specification ps-70430-001 sales drawing sda-70430-0491-0514 this document was generated on 07/31/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0015474037-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X