Part Number Hot Search : 
BVXXXX 0E226 DDA114EK MAX63 CXD9011R 40000 2SA2060 D3400N
Product Description
Full Text Search
 

To Download ZXTP25100CZ-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 1 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz 10 0v pnp medium power transistor in sot89 features ? b v ceo > - 100 v ? b v eco > - 7 v ? i c = - 1 a continuous collector current ? i cm = - 3 a peak collector current ? v ce(sat) < - 225 mv @ - 1a ? r ce(sat) = 1 55 m ? for a low equivalent on - resistance ? comp lementary npn t ype: zxtn 25100d z ? totally lead - free & fully rohs compliant (note s 1 & 2 ) ? halogen and antimony free. green device (note ? qualified to aec - q101 standards for high reliability mechanical data ? case: sot89 ? case m aterial: m olded p lastic. green m olding c ompound . ul flammability rating 94v - 0 ? moisture sen sitivity: level 1 per j - std - 020 ? terminals: finish C matte tin plated leads . solderable per mil - std - 202, method 208 ? weight: 0.05 grams (approximate) ordering information (note 4 ) product compliance marking reel size (inches) tape width (mm) quantity per reel zxtp 25 100czta aec - q101 1l7 7 12 1,000 note s: 1 . no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging det ails, go to our website at http: //www.diodes.com/products/packages.html . marking information 1l7 = product type marking code top view device s ymbol top view pin out sot89 1l7 c e c b c e b
zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 2 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz absolute maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol limit unit collector - base voltage v cbo - 115 v collector - emitter voltage v ceo - 100 v emitter - collector voltage ( reverse blocking ) v eco - 7 v emitter - base voltage v ebo - 7 v continuous collector current i c - 1 a peak pulse current i cm - 3 a base current i b - 500 m a thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation linear derating factor (note 5 ) p d 1.1 8.8 w mw/ c (note 6 ) 1.8 14.4 (note 7 ) 2.4 19.2 (note 8 ) 4.46 35.7 thermal resistance, junction to ambient air (note 5 ) r ja 1 17 c /w ? j l 7 .95 operating and storage temperature range t j, t stg - 5 5 to + 150 c esd ratings (note 1 0 ) characteristic symbol value unit jedec class electrostatic discharge C C notes: 5 . for a device mounted with the exposed collector pad on 1 5mm x 1 5mm 1oz copper that is on a single - sided 0 .6mm fr4 pcb ; device is measured under still air conditions whilst operating in a steady - state. 6 . same as note 5 , except the device is mounted on 25 mm x 25 mm 2 oz copper . 7 . same as note 5 , except the device is mounted on 50mm x 50mm 2 oz copper. 8 . same as note 7 , except the device is measured at t<5 seconds. 9 . thermal resistance from junction to solder - point (on the exposed collector pad). 1 0 . refer to jedec specification jesd22 - a114 and jesd22 - a115.
zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 3 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz thermal characteristics and derating information 100m 1 10 100 10m 100m 1 50mmx50mm fr4, 2oz cu 50mmx50mm fr4, 2oz cu single pulse t amb =25c v ce(sat) limited 100s 1ms 10ms 100ms 1s dc safe operating area -i c collector current (a) -v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.4 0.8 1.2 1.6 2.0 2.4 15mmx15mm fr4, 1oz cu 25mmx25mm fr4, 2oz cu derating curve temperature (c) max power dissipation (w)
zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 4 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz thermal characteristics and derating information (continued) 100 1m 10m 100m 1 10 100 1k 0 20 40 60 80 100 120 100 1m 10m 100m 1 10 100 1k 1 10 100 100 1m 10m 100m 1 10 100 1k 0 10 20 30 40 50 60 70 100 1m 10m 100m 1 10 100 1k 1 10 100 100 1m 10m 100m 1 10 100 1k 0 10 20 30 40 50 100 1m 10m 100m 1 10 100 1k 1 10 100 d=0.5 d=0.2 d=0.05 d=0.1 single pulse d=0.5 d=0.2 d=0.05 d=0.1 single pulse d=0.5 d=0.2 d=0.05 d=0.1 single pulse thermal resistance (c/w) thermal resistance (c/w) thermal resistance (c/w) pulse width (s) pulse width (s) transient thermal impedance single pulse t amb =25c, 15mmx15mm fr4, 1oz cu t amb =25c 15mmx15mm fr4, 1oz cu single pulse t amb =25c, 25mmx25mm fr4, 2oz cu t amb =25c 25mmx25mm fr4, 2oz cu single pulse t amb =25c, 50mmx50mm fr4, 2oz cu t amb =25c 50mmx50mm fr4, 2oz cu maximum power (w) maximum power (w) maximum power (w) pulse power dissipation pulse width (s) pulse width (s) transient thermal impedance pulse power dissipation pulse width (s) pulse width (s) transient thermal impedance pulse power dissipation
zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 5 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz e lectrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector - base breakdown voltage bv cbo - 115 - 1 80 c = - 100 a collector - emitter breakdown voltage (note 11 ) bv ceo - 100 - 140 c = - 1 0 m a emitter - collector breakdown voltage (reverse blocking) bv ecx - 7 - 8.3 e = - 1 00 a , r bc <1k? or bc > 0.25v emitter - collector breakdown voltage ( reverse blocking ) bv eco - 7 - 8.8 e = - 10 0a emitter - base breakdown voltage bv ebo - 7 - 8.4 e = - 10 0a collector - base cutoff current i cbo v cb = - 115 v v cb = - 115 v , t a = + 100c collector - emitter cutoff current i cex ce = - 90v, r be <1k? or be < 1v emitter cutoff current i ebo eb = - 5.6 v dc current transfer static ratio (note 11 ) h fe 2 00 18 0 11 0 20 35 0 32 0 190 35 500 c = - 10 ma, v ce = - 2v i c = - 1 00ma , v ce = - 2 v i c = - 500m a, v ce = - 2v i c = - 1 a, v ce = - 2v collector - emitter saturation voltage (note 11 ) v ce(sat) c = - 100m a, i b = - 1 ma i c = - 500m a, i b = - 5 0ma i c = - 500m a, i b = - 2 0ma i c = - 1 a, i b = - 1 00ma base - emitter saturation voltage (note 11 ) v be(sat) c = - 1 a, i b = - 1 00m a base - emitter turn - o n voltage (note 11 ) v be(on) c = - 1 a, v ce = - 2v transitional fr e quency f t e = - 2 0m a, v ce = - 1 5 v f = 10 0mhz input capacitance c ibo 153 e b = - 0.5 v , f = 1mhz, output c apacitance c obo c b = - 1 0 v , f = 1mhz, delay time t d c = - 5 00ma, v cc = - 10v , i b1 = - i b2 = - 50ma rise time t r s f note: 1 1 . measured under pulsed conditions. pulse width 300s. duty cycle 2%.
zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 6 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz typical electrical characteristics (@ t a = +25c, unless otherwise specified.) 1m 10m 100m 1 10m 100m 1 10m 100m 1 0.0 0.1 0.2 0.3 0.4 1m 10m 100m 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1m 10m 100m 1 0.2 0.4 0.6 0.8 1.0 1m 10m 100m 1 0.2 0.4 0.6 0.8 1.0 10m 100m 1 10 100 0 20 40 60 80 100 120 140 160 180 200 0 100 200 300 400 500 600 i c /i b =100 v ce(sat) v i c tamb=25c i c /i b =50 i c /i b =25 i c /i b =10 - v ce(sat) (v) - i c collector current (a) 100c v be(sat) v i c i c /i b =10 150c 25c -55c - v ce(sat) (v) - i c collector current (a) 150c h fe v i c v ce =2v -55c 25c 100c normalised gain - i c collector current (a) 150c 25c v ce(sat) v i c i c /i b =10 100c -55c - v be(sat) (v) - i c collector current (a) 150c v be(on) v i c v ce =2v 100c 25c -55c - v be(on) (v) - i c collector current (a) capacitance v voltage f = 1mhz cobo cibo capacitance (pf) - voltage(v) typical gain ( h fe )
zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 7 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz package outline dimensions please see http://www.diodes.com/package - outlines.html for the latest version. sot89 suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. sot89 note: for high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between device terminals and pcb tracking. sot89 dim min max typ a 1.40 ? 1.60 1.50 ? b 0.50 0.62 0.56 b1 0.42 0.54 0.48 c 0.35 0.43 0.38 d 4.40 4.60 4.50 d 1 1.62 1.83 1.733 d2 1.61 1.81 1.71 e 2.40 2.60 2.50 e2 2.05 2.35 2.20 e - - 1.50 h 3.95 4.25 4.10 h1 2.63 2.93 2.78 l 0.90 1.20 1.05 l1 0.327 0.527 0.427 z 0.20 0.40 0.30 all dimensions in mm dimensions value (in mm) c 1.500 g 0.244 x 0.580 x1 0.760 x2 1.933 y 1.730 y1 3.030 y2 1.500 y3 0.770 y4 4.530 h1 e h d1 b e c l a d 8 (4x) d2 e2 z l1 r0.200 b1 y4 x2 y1 x y y2 y3 g c x1
zxtp25100cz da tasheet number: ds33759 rev. 2 - 2 8 of 8 www.diodes.com april 2016 ? diodes incorporated zxtp25100cz important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of t his document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application , customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or fore ign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems witho ut the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices o r systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect it s safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 2016 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXTP25100CZ-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X