Part Number Hot Search : 
NDT454 T6100518 LR3865 BR350 MSS12 SST440 BDW73C T2N2222A
Product Description
Full Text Search
 

To Download WP7113SGD5V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaf2429 rev no: v.4b date: mar/30/2013 page: 1 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101010230 t-1 3/4 (5mm) solid state lamp part number: WP7113SGD5V super bright green features z low power consumption. z popular t-1 3/4 diameter package. z general purpose leads. z reliable and rugged. z long life - solid state reliability. z available on tape and reel. z 5v internal resistor. z rohs compliant. description the super bright green source color devices are made with gallium phosphide green light emitting diode. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsaf2429 rev no: v.4b date: mar/30/2013 page: 2 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101010230 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. 3. luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c note: 1.wavelength: +/-1nm. 2. wavelength value is traceable to the cie127-2007 compliant national standards. notes: 1. 2mm below package base. 2. 5mm below package base. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 WP7113SGD5V super bright gre en (gap) green diffused 15 25 30 iv (mcd) [2] v= 5v symbol parameter device typ. max. units test conditions peak peak wavelength super bright green 565 nm v f =5v d [1] dominant wavelength super bright green 568 nm v f =5v ? 1/2 spectral line half-width super bright green 30 nm v f =5v i f forward current super bright green 11.5 17.5 ma v f =5v i r reverse current super bright green 10 ua v r = 5v parameter super bright green units power dissipation 85 mw forward voltage 6 v reverse voltage 5 v operating temperature -40c to +70c storage temperature -40c to +85c lead solder temperature [1] 260c for 3 seconds lead solder temperature [2] 260c for 5 seconds
spec no: dsaf2429 rev no: v.4b date: mar/30/2013 page: 3 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101010230 super bright green WP7113SGD5V
spec no: dsaf2429 rev no: v.4b date: mar/30/2013 page: 4 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101010230 packing & label specifications WP7113SGD5V
spec no: dsaf2429 rev no: v.4b date: mar/30/2013 page: 5 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101010230
spec no: dsaf2429 rev no: v.4b date: mar/30/2013 page: 6 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp : 1101010230 all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: kingbright: ? WP7113SGD5V


▲Up To Search▲   

 
Price & Availability of WP7113SGD5V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X