Part Number Hot Search : 
IP8080A PMN38EN BZX83C22 00506 PTB20191 RC288DPI BZX85 SF0A131L
Product Description
Full Text Search
 

To Download UUA1C101MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series voltage ( j : 6.3v) capacitance lot no. capacitance lot no. a2 33 j ua plastic platform 0.3max. l 0.3 d 0.5 b 0.2 c 0.2 0.5max. a 0.2 a 0.2 e h positive negative series voltage ( v : 35v) trade mark plastic platform 0.3max. l 0.5 d 0.5 b 0.2 c 0.2 0.5max. a 0.2 a 0.2 e h positive negative a2 100v ua pressure relief vent u 1 u 2 a 3 1 4 c 5 1 6 0 7 0 8 m 9 c 10 l 11 1 12 g 13 s 14 configuration taping code capacitance tolerance ( 20%) rated capacitance (10 f) rated voltage (16v) series name ty p e d 4 to 6.3 8 10 code cl nl (mm) a b c e l h 4 5.8 1.8 4.3 4.3 1.0 5.8 0.5 to 0.8 5 5.8 2.1 5.3 5.3 1.3 5.8 0.5 to 0.8 6.3 5.8 2.4 6.6 6.6 2.2 5.8 0.5 to 0.8 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 to 1.1 d l chip type type numbering system (example : 16v 10 f) aluminum electrolytic capacitors ua series 6mml chip type, long life assurance chip type with load life of 3000 to 5000 hours at +105 c . designed for surface mounting on high density pc board. compliant to the rohs directive (2011/65/eu). specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 55 to +105c 6.3 to 50v 0.1 to 1000f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01 cv or 3 (a) , whichever is greater. black print on the case top. the specifications listed at right shall be met when the capacitors are restored to 20c after the rated voltage is applied for 5000 hours (3000 hours for d = 4, 5 and 6.3) at 105 c. after storing the capacitors under no load at 105c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. ua long life long life ul ut measurement frequency : 120hz at 20 c measurement frequency : 120hz z 25 c / z+20c z 55 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 10 3 7 6.3 4 10 16 2 5 25 2 3 35 2 3 50 2 3 rated voltage (v) tan (max.) 50 0.12 35 0.13 25 0.16 16 0.20 10 0.24 6.3 0.28 within 30% of the initial capacitance value less than or equal to the initial specified value 300% or less than the initial specified value capacitance change tan leakage current capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20c. dimension table in next page. ( 4 to 6.3) ( 8 10, 10 10 ) voltage v 6.3 10 16 25 35 50 code j acevh cat.8100c
dimensions rated ripple current (marms) at 105 c 120hz 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 102 4 5.8 5 5.8 5 5.8 6.3 5.8 6.3 7.7 8 10 10 10 10 10 22 35 38 69 120 290 320 410 5 5.8 5 5.8 6.3 5.8 6.3 7.7 8 10 10 10 10 10 30 35 50 81 141 290 320 4 5.8 5 5.8 6.3 5.8 6.3 5.8 6.3 7.7 10 10 10 10 10 10 18 30 48 50 81 216 290 320 5 5.8 6.3 5.8 6.3 5.8 6.3 7.7 8 10 10 10 10 10 27 44 50 63 116 320 450 4 5.8 5 5.8 6.3 5.8 6.3 7.7 8 10 10 10 10 10 16 27 44 57 92 151 375 4 5.8 4 5.8 4 5.8 4 5.8 4 5.8 4 5.8 4 5.8 5 5.8 6.3 5.8 6.3 7.7 8 10 8 10 10 10 1 2.6 3.2 5 8 12 17 22 32 58 140 170 310 0j 6.3 1a 10 1c 16 1e 25 1v 35 1h 50 v code cap.(f) rated ripple frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.70 1.00 1.17 1.36 1.50 ua series aluminum electrolytic capacitors taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please refer to page 3 for the minimum order quantity. case size d l (mm) cat.8100c


▲Up To Search▲   

 
Price & Availability of UUA1C101MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X