Part Number Hot Search : 
BZX55C30 J115F11 TB1251 STSR2M 100PG M29F400B 100PG 00A12
Product Description
Full Text Search
 

To Download TGAP-W6610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifications are subject to change without notice. designed for rugged excellence introduction features ? high speed air connectivity : rf in ieee 802.11 a/ b/g/n wlan interface support up to 300 mbps link speed ? dual rf for redundant wireless communication ? highly security capability: wep/wpa/wpa - psk(tkip,aes)/ wpa2/wpa2 - psk(tkip,aes)/802.1x authentication supported ? support long distance air connectivity ? support multi ple - ssid to 4 ssid ? support x - roaming < 6 0 ms ? support wireless load balance ? support external n - type antenna install ation ? support ap / client /bridge /ap - client mode ? support mac/ip/ port filter ? wireless connecting status monitoring ? secured management by https ? 1kv isolation for poe p.d. ? event warning by syslog, email, snmp trap ? rigid ip - 67 waterproof housing desig n tgap - w6610+ is a reliable outdoor wireless access point with dual rf ieee 80 2.11 a/b/g/n wireless modules and 1 ethernet gigabit port with poe p.d. . it can be configured to operate in ap/ client /bridge /ap - client mode and supports mac filters for security control. tgap - w6610+ provide s a dust - tight connection and four n - t ype connectors that can install any n - type antenna s to extend communication distance. i t is specifically designed for the toughest industrial environments. you are able to configure tgap - w6610+ by web interface v ia lan port or wlan interface. in addition, tgap - w6610+ also provides p.d. feature that is fully compliant with ieee802.3af poe p.d. specification to save the layout cost of power line. tgap - w6610+ can be easily adopted in almost all kin ds of applications and provides the most rugged solutions for managing your network in outdoor . therefore, tgap - w6610+ is one of the best communication solutions for wireless application s t gap - w6610+ series industrial en50155 dual rf in ieee 802.11 a/b/g/n ap with 1 x 10/100/1000base - t(x) poe p.d., ip - 67 grade
* all specifications are subject to change without notice. designed for rugged excellence application in practical operation of wireless access point, windows utility (open - version ) is supported. this utility is very helpful for you to search and configure ip of access point on the industrial network. in addition, the wireless access point support various kinds of operation modes include ap /dual client /bridge /ap - client mode . dimension
* all specifications are subject to change without notice. designed for rugged excellence specifications oring wlan access point model tgap - w6610+ tgap - w6610+ - m12 physical ports 10/100 /1000 base - t(x) port auto mdi/mdix 1 (rj45 ) 1 ( m12 8 - pin a - coding female ) poe p.d. port present at eth fully compliant with ieee 802.3af power d evice specification over load & short circuit protection isolation voltage: 1000 vdc min. isolation resistance : 10 8 oh ms min wlan interface operating mode dual ap/dual client /bridge /ap - client mode antenna connector 4 x external n - type female antenna connector radio frequency type dsss, ofdm modulation ieee802.11a : ofdm with bpsk, qpsk, qam , 64qam ieee802.11b: cck, dqpsk, dbpsk ieee802.11g: ofdm with bpsk, qpsk, 16qam, 64qam ieee802.11n : bpsk, qpsk, 16 - qam, 64 - qam frequency band america / fcc : 2.412~2.462 ghz (11 channels) 5.1 80~ 5. 240 ghz & 5. 745~ 5. 825 ghz ( 9 channels ) europe ce / etsi : 2.412~2.472 ghz (13 channels) 5.1 80~ 5. 240 ghz ( 4 channels) transmission rate ieee802.11b: 1 / 2 / 5.5 / 11 mbps ieee802.11 a/ g: 6 / 9 / 12 / 18 / 24 / 36 / 48 / 54 mbps ieee801.11n: up to 300mbps transmit power 802.11 a : 12 dbm 1.5dbm@54mbps 802.11b: 1 7 dbm 1.5 dbm@11mbps 802.11g: 1 6 dbm 1.5 dbm@54mbps 802.11gn ht20 : 1 5 dbm 1.5 dbm @mcs7 802.11gn ht40 : 1 4 dbm 1.5 dbm @mcs7 802.11 a n ht20 : 1 2 dbm 1.5 dbm @mcs7 802.11 a n ht40 : 1 1 dbm 1.5 dbm @mcs7 receiver sensitivity 802.11 a : - 76 dbm 2dbm @ 54 mbps 802.11b : - 8 5 dbm 2dbm @11mbps 802.11g : - 7 6 dbm 2dbm @54mbps 802.11 g n ht20 : - 75 dbm 2dbm @ mcs 7 802.11 g n ht40: - 72 dbm 2dbm @ mcs 7 802.11 a n ht20 : - 74 dbm 2dbm @ mcs 7 802.11 a n ht40: - 71 dbm 2dbm @ mcs 7 encryption security wep: (64 - bit ,128 - bit key supported) wpa / wpa2 :802.11i(wep and aes encryption) wpa psk (256 - bit key pre - shared key supported) 802.1x authentication supported tkip encryption wireless security ssid broadcast disable and enable protocol support protocol arp,bootp, dhcp, dns, http, ip, icmp, sntp, tcp, udp, radius, snmp, stp , rstp, led indicators power indicator 3 x leds, pw1/pw2 /poe green on : power is on and booting up 10/100 /1000 base - t(x) indicator 1 x leds, green for port link/act wlan led 2 x leds, green for wlan link /a ct power input power dual power inputs. 12 ~ 48 vdc on m12 5 - pin a - coding female power consumption (typ.) 11watt physical characteristic enclosure ip - 67 dimension (w x d x h) 310 (w) x 310(d) x 87 (h) (12.2 x 12.2 x 3.4 inch)
* all specifications are subject to change without notice. designed for rugged excellence weight (g) 3980g environmental storage temperature - 40 to 85 o c ( - 40 to 185 o f ) operating temperature - 25 to 70 o c ( - 13 to 1 58 o f ) operating humidity 5 to 95 % non - condensing regulatory approvals emi fcc part 15, cispr (en55022) class a , en50155 (en50121 - 3 - 2) ems en61000 - 4 - 2 (esd), en61000 - 4 - 3 (rs), en61000 - 4 - 4 (eft), en61000 - 4 - 5 (surge), en61000 - 4 - 6 (cs), en61000 - 4 - 8, en61000 - 4 - 11 shock iec60068 - 2 - 27 , en61373 free fall iec60068 - 2 - 32 vibration iec60068 - 2 - 6 , en61373 rail traffic en50155 cooling en60068 - 2 - 1 dry heat en60068 - 2 - 2 safety en60950 - 1 warranty 5 years ordering information tg a p - w a b c 0 d C ee code definition wireless - 1 mode wireless - 2 mode 10/100 /1000 base - t(x) port number poe identification connector type option - 1 : 802.11 b/g - 2 : 802.11 a - 3 : 802.11 a/ b/g - 4 : 802.11 b/g /n - 5 : 802.11 a /n - 6 : 802.11 a/ b/g /n - 1 : 802.11 b/g - 2 : 802.11 a - 3 : 802.11 a/ b/g - 4 : 802.11 b/g /n - 5 : 802.11 a /n - 6 : 802.11 a/ b/g /n - " 1 ": 1 ports + : p o e p . d . none :rj45 m12 :m12 connector model name description available model tgap - w6610 + _us industrial en50155 dual rf in ieee 802.11 a /b/g/n wireless access point with 1 x10/100 /1000 base - t(x), poe p.d., ip - 67 grade, eu band tgap - w6610 + _eu industrial en50155 dual rf in ieee 802.11 a /b/g/n wireless access point with 1 x10/100 /1000 base - t(x) , poe p.d., ip - 67 grade, eu band tgap - w6610+ - m12 _us industrial en50155 dual rf in ieee 802.11 a /b/g/n wireless access point with 1 x10/100 /1000 base - t(x), poe p.d., m12 connector , ip - 67 grade, eu band tgap - w6610+ - m12 _eu industrial en50155 dual rf in ieee 802.11 a /b/g/n wireless access point with 1 x10/100 /1000 base - t(x) , poe p.d., m12 connector , ip - 67 grade, eu band
* all specifications are subject to change without notice. designed for rugged excellence packing list o optional accessories o ? tgap - w6610 + x 1 ? wall mount kit x 1 ? quick installation guide x 1 ? cable gland x 1(tgap - w6610+) ? cd x 1 ? 2.4ghz/5ghz antenna x 4 ? dr - 45 series : 45 watts power supply ? dr - 120 series : 120 watts power supply ? rf antenna base series ? dr - 75 series : 75 watts power supply ? wlan rf antenna series ? rf cable series


▲Up To Search▲   

 
Price & Availability of TGAP-W6610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X